Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5-104693-6 Datasheet(PDF) 5 Page - Tyco Electronics

Part # 5-104693-6
Description  AMPMODU Interconnection System
Download  321 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

5-104693-6 Datasheet(HTML) 5 Page - Tyco Electronics

  5-104693-6 Datasheet HTML 1Page - Tyco Electronics 5-104693-6 Datasheet HTML 2Page - Tyco Electronics 5-104693-6 Datasheet HTML 3Page - Tyco Electronics 5-104693-6 Datasheet HTML 4Page - Tyco Electronics 5-104693-6 Datasheet HTML 5Page - Tyco Electronics 5-104693-6 Datasheet HTML 6Page - Tyco Electronics 5-104693-6 Datasheet HTML 7Page - Tyco Electronics 5-104693-6 Datasheet HTML 8Page - Tyco Electronics 5-104693-6 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 321 page
background image
5
1307819
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
Germany: 49-6251-133-1999
CIS WR 08/2011
millimeters unless otherwise
reference purposes only.
Canada: 1-905-475-6222
China: 86-400-820-6015
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
te.com
are metric equivalents.
to change.
L. & S. America: 54-11-4733-2200
UK: 44-800-267-666
AMPMODU Interconnection System
1
PC/104 and PC/104-Plus Connectors
The PC/104 and PC/104-
Plus
connectors are industry
standard product offerings
which comply with the
interconnection require-
ments defined by the
PC/104 organization
(http://www.pc104.org)
Both products are designed
specifically for “flat-rock”
press-fit installation for ease
of application. Solder ver-
sion is also available.
Optional integral standoffs
minimize the customer’s
system assembly time.
The TE offering of the
standard PC/104 product is
a unitized connector rather
than the two piece, 40 and
64 position connectors
currently on the market.
Customer needs to stock
and apply only one part
number rather than two.
Performance Specifications
Electrical Characteristics
Meets requirements of PC/104 and
PC/104-Plus standards
Nominal Resistance —
10 milliohms maximum, D R
Insulation Resistance —
1000 megohms minimum
Dielectric Withstanding Voltage —
500 VAC for 1 min. at sea level
Mechanical Characteristics
Meets requirements of PC/104 and
PC/104-Plus standards
Current — Signal application only
Temperature — –55° to 105°C
Material and Finish
Housing — Black Thermoplastic, UL
94V-0
Contact — Phosphor Bronze, Full Gold
all over Nickel (stackthrough), Gold on
mating end, Tin or Tin-lead on PCB tail
all over Nickel (non-stackthrough)
Need more information?
Call Technical
Support 1-800-522-6752:
Technical Support is staffed
with specialists well versed
in all TE products. The
Center can provide you
with:
I
Technical Support
I
Catalogs
I
Technical Documents
I
TE Authorized Distributor
Locations
Technical Documents
Product Specifications
108-1956
Application Specifications
114-13021
Connector
Centerline
Position
PC/104
.100
104*
2.54
PC/104-Plus
.079
120**
2.0
*Two circuits plugged per PC/104 specification.
Other options available.
**One circuit plugged per PC/104-Plus specifica-
tion. Other options available.
Product Facts
I
Press fit design —
eliminates hand soldering
I
Unitized PC/104 connector
assembly — eliminates two
piece (64 pin & 40 pin)
configuration
I
Integral board spacers with
captive hardware — eases
& improves assembly
efficiency while minimizing
stocked hardware
I
“Flat-rock” insertable — no
need for complex insertion
tooling
I
Recognized by Underwriters'
Laboratories to US
and Canadian
standards
file No. E28476
I
Fully compliant with PC104
& PC104-Plus standards
I
Solutions available for lead
free processes (ie. ENIG
and silver immersion plated
PCB's)


Similar Part No. - 5-104693-6

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5-104693-6 MACOM-5-104693-6 Datasheet
240Kb / 1P
   HEADER ASSEMBLY, SURFACE MOUNT, AMPMODU 50/50 GRID
5-104693-6 MACOM-5-104693-6 Datasheet
3Mb / 100P
   Ribbon Cable Connector Selection Guide
More results

Similar Description - 5-104693-6

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-102974-0 MACOM-1-102974-0 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
4-146260-0 MACOM-4-146260-0 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-146139-5 MACOM-1-146139-5 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-146261-7 MACOM-1-146261-7 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
103309-1 MACOM-103309-1 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
5-1375582-7 MACOM-5-1375582-7 Datasheet
4Mb / 98P
   AMPMODU Interconnection System
5-146130-3 MACOM-5-146130-3 Datasheet
3Mb / 96P
   AMPMODU .025 [0.64] Square Interconnection System
5-146130-7 MACOM-5-146130-7 Datasheet
3Mb / 96P
   AMPMODU .025 [0.64] Square Interconnection System
767054-1 MACOM-767054-1 Datasheet
945Kb / 28P
   STEP-Z Interconnection System
logo
TE Connectivity Ltd
1654400-1 TEC-1654400-1 Datasheet
5Mb / 64P
   GET.64 Interconnection System
4-2010.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com