Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APA2120 Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APA2120
Description  Stereo 2-W Audio Power Amplifier (with DC_Volume Control)
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA2120 Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APA2120_13 Datasheet HTML 1Page - Anpec Electronics Coropration APA2120_13 Datasheet HTML 2Page - Anpec Electronics Coropration APA2120_13 Datasheet HTML 3Page - Anpec Electronics Coropration APA2120_13 Datasheet HTML 4Page - Anpec Electronics Coropration APA2120_13 Datasheet HTML 5Page - Anpec Electronics Coropration APA2120_13 Datasheet HTML 6Page - Anpec Electronics Coropration APA2120_13 Datasheet HTML 7Page - Anpec Electronics Coropration APA2120_13 Datasheet HTML 8Page - Anpec Electronics Coropration APA2120_13 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Jul., 2013
APA2120/2121
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and advise
customers to obtain the latest version of relevant information to verify before placing orders.
Stereo 2-W Audio Power Amplifier (with DC_Volume Control)
APA2120/1 is a monolithic integrated circuit, which pro-
vides precise DC volume control, and a stereo bridged
audio power amplifiers is capable of producing 2.7W(2.
0W) into 3
Ω with less than 10% (1.0%)THD+N. The at-
tenuator range of the volume control in APA2120/1 is from
20dB (DC_Vol=0V) to -80dB (DC_Vol=3.54V) with 32
steps. The advantage of internal gain setting can be less
components and PCB area. Both of the depop circuitry
and the thermal shutdown protection circuitry are inte-
grated in APA2120/1 and reduce pops and clicks noise
during power up or shutdown mode operation. It also
improves the power off pop noise and protects the chip
from being destroyed by over temperature and short cur-
rent failure. To simplify the audio system design, APA2120/
1 combines a stereo bridge-tied loads (BTL) mode for
speaker drive and a stereo single-end (SE) mode for head-
phone drive into a single chip, where both modes are
easily switched by the SE/BTL input control pin signal.
Besides, the multiple input selection is used for portable
audio system.
Low Operating Current with 14mA
Improved Depop Circuitry to Eliminate Turn-on
and Turn-off Transients in Outputs
High PSRR
32 Steps Volume Adjustable by DC Voltage with
Hysteresis
2W Per Channel Output Power into 4
Ω Load at
5V, BTL Mode
Two Output Modes Allowable with BTL and SE
Modes Selected by SE/BTL Pin
Low Current Consumption in Shutdown Mode
(50
µA)
Short Circuit Protection
Power off Depop Circuit Integration
TSSOP-24P with or without Thermal Pad
Package
Lead Free and Green Devices Available
(RoHS Compliant)
Features
Applications
General Description
Ordering and Marking Information
NoteBook PC
LCD Monitor or TV
Note: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish; which
are fully compliant with RoHS. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J-STD-020D for
MSL classification at lead-free peak reflow temperature. ANPEC defines “Green” to mean lead-free (RoHS compliant) and halogen
free (Br or Cl does not exceed 900ppm by weight in homogeneous material and total of Br and Cl does not exceed 1500ppm by
weight).
APA2120/1
Handling Code
Temperature Range
Package Code
Package Code
R : TSSOP-24P
Operating Ambient Temperature Range
I : - 40 to 85 oC
Handling Code
TR : Tape & Reel
Assembly Material
G : Halogen and Lead Free Device
APA2120/1 R :
APA2120/1
XXXXX
XXXXX - Date Code
Assembly Material


Similar Part No. - APA2120_13

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA2120RI-TR ANPEC-APA2120RI-TR Datasheet
248Kb / 30P
   Stereo 2-W Audio Power Amplifier (with DC_Volume Control)
APA2120RI-TU ANPEC-APA2120RI-TU Datasheet
248Kb / 30P
   Stereo 2-W Audio Power Amplifier (with DC_Volume Control)
APA2120RI-TY ANPEC-APA2120RI-TY Datasheet
248Kb / 30P
   Stereo 2-W Audio Power Amplifier (with DC_Volume Control)
More results

Similar Description - APA2120_13

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA2120 ANPEC-APA2120 Datasheet
248Kb / 30P
   Stereo 2-W Audio Power Amplifier (with DC_Volume Control)
APA2065 ANPEC-APA2065 Datasheet
451Kb / 25P
   Stereo 2.7-W Audio Power Amplifier (with DC_Volume Control)
APA2068 ANPEC-APA2068_12 Datasheet
423Kb / 24P
   Stereo 2.6W Audio Power Amplifier (With DC_Volume Control)
APA2069 ANPEC-APA2069_11 Datasheet
389Kb / 23P
   Stereo 2.6W Audio Power Amplifier (with DC_Volume Control)
logo
Unisonic Technologies
PA7469 UTC-PA7469 Datasheet
322Kb / 12P
   STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC_VOLUME CONTROL)
logo
Anpec Electronics Corop...
APA2068 ANPEC-APA2068 Datasheet
495Kb / 27P
   Stereo 2.6W Audio Power Amplifier (with DC_Volume Control)
APA2069 ANPEC-APA2069 Datasheet
464Kb / 26P
   Stereo 2.6W Audio Power Amplifier (with DC_Volume Control)
logo
Texas Instruments
TPA0132 TI-TPA0132 Datasheet
449Kb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0142 TI-TPA0142 Datasheet
455Kb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0152 TI-TPA0152 Datasheet
444Kb / 29P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com