Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1-84981-9 Datasheet(PDF) 8 Page - Tyco Electronics

Part # 1-84981-9
Description  FPC Connector Family
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1-84981-9 Datasheet(HTML) 8 Page - Tyco Electronics

Back Button 1-84981-9 Datasheet HTML 4Page - Tyco Electronics 1-84981-9 Datasheet HTML 5Page - Tyco Electronics 1-84981-9 Datasheet HTML 6Page - Tyco Electronics 1-84981-9 Datasheet HTML 7Page - Tyco Electronics 1-84981-9 Datasheet HTML 8Page - Tyco Electronics 1-84981-9 Datasheet HTML 9Page - Tyco Electronics 1-84981-9 Datasheet HTML 10Page - Tyco Electronics 1-84981-9 Datasheet HTML 11Page - Tyco Electronics 1-84981-9 Datasheet HTML 12Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
8
Catalog 1-1773440-6
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 05-06
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are standard equivalents.
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
FPC Connector Family
Product Dimensions (Continued)
1.0 mm, FPC Connector,
ZIF Vertical, SMT
Part Number
440347
Lead Free
1734248
Material and Finish
Housing — Thermoplastic, UL 94V-O,
black color
Actuator — PPS, UL 94V-O, brown
color
Contact — Phosphor bronze
Technical Documents
Product Specification — 108-57080
1.00
[.039]
Typ.
Typ.
1.00
[.039]
0.70
[.028]
2.70
[.106]
Min.
Recommended FPC Layout
1.00
[.039] ✕
(No. of Contact + 1)
Typ.
C
B
A
1.00
[.039]
Typ.
0.25
[.010]
0.33
[.013]
4.60
[.181]
3.00
[.118]
2 Plcs.
Actuator
Circuit No. 1
Housing
0.60
[.024]
1.45
[.057]
1.25
[.049]
7.70
[.303]
3.90
[.154]
5.50
[.217]
0.60
[.024]
Typ.
Typ.
2.90
[.114]
0.95
[.037]
0.90
[.035]
Circuit No. 1
1.00
[.039]
4.20
[.165]
2 Plcs.
1.65
[.065]
Recommended PCB Layout
1x(Number of Contact -1)


Similar Part No. - 1-84981-9

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-84981-9 MACOM-1-84981-9 Datasheet
64Kb / 1P
   ASSY, 1.00MM FFC CONN SMT, H
1-84981-9 MACOM-1-84981-9 Datasheet
643Kb / 32P
   FPC Connector Family
1-84981-9 MACOM-1-84981-9 Datasheet
662Kb / 32P
   FPC Connector Family
More results

Similar Description - 1-84981-9

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-1734742-8 MACOM-1-1734742-8 Datasheet
643Kb / 32P
   FPC Connector Family
1-1734742-2 MACOM-1-1734742-2 Datasheet
643Kb / 32P
   FPC Connector Family
1-84533-5 MACOM-1-84533-5 Datasheet
643Kb / 32P
   FPC Connector Family
1-1470359-2 MACOM-1-1470359-2 Datasheet
662Kb / 32P
   FPC Connector Family
487952 MACOM-487952 Datasheet
662Kb / 32P
   FPC Connector Family
logo
Molex Electronics Ltd.
FFC-FPC MOLEX11-FFC-FPC Datasheet
7Mb / 1P
   FFC-FPC SMT Family Overview
502250-1791 MOLEX-502250-1791 Datasheet
1Mb / 2P
   FPC Connector
501912-1590 MOLEX-501912-1590 Datasheet
460Kb / 2P
   FPC Connector
logo
Japan Aviation Electron...
FA10 JAE-FA10 Datasheet
1Mb / 6P
   0.5mm Pitch FPC Connector
logo
Newhaven Display Intern...
MOLEX52745-0496 NEWHAVEN-MOLEX52745-0496 Datasheet
161Kb / 9P
   PITCH FPC CONNECTOR series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com