Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APA2180HAI-TRG Datasheet(PDF) 11 Page - Anpec Electronics Coropration

Part # APA2180HAI-TRG
Description  Low Supply Current, 50mW Stereo Cap-Free Headphone Driver
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA2180HAI-TRG Datasheet(HTML) 11 Page - Anpec Electronics Coropration

Back Button APA2180HAI-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APA2180HAI-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APA2180HAI-TRG Datasheet HTML 9Page - Anpec Electronics Coropration APA2180HAI-TRG Datasheet HTML 10Page - Anpec Electronics Coropration APA2180HAI-TRG Datasheet HTML 11Page - Anpec Electronics Coropration APA2180HAI-TRG Datasheet HTML 12Page - Anpec Electronics Coropration APA2180HAI-TRG Datasheet HTML 13Page - Anpec Electronics Coropration APA2180HAI-TRG Datasheet HTML 14Page - Anpec Electronics Coropration APA2180HAI-TRG Datasheet HTML 15Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Dec., 2012
APA2180
www.anpec.com.tw
11
Operating Waveforms (Cont.)
GSM Power Supply Rejection vs. Time
2
3
1
V
LOUT
V
DD
V
ROUT
CH1: V
DD, 200mV/Div, DC, Offset=3.6V
TIME:2ms/Div
CH2: V
LOUT, 20mV/Div, DC
CH3: V
ROUT, 20mV/Div, DC
V
DD=3.6V, RL=32Ω
PIN
NO.
WLCSP
1.6x1.6-12
TDFN3x3-12
NAME
I/O/P
FUNCTION
A1
11
CVSS
O
Charge pump output, connect to the “VSS”.
A2
10
CPN
I/O
Charge pump flying capacitor negative connection.
A3
9
PGND
P
Charge pump’s ground.
A4
8
CPP
I/O
Charge pump flying capacitor positive connection.
B1
12
VSS
P
Headphone driver negative power supply.
B2
3
SDN
I
Shutdown mod control input signal, pull low for shutdown
headphone driver.
B3
7
GND
P
Ground connection for circuitry.
B4
6
VDD
P
Supply voltage input pin.
C1
1
LOUT
O
Left channel output for headphone.
C2
2
ROUT
O
Right channel output for headphone.
C3
4
LIN
I
Left channel input terminal.
C4
5
RIN
I
Right channel input terminal.
Pin Description


Similar Part No. - APA2180HAI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA2181 ANPEC-APA2181 Datasheet
583Kb / 21P
   Low Supply Current, 50mW Stereo Cap-Free Headphone Driver
APA2181DHAI-TRG ANPEC-APA2181DHAI-TRG Datasheet
583Kb / 21P
   Low Supply Current, 50mW Stereo Cap-Free Headphone Driver
APA2181MHAI-TRG ANPEC-APA2181MHAI-TRG Datasheet
583Kb / 21P
   Low Supply Current, 50mW Stereo Cap-Free Headphone Driver
More results

Similar Description - APA2180HAI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA2181 ANPEC-APA2181 Datasheet
583Kb / 21P
   Low Supply Current, 50mW Stereo Cap-Free Headphone Driver
APA2178 ANPEC-APA2178 Datasheet
612Kb / 30P
   100mW Stereo Cap-Free Headphone Driver
APA2177 ANPEC-APA2177 Datasheet
417Kb / 20P
   25mW Stereo Cap-Free Headphone Driver
APA2176 ANPEC-APA2176 Datasheet
572Kb / 28P
   270mW Stereo Cap-Free Headphone Driver
APA2177 ANPEC-APA2177_17 Datasheet
355Kb / 22P
   25mW Stereo Cap-Free Headphone Driver
logo
Diodes Incorporated
PAM8901 DIODES-PAM8901 Datasheet
612Kb / 13P
   25mW TRUE CAP FREE STEREO HEADPHONE AMPLIFIER
logo
Anpec Electronics Corop...
APA2174 ANPEC-APA2174 Datasheet
417Kb / 21P
   Stereo Cap-Free Line Driver
APA2175 ANPEC-APA2175 Datasheet
367Kb / 19P
   Stereo Cap-Free Line Driver
logo
Integrated Silicon Solu...
IS31AP4912 ISSI-IS31AP4912 Datasheet
295Kb / 9P
   STEREO HEADPHONE DRIVER
IS31AP4912-UTLS2-TR ISSI-IS31AP4912-UTLS2-TR Datasheet
285Kb / 11P
   STEREO HEADPHONE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com