Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APA2603B Datasheet(PDF) 7 Page - Anpec Electronics Coropration

Part # APA2603B
Description  2.5W Stereo Class-D Audio Power Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA2603B Datasheet(HTML) 7 Page - Anpec Electronics Coropration

Back Button APA2603B Datasheet HTML 3Page - Anpec Electronics Coropration APA2603B Datasheet HTML 4Page - Anpec Electronics Coropration APA2603B Datasheet HTML 5Page - Anpec Electronics Coropration APA2603B Datasheet HTML 6Page - Anpec Electronics Coropration APA2603B Datasheet HTML 7Page - Anpec Electronics Coropration APA2603B Datasheet HTML 8Page - Anpec Electronics Coropration APA2603B Datasheet HTML 9Page - Anpec Electronics Coropration APA2603B Datasheet HTML 10Page - Anpec Electronics Coropration APA2603B Datasheet HTML 11Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.5 - Feb., 2013
www.anpec.com.tw
7
APA2603B
Typical Operating Characteristics
Supply Current vs. Supply Voltage
Supply Voltage(V)
0
6
2
4
1
3
5
0
1
2
3
4
5
NO Load
Shutdown Current vs. Supply
Voltage
Supply Voltage(V)
0
6
2
4
1
3
5
0.1
0.2
0.3
0.4
0.5
0.6
AGC Function Output Power vs.
Input AC
Input AC (Vrms)
0.4
1.6
2.0
2.4
0.2
1.2
0.4
0.6
0.8
0.8
1.2
2.8
1.4
1
VDD=5V
RL=4
Av=20dB
AES-17(20kHz)
Frequency (Hz)
Crosstalk vs. Frequency
20
20k
100
1k
10k
-60
-90
-80
-100
-70
R-Channel to L-Channel
L-Channel to R-Channel
VDD=3.3V
RL=4
Po=0.12W
AES-17(20kHz)
AGC Function Output Power vs.
Input AC
Input AC (Vrms)
0.2
0.8
1.0
1.2
0.4
0.6
1.4
0.2
1.2
0.4
0.6
0.8
1.4
1
VDD=5V
RL=8
Av=20dB
AES-17(20kHz)
Gain vs. Volume Voltage
DC Volume Voltage (V)
0
1
2
3
4
5
Gain Down
Gain Up
-60
20
0
-20
-40
VDD=5.0V
No Load
AUX-0025
AES-17(20kHz)


Similar Part No. - APA2603B

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA2603 ANPEC-APA2603 Datasheet
503Kb / 25P
   3W Stereo Class D Audio Power Amplifier (with DC Volume Control)
APA2603A ANPEC-APA2603A Datasheet
607Kb / 28P
   2.8W Stereo Class-D Audio Power Amplifier and Class AB Headphone Driver
APA2603A ANPEC-APA2603A Datasheet
514Kb / 28P
   2.8W Stereo Class-D Audio Power Amplifier and Class AB Headphone Driver
APA2603AJI-TRG ANPEC-APA2603AJI-TRG Datasheet
607Kb / 28P
   2.8W Stereo Class-D Audio Power Amplifier and Class AB Headphone Driver
APA2603AJI-TRG ANPEC-APA2603AJI-TRG Datasheet
514Kb / 28P
   2.8W Stereo Class-D Audio Power Amplifier and Class AB Headphone Driver
More results

Similar Description - APA2603B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4674 NSC-LM4674 Datasheet
844Kb / 18P
   Filterless 2.5W Stereo Class D Audio Power Amplifier
logo
Texas Instruments
LM4674A TI1-LM4674A_14 Datasheet
837Kb / 20P
[Old version datasheet]   Filterless 2.5W Stereo Class D Audio Power Amplifier
logo
National Semiconductor ...
LM4674A NSC-LM4674A Datasheet
838Kb / 18P
   Filterless 2.5W Stereo Class D Audio Power Amplifier
logo
Texas Instruments
LM4674 TI1-LM4674_14 Datasheet
1Mb / 27P
[Old version datasheet]   Filterless 2.5W Stereo Class D Audio Power Amplifier
LM4674A TI-LM4674A_15 Datasheet
804Kb / 19P
[Old version datasheet]   Filterless 2.5W Stereo Class D Audio Power Amplifier
logo
Diodes Incorporated
PAM8003 DIODES-PAM8003 Datasheet
542Kb / 12P
   FILTERLESS 2.5W CLASS-D STEREO AUDIO AMPLIFIER
logo
Skyworks Solutions Inc.
AAT5102 SKYWORKS-AAT5102 Datasheet
3Mb / 19P
   2.5W-Ch Stereo Class D Audio Power Amplifier
logo
Texas Instruments
LM4674 TI1-LM4674 Datasheet
1Mb / 27P
[Old version datasheet]   LM4674 Filterless 2.5W Stereo Class D Audio Power Amplifier
logo
Eutech Microelectronics...
EUA2014 EUTECH-EUA2014 Datasheet
139Kb / 1P
   2.5W Stereo Class-D Audio Power Amplifier with 3D Enhancement
logo
List of Unclassifed Man...
TMPA208DS ETC1-TMPA208DS Datasheet
179Kb / 8P
   2.5W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com