Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APA2606 Datasheet(PDF) 11 Page - Anpec Electronics Coropration

Part # APA2606
Description  2.8W Stereo Class-D Audio Power Amplifier and Class AB Headphone Driver
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA2606 Datasheet(HTML) 11 Page - Anpec Electronics Coropration

Back Button APA2606 Datasheet HTML 7Page - Anpec Electronics Coropration APA2606 Datasheet HTML 8Page - Anpec Electronics Coropration APA2606 Datasheet HTML 9Page - Anpec Electronics Coropration APA2606 Datasheet HTML 10Page - Anpec Electronics Coropration APA2606 Datasheet HTML 11Page - Anpec Electronics Coropration APA2606 Datasheet HTML 12Page - Anpec Electronics Coropration APA2606 Datasheet HTML 13Page - Anpec Electronics Coropration APA2606 Datasheet HTML 14Page - Anpec Electronics Coropration APA2606 Datasheet HTML 15Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.6 - MAr., 2013
www.anpec.com.tw
11
APA2606
Typical Operating Characteristics (Cont.)
Power Dissipation vs. Output Power
Output Power (W)
Rl=4ohm
Rl=8ohm
0.0
0.1
0.2
0.3
0.4
0.0
0.5
1.0
1.5
2.0
2.5


Similar Part No. - APA2606

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA2606 ANPEC-APA2606 Datasheet
462Kb / 27P
   2.8W Stereo Class-D Audio Power Amplifier and Class AB Headphone Driver
APA2606NAI-TRG ANPEC-APA2606NAI-TRG Datasheet
462Kb / 27P
   2.8W Stereo Class-D Audio Power Amplifier and Class AB Headphone Driver
APA2606NI-TRG ANPEC-APA2606NI-TRG Datasheet
462Kb / 27P
   2.8W Stereo Class-D Audio Power Amplifier and Class AB Headphone Driver
APA2606 ANPEC-APA2606_17 Datasheet
462Kb / 27P
   2.8W Stereo Class-D Audio Power Amplifier and Class AB Headphone Driver
More results

Similar Description - APA2606

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA2603A ANPEC-APA2603A Datasheet
607Kb / 28P
   2.8W Stereo Class-D Audio Power Amplifier and Class AB Headphone Driver
APA2606 ANPEC-APA2606_17 Datasheet
462Kb / 27P
   2.8W Stereo Class-D Audio Power Amplifier and Class AB Headphone Driver
APA2603A ANPEC-APA2603A_18 Datasheet
514Kb / 28P
   2.8W Stereo Class-D Audio Power Amplifier and Class AB Headphone Driver
APA2604C ANPEC-APA2604C Datasheet
510Kb / 30P
   3W Stereo Class-D Audio Power Amplifier and Class AB Headphone Driver
logo
Diodes Incorporated
PAM8019 DIODES-PAM8019 Datasheet
776Kb / 12P
   3W STEREO CLASS-D AUDIO AMPLIFIER AND CLASS AB HEADPHONE DRIVER
logo
Anpec Electronics Corop...
APA2605 ANPEC-APA2605 Datasheet
614Kb / 30P
   2.8W Stereo Class-D Audio Power Amplifier
APA2600 ANPEC-APA2600 Datasheet
490Kb / 22P
   2.8W Stereo Class-D Audio Power Amplifier
logo
List of Unclassifed Man...
MS6308 ETC-MS6308 Datasheet
82Kb / 5P
   Class AB stereo headphone driver
logo
Anpec Electronics Corop...
APA2308 ANPEC-APA2308 Datasheet
532Kb / 12P
   Class AB Stereo Headphone Driver
logo
Bookly Micro electronic
CM8608 BOOKLY-CM8608 Datasheet
198Kb / 7P
   Class AB Stereo Headphone Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com