Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APA2605KI-TRG Datasheet(PDF) 10 Page - Anpec Electronics Coropration

Part # APA2605KI-TRG
Description  2.8W Stereo Class-D Audio Power Amplifier
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA2605KI-TRG Datasheet(HTML) 10 Page - Anpec Electronics Coropration

Back Button APA2605KI-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APA2605KI-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APA2605KI-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APA2605KI-TRG Datasheet HTML 9Page - Anpec Electronics Coropration APA2605KI-TRG Datasheet HTML 10Page - Anpec Electronics Coropration APA2605KI-TRG Datasheet HTML 11Page - Anpec Electronics Coropration APA2605KI-TRG Datasheet HTML 12Page - Anpec Electronics Coropration APA2605KI-TRG Datasheet HTML 13Page - Anpec Electronics Coropration APA2605KI-TRG Datasheet HTML 14Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.7 - Mar., 2013
www.anpec.com.tw
10
APA2605
Typical Operating Characteristics (Cont.)
Mute Attenuation vs. Frequency
Shutdown Attenuation vs. Frequency
Frequency (Hz)
T
V
DD=5.0V
R
L=4Ω
A
V=20dB
V
O=1Vrms
AUX-0025
AES-17(20kHz)
SOP-18
-120
-80
-110
-100
-90
Right Channel
Left Channel
20
20k
100
1k
10k
T
V
DD=5.0V
R
L=4Ω
A
V=20dB
V
O=1Vrms
AUX-0025
AES-17(20kHz)
SOP-18
Frequency (Hz)
Right Channel
Left Channel
-100
-60
-90
-80
-70
20
20k
100
1k
10k
Output Noise Voltage vs. Frequency
Output Noise Voltage vs. Frequency
Frequency Response
Frequency Response
V
DD=5.0V
R
L=8Ω
Po=150mW
AUX-0025
SOP-18
Frequency (Hz)
Amplitude,A
V=20dB
Amplitude,A
V=7.6dB
Phase, A
V=20dB
Phase, A
V=7.6dB
+2
+22
+3
+4
+5
+6
+7
+8
+9
+10
+11
+12
+13
+14
+15
+16
+17
+18
+19
+20
+21
10
200k
100
1k
10k
-200
+400
-175
-100
+0
+100
+200
+300
A
V=20dB
A
V=10dB
A
V=6dB
Frequency (Hz)
V
DD=5.0V
R
L=8Ω
Input AC Ground
AUX-0025
AES-17(20kHz)
SOP-18
20
µ
200
µ
40
µ
60
µ
80
µ
100
µ
120
µ
140
µ
160
µ
180
µ
10
20k
100
1k
10k
10
20k
100
1k
10k
V
DD=3.6V
R
L=8Ω
Input AC Ground
AUX-0025
AES-17(20kHz)
SOP-18
Frequency (Hz)
A
V=20dB
A
V=10dB
A
V=6dB
20
µ
200
µ
40
µ
60
µ
80
µ
100
µ
120
µ
140
µ
160
µ
180
µ
10
200k
100
1k
10k
Frequency (Hz)
V
DD=3.6V
R
L=8Ω
Po=70mW
AUX-0025
SOP-18
Amplitude,A
V=20dB
Amplitude,A
V=10dB
Phase, A
V=20dB
Phase, A
V=10dB
+2
+22
+4
+6
+8
+10
+12
+14
+16
+18
+20
-200
+400
-100
+0
+100
+200
+300


Similar Part No. - APA2605KI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA2600 ANPEC-APA2600 Datasheet
490Kb / 22P
   2.8W Stereo Class-D Audio Power Amplifier
APA2600JI-TRG ANPEC-APA2600JI-TRG Datasheet
503Kb / 25P
   3W Stereo Class D Audio Power Amplifier (with DC Volume Control)
APA2600JI-TUG ANPEC-APA2600JI-TUG Datasheet
503Kb / 25P
   3W Stereo Class D Audio Power Amplifier (with DC Volume Control)
APA2600KAI-TRG ANPEC-APA2600KAI-TRG Datasheet
503Kb / 25P
   3W Stereo Class D Audio Power Amplifier (with DC Volume Control)
APA2600KAI-TUG ANPEC-APA2600KAI-TUG Datasheet
503Kb / 25P
   3W Stereo Class D Audio Power Amplifier (with DC Volume Control)
More results

Similar Description - APA2605KI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA2600 ANPEC-APA2600 Datasheet
490Kb / 22P
   2.8W Stereo Class-D Audio Power Amplifier
logo
Maxim Integrated Produc...
MAX9715 MAXIM-MAX9715_V01 Datasheet
343Kb / 13P
   2.8W, Low-EMI, Stereo, Filterless Class D Audio Amplifier
19-3589; Rev 2; 7/08
logo
Anpec Electronics Corop...
APA2606 ANPEC-APA2606_17 Datasheet
462Kb / 27P
   2.8W Stereo Class-D Audio Power Amplifier and Class AB Headphone Driver
APA2603A ANPEC-APA2603A Datasheet
607Kb / 28P
   2.8W Stereo Class-D Audio Power Amplifier and Class AB Headphone Driver
logo
Maxim Integrated Produc...
MAX9715 MAXIM-MAX9715 Datasheet
550Kb / 14P
   2.8W, Low-EMI, Stereo, Filterless Class D Audio Amplifier
Rev 1; 8/05
logo
Anpec Electronics Corop...
APA2606 ANPEC-APA2606 Datasheet
551Kb / 27P
   2.8W Stereo Class-D Audio Power Amplifier and Class AB Headphone Driver
APA2603A ANPEC-APA2603A_18 Datasheet
514Kb / 28P
   2.8W Stereo Class-D Audio Power Amplifier and Class AB Headphone Driver
logo
STMicroelectronics
TS4962 STMICROELECTRONICS-TS4962_07 Datasheet
606Kb / 46P
   2.8W filter-free mono class D audio power amplifier
logo
Anpec Electronics Corop...
APA2011 ANPEC-APA2011 Datasheet
684Kb / 27P
   2.8W Mono Class D Audio Power Amplifier with AGC
logo
Integrated Silicon Solu...
IS31AP2010F ISSI-IS31AP2010F Datasheet
324Kb / 13P
   2.8W@5.0V MONO FILTER-LESS CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com