Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APA2613RI-TRG Datasheet(PDF) 10 Page - Anpec Electronics Coropration

Part # APA2613RI-TRG
Description  6W Stereo Class-D Audio Power Amplifier
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA2613RI-TRG Datasheet(HTML) 10 Page - Anpec Electronics Coropration

Back Button APA2613RI-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APA2613RI-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APA2613RI-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APA2613RI-TRG Datasheet HTML 9Page - Anpec Electronics Coropration APA2613RI-TRG Datasheet HTML 10Page - Anpec Electronics Coropration APA2613RI-TRG Datasheet HTML 11Page - Anpec Electronics Coropration APA2613RI-TRG Datasheet HTML 12Page - Anpec Electronics Coropration APA2613RI-TRG Datasheet HTML 13Page - Anpec Electronics Coropration APA2613RI-TRG Datasheet HTML 14Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.5 - Jul., 2012
www.anpec.com.tw
10
APA2613
Typical Operating Characteristics
Shutdown Current vs. Supply
Voltage
0 2 4
6 8 10 12 14 16 18 20 22 24 26 28 30
Supply Voltage (V)
0
1
2
3
4
5
No Load


Similar Part No. - APA2613RI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA2613A ANPEC-APA2613A Datasheet
474Kb / 25P
   8W Stereo Class-D Audio Power Amplifier
APA2613AQAI-TRG ANPEC-APA2613AQAI-TRG Datasheet
474Kb / 25P
   8W Stereo Class-D Audio Power Amplifier
APA2613ARI-TRG ANPEC-APA2613ARI-TRG Datasheet
474Kb / 25P
   8W Stereo Class-D Audio Power Amplifier
More results

Similar Description - APA2613RI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA2607 ANPEC-APA2607 Datasheet
571Kb / 26P
   6W Stereo Class-D Audio Power Amplifier
logo
List of Unclassifed Man...
TMPA402DS ETC1-TMPA402DS Datasheet
236Kb / 13P
   6W/Ch STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Texas Instruments
LM4940 TI1-LM4940_14 Datasheet
1Mb / 23P
[Old version datasheet]   6W Stereo Audio Power Amplifier
LM4940TSX TI1-LM4940TSX Datasheet
1Mb / 23P
[Old version datasheet]   6W Stereo Audio Power Amplifier
logo
Power Analog Micoelectr...
PAM8606 PAM-PAM8606 Datasheet
292Kb / 16P
   6W Stereo Class-D Audio Power Amplifier with DC Volume Control
logo
AiT Semiconductor Inc.
A2410 AITSEMI-A2410 Datasheet
1Mb / 11P
   AUDIO AMPLIFIER 10W STEREO CLASS-D AUDIO POWER AMPLIFIER
REV2.1
logo
Anpec Electronics Corop...
APA2613A ANPEC-APA2613A Datasheet
474Kb / 25P
   8W Stereo Class-D Audio Power Amplifier
APA3002 ANPEC-APA3002 Datasheet
587Kb / 29P
   12W Stereo Class-D Audio Power Amplifier
APA2603B ANPEC-APA2603B Datasheet
500Kb / 24P
   2.5W Stereo Class-D Audio Power Amplifier
APA2614 ANPEC-APA2614 Datasheet
478Kb / 25P
   15W Stereo Class-D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com