Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1-86182-2 Datasheet(PDF) 3 Page - Tyco Electronics

Part # 1-86182-2
Description  AMPMODU Interconnection System
Download  321 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1-86182-2 Datasheet(HTML) 3 Page - Tyco Electronics

  1-86182-2 Datasheet HTML 1Page - Tyco Electronics 1-86182-2 Datasheet HTML 2Page - Tyco Electronics 1-86182-2 Datasheet HTML 3Page - Tyco Electronics 1-86182-2 Datasheet HTML 4Page - Tyco Electronics 1-86182-2 Datasheet HTML 5Page - Tyco Electronics 1-86182-2 Datasheet HTML 6Page - Tyco Electronics 1-86182-2 Datasheet HTML 7Page - Tyco Electronics 1-86182-2 Datasheet HTML 8Page - Tyco Electronics 1-86182-2 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 321 page
background image
AMPMODU 2mm Connectors
AMPMODU 2mm Connectors (Board to Board) ……………………………………………65
Headers, Unshrouded, Double Row, Thru-Hole Mount ………………………………66, 67
Breakaway Headers, Unshrouded, Double Row, Thru-Hole Mount …………………68-70
Breakaway Headers, Unshrouded, Double Row, Surface Mount ……………………71, 72
Stacking Header, Unshrouded, Double Row, Thru-Hole Mount …………………………73
Headers, Shrouded, Double Row, Thru-Hole, Right-Angle Mount
…………………74, 75
Headers, Shrouded, Double Row, Surface Mount ……………………………………76, 77
Headers, Shrouded, Double Row, Thru-Hole Mount with Cable Shrouds
…………78, 79
Receptacles, Double Row, Thru-Hole, Vertical Mount…………………………………80, 81
Receptacles, Double Row, Surface Mount, Right-Angle Mount …………………………82
Receptacles, Double Row, Thru-Hole, Right-Angle Mount ………………………………83
Receptacles, Double Row, Surface Mount, Vertical Mount ………………………………84
.100 [2.54] x .100 [2.54] CENTERLINE
Introduction ………………………………………………………………………………85-87
Terms Explained ………………………………………………………………………………87
Wire Sizes………………………………………………………………………………………88
Contact Platings ………………………………………………………………………………88
Mating Post Lengths …………………………………………………………………………88
Application Tooling
…………………………………………………………………………88
Board-to-Board Solutions Guides, .100[2.54] Centerline Products …………………89
Wire-to-Board Solutions Guide, .100[2.54] Centerline Products………………………89
Mating Post Selection Guide ………………………………………………………………90
Parallel Stacking Guide for Board-to-Board Applications ……………………………91
Board-to-Board Products:
Unshrouded Headers
………………………………………………………………92-100
Breakaway and Retention Headers-Unshrouded
………………………………101-105
Reeled Breakaway Headers ………………………………………………………106, 107
Surface Mount Breakaway Headers ………………………………………………108-110
Unshrouded Stacking Headers- Breakaway
……………………………………111-113
Shrouded Headers …………………………………………………………………114-140
Standard Profile ……………………………………………………………………114-133
Low Profile …………………………………………………………………………134-140
Shrouded Stacking Headers ………………………………………………………141-144
ACTION PIN Headers ………………………………………………………………145-149
ACTION PIN Press-Fit Posts ………………………………………………………150, 151
Application Tooling for ACTION PIN Posts ……………………………………152, 153
ACTION PIN Stacking Connectors
………………………………………………154-161
Application Tooling for AMP ACTION PIN Stacking Connectors
…………………162
0.025 [0.64] Square Posts ………………………………………………………………163
0.025 [0.64] Square Continuous Posts ……………………………………………164, 165
0.045 [1.14] Square Continuous Posts ……………………………………………166, 167
Horizontal Mount Receptacle Assemblies, Mod II ………………………………168-173
Vertical Mount Receptacle Assemblies, Mod II & Mod IV ………………………174-184
Surface Mount Vertical Receptacles, Mod IV ……………………………………185-192
Two-Piece Printed Circuit Board Connectors ……………………………………193-202
Accessories …………………………………………………………………………203-205
Wire-to-Board Products:
Locking Clip Contacts and Housings
……………………………………………206-209
Mod IV Contacts and Housings ……………………………………………………210-220
Short Point Contacts and Housings ………………………………………………221-224
MTE Interconnection System ………………………………………………………225-250
Surface Mount MTE Headers (Right-Angle & Vertical) ………………………251, 252
Interchangeable Contacts, Wire Crimp (Snap-In) ……………………………253, 254
MT and Shielded MT Connectors …………………………………………………255-265
Mini-Tandem Spring Receptacle Contacts ………………………………………266-269
Application Tooling ……………………………………………………………………270-275
Technical Documents …………………………………………………………………276-278
3
1307819
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
Germany: 49-6251-133-1999
CIS WR 08/2011
millimeters unless otherwise
reference purposes only.
Canada: 1-905-475-6222
China: 86-400-820-6015
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
te.com
are metric equivalents.
to change.
L. & S. America: 54-11-4733-2200
UK: 44-800-267-666
Table of Contents (Continued)
AMPMODU Interconnection System
1
2
3
4
5
6
7
8
4
5


Similar Part No. - 1-86182-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-86177-0 MACOM-1-86177-0 Datasheet
109Kb / 1P
   MOD IV CRIMP SNAP-IN CONNECTOR
1-86177-1 MACOM-1-86177-1 Datasheet
109Kb / 1P
   MOD IV CRIMP SNAP-IN CONNECTOR
1-86177-2 MACOM-1-86177-2 Datasheet
109Kb / 1P
   MOD IV CRIMP SNAP-IN CONNECTOR
1-86177-3 MACOM-1-86177-3 Datasheet
109Kb / 1P
   MOD IV CRIMP SNAP-IN CONNECTOR
1-86177-4 MACOM-1-86177-4 Datasheet
109Kb / 1P
   MOD IV CRIMP SNAP-IN CONNECTOR
More results

Similar Description - 1-86182-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-102974-0 MACOM-1-102974-0 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
4-146260-0 MACOM-4-146260-0 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-146139-5 MACOM-1-146139-5 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-146134-7 MACOM-1-146134-7 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
103309-1 MACOM-103309-1 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
5-1375582-7 MACOM-5-1375582-7 Datasheet
4Mb / 98P
   AMPMODU Interconnection System
5-146130-3 MACOM-5-146130-3 Datasheet
3Mb / 96P
   AMPMODU .025 [0.64] Square Interconnection System
5-146130-7 MACOM-5-146130-7 Datasheet
3Mb / 96P
   AMPMODU .025 [0.64] Square Interconnection System
767054-1 MACOM-767054-1 Datasheet
945Kb / 28P
   STEP-Z Interconnection System
logo
TE Connectivity Ltd
1654400-1 TEC-1654400-1 Datasheet
5Mb / 64P
   GET.64 Interconnection System
4-2010.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com