Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APA3002QCAI-TRG Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APA3002QCAI-TRG
Description  12W Stereo Class-D Audio Power Amplifier
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA3002QCAI-TRG Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APA3002QCAI-TRG Datasheet HTML 1Page - Anpec Electronics Coropration APA3002QCAI-TRG Datasheet HTML 2Page - Anpec Electronics Coropration APA3002QCAI-TRG Datasheet HTML 3Page - Anpec Electronics Coropration APA3002QCAI-TRG Datasheet HTML 4Page - Anpec Electronics Coropration APA3002QCAI-TRG Datasheet HTML 5Page - Anpec Electronics Coropration APA3002QCAI-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APA3002QCAI-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APA3002QCAI-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APA3002QCAI-TRG Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.6 - Sep., 2009
www.anpec.com.tw
4
APA3002
Electrical Characteristics (Cont.)
VDD =12V, DGND=AGND=0V, TA= 25
οC (unless otherwise noted)
APA3002
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
CLASS-D MODE, AV=15.7dB (VOLTAGE GAIN=RATIO OF THE FILTERED OUTPUT VOLTAGE TO INPUT VOLTAGE)
(CONT.)
S/N
With A-Weighting Filter
PO = 5W, RL = 8
-
85
-
dB
VOS
Output Offset Voltage
RL = 8
-
-
20
mV
Vn
Noise Output Voltage
-
250
-
µV
(rms)
High side
-
300
-
Low side
-
250
-
Rds(on)
Power MOSFET Drain-Source
On-State Resistance
IO=1A
Total
-
550
650
m
VAROUT OUTPUT, AV=10dB
PO
Output Power
THD+N = 1%, fin = 1kHz, RL = 32
-
20
-
mW
THD+N = 10%, fin = 1kHz, RL = 32
-
25
-
THD+N
Total Harmonic Distortion Plus
Noise
fin= 1kHz, RL = 32
Ω, P
O = 14mW,
-
0.05
-
%
VO= 1Vrms, RL=47k
Ω, f
in=1kHz
-
0.005
-
Crosstalk
Channel Separation
PO=14mW, RL = 32
Ω, f
in=1kHz,
CB=1
µF
-
63
-
dB
PSRR
Power Supply Rejection Ratio
CB = 1
µF, R
L = 32
Ω, f
in =120Hz,
VRR=0.2Vrms
-
85
-
dB
Vos
Output Offset Voltage
RL = 32
-
-
20
mV
S/N
With A-Weighting Filter
PO= 20mW, RL = 32
Ω,
-
80
-
dB
Vn
Noise Output Voltage
CB = 1
µF
-
30
-
µV
(rms)
LINEAR REGULATORS (LDO)
V5VLDO
5V LDO Regulator Output
I5VLDO =0-100mA, VSD =5V
4.5
5
5.5
V
V2.5VREF
2.5V Reference Voltage
No load
0.45X
V5VLDO
0.50X
V5VLDO
0.55X
V5VLDO
V
PSRR
Power Supply Rejection Ratio
CB = 1
µF, f
in= 120Hz
-
73
-
dB


Similar Part No. - APA3002QCAI-TRG

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
APA300 ACTEL-APA300 Datasheet
1Mb / 174P
   Ultra-Fast Local and Long-Line Network
APA300 ACTEL-APA300 Datasheet
4Mb / 178P
   ProASICPLUS짰 Flash Family FPGAs
logo
Microsemi Corporation
APA300 MICROSEMI-APA300 Datasheet
1Mb / 174P
   ProASICPLUS Flash Family FPGAs
APA300 MICROSEMI-APA300 Datasheet
4Mb / 178P
   ProASICPLUS Flash Family FPGAs
logo
Actel Corporation
APA300 ACTEL-APA300 Datasheet
352Kb / 10P
   ProASICPLUS Flash Family FPGAs
More results

Similar Description - APA3002QCAI-TRG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9741 MAXIM-MAX9741 Datasheet
43Kb / 1P
   12W12W, Filterless, Spread-Spectrum, Stereo, Class D Amplifier
Rev 0; 10/05
MAX9741 MAXIM-MAX9741_V01 Datasheet
1Mb / 16P
   12W12W, Low-EMI, Spread-Spectrum, Stereo, Class D Amplifier
19-3887; Rev 0; 2/06
logo
AiT Semiconductor Inc.
A2410 AITSEMI-A2410 Datasheet
1Mb / 11P
   AUDIO AMPLIFIER 10W STEREO CLASS-D AUDIO POWER AMPLIFIER
REV2.1
logo
Anpec Electronics Corop...
APA2613A ANPEC-APA2613A Datasheet
474Kb / 25P
   8W Stereo Class-D Audio Power Amplifier
APA2603B ANPEC-APA2603B Datasheet
500Kb / 24P
   2.5W Stereo Class-D Audio Power Amplifier
APA2614 ANPEC-APA2614 Datasheet
478Kb / 25P
   15W Stereo Class-D Audio Power Amplifier
APA2622 ANPEC-APA2622 Datasheet
1Mb / 30P
   15W Stereo Class-D Audio Power Amplifier
logo
Integrated Silicon Solu...
IS31AP2118 ISSI-IS31AP2118 Datasheet
310Kb / 9P
   15W STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Richtek Technology Corp...
RT9108N RICHTEK-RT9108N Datasheet
982Kb / 14P
   15W Stereo Class-D Audio Power Amplifier
logo
Anpec Electronics Corop...
APA2607 ANPEC-APA2607 Datasheet
571Kb / 26P
   6W Stereo Class-D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com