Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS12-240 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # GS12-240
Description  RING TONGUE TERMINAL Non-insulated DIN 46234
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GS12-240 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  GS12-240 Datasheet HTML 1Page - List of Unclassifed Manufacturers GS12-240 Datasheet HTML 2Page - List of Unclassifed Manufacturers GS12-240 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
a
87
ø d1
ød2
ød3
r
as
Stud Size
Metric
Part No.
Nominal Size
DIN46234
Tool No.
Qty/box
Dimensions mm (in.)
Applicable Wire
mm2 (AWG#)
2
2.5
3
3.5
4
5
2
2.5
3
3
3.5
3.5
4
4
4
5
5
6
6
8
3
3.5
3.5
4
4
5
5
5
6
6
8
10
12
16
4
5
6
8
10
12
2-0.5
2.5-0.5
3-0.5
3.5-0.5
4-0.5
5-0.5
2.5-1
3-1
3.5-1
4-1
5-1
3-2.5
3.5-2.5
4-2.5
5-2.5
6-2.5
8-2.5
4-6
5-6
6-6
8-6
10-6
GS2-0.5
GS2.5-0.5
GS3-0.5
GS3.5-0.5
GS4-0.5
GS5-0.5
GS2-1
GS2.5-1
GS3-1
GS3L-1
GS3.5-1
GS3.5L-1
GS4S-1
GS4M-1
GS4-1
GS5S-1
GS5-1
GS6S-1
GS6-1
GS8-1
GS3-2.5
GS3.5-2.5
GS3.5L-2.5
GS4S-2.5
GS4-2.5
GS5S-2.5
GS5-2.5
GS5M-2.5
GS6S-2.5
GS6-2.5
GS8-2.5
GS10-2.5
GS12-2.5
GS16-2.5
GS4-6
GS5-6
GS6-6
GS8-6
GS10-6
GS12-6
5.0 (.197)
5.0 (.197)
5.0 (.197)
6.0 (.236)
6.5 (.256)
8.0 (.315)
6.0 (.236)
6.0 (.236)
6.0 (.236)
6.5 (.256)
6.0 (.236)
6.5 (.256)
6.5 (.256)
7.0 (.276)
8.0 (.315)
8.0 (.315)
10.0 (.394)
10.0 (.394)
12.0 (.472)
12.0 (.472)
6.0 (.236)
6.0 (.236)
6.8 (.268)
6.8 (.268)
8.0 (.315)
8.0 (.315)
10.0 (.394)
9.5 (.374)
10.0 (.394)
11.0 (.433)
14.0 (.551)
18.0 (.709)
18.0 (.709)
27.0 (1.063)
8.0 (.315)
10.0 (.394)
11.0 (.433)
14.0 (.551)
18.0 (.709)
18.0 (.709)
2.2 (.087)
2.7 (.106)
3.2 (.126)
3.7 (.146)
4.3 (.169)
5.3 (.209)
2.2 (.087)
2.7 (.106)
3.2 (.126)
3.2 (.126)
3.7 (.146)
3.7 (.146)
4.3 (.169)
4.3 (.169)
4.3 (.169)
5.3 (.209)
5.3 (.209)
6.5 (.256)
6.5 (.256)
8.4 (.331)
3.2 (.126)
3.7 (.146)
3.7 (.146)
4.3 (.169)
4.3 (.169)
5.3 (.209)
5.3 (.209)
5.3 (.209)
6.5 (.256)
6.5 (.256)
8.4 (.331)
10.5 (.413)
13.0 (.512)
17.0 (.669)
4.3 (.169)
5.3 (.209)
6.5 (.256)
8.4 (.331)
10.5 (.413)
13.0 (.512)
5.0 (.197)
5.0 (.197)
5.0 (.197)
5.0 (.197)
6.0 (.236)
6.5 (.256)
4.5 (.177)
4.5 (.177)
4.5 (.177)
3.5 (.138)
4.5 (.177)
3.5 (.138)
3.5 (.138)
5.5 (.217)
6.0 (.236)
6.0 (.236)
6.5 (.256)
6.5 (.256)
10.0 (.394)
10.0 (.394)
4.5 (.177)
4.5 (.177)
4.5 (.177)
4.5 (.177)
6.0 (.236)
6.0 (.236)
6.5 (.256)
6.5 (.256)
6.5 (.256)
7.5 (.295)
10.0 (.394)
12.0 (.472)
12.0 (.472)
16.0 (.630)
6.0 (.236)
6.5 (.256)
7.5 (.295)
10.0 (.394)
12.0 (.472)
12.0 (.472)
9.8 (.386)
9.8 (.386)
9.8 (.386)
12.0 (.472)
11.7 (.461)
11.0 (.433)
11.0 (.433)
11.0 (.433)
11.0 (.433)
8.0 (.315)
11.0 (.433)
8.0 (.315)
8.0 (.315)
11.0 (.433)
12.0 (.472)
12.0 (.472)
13.0 (.512)
13.0 (.512)
17.0 (.669)
17.0 (.669)
11.0 (.433)
11.0 (.433)
11.0 (.433)
11.0 (.433)
12.0 (.472)
12.0 (.472)
14.0 (.551)
12.0 (.472)
14.0 (.551)
16.0 (.630)
17.0 (.669)
20.0 (.787)
20.0 (.787)
26.0 (1.024)
14.0 (.551)
15.0 (.591)
16.0 (.630)
19.0 (.748)
21.0 (.827)
21.0 (.827)
5.0 (.197)
5.0 (.197)
5.0 (.197)
4.0 (.157)
5.0 (.197)
4.0 (.157)
4.0 (.157)
5.0 (.197)
5.0 (.197)
5.0 (.197)
5.0 (.197)
5.0 (.197)
5.0 (.197)
5.0 (.197)
5.0
(.197)
5.0
(.197)
4.8 (.189)
4.8 (.189)
6.0
(.236)
2.3
(.091)
3.6
(.142)
4.0
(.157)
1.0
(.039)
0.5
(.020)
1.6
(.063)
0.8
(.031)
0.8
(.031)
1.0
(.039)
2,000
2,000
2,000
1,000
1,000
500
1,000
0.1 to 0.5
(26 to 22)
0.25 to 1.5
(22 to 16)
>1 to 2.5
(16 to 14)
>2.5 to 6
(12 to 10)
JCH-10
JCH-10
JCH-10
DIN terminals / splices
RING TONGUE TERMINAL Non-insulated DIN 46234
¿d2
Brazed seam
Note :1) Contact J.S.T. Europe N.V., Belgium for the abore tools.
2) Delivery lead times may vary depending on the product. Contact JST for details.


Similar Part No. - GS12-240

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GS120 STMICROELECTRONICS-GS120 Datasheet
136Kb / 10P
   120W/175W DC-DC CONVERTERS FAMILY
logo
Mean Well Enterprises C...
GS120 MEANWELL-GS120 Datasheet
138Kb / 2P
   120WAC-DC Single Output Desktop
GS120 MEANWELL-GS120 Datasheet
166Kb / 2P
   120WAC-DC Single Output Desktop
logo
Semtech Corporation
GS12070 SEMTECH-GS12070 Datasheet
296Kb / 3P
   UHD-SDI Gearbox
GS12081 SEMTECH-GS12081 Datasheet
2Mb / 64P
   12G UHD-SDI Cable Driver
More results

Similar Description - GS12-240

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8216 ETC2-8216 Datasheet
238Kb / 1P
   INSULATED RING TONGUE TERMINAL
logo
Keystone Electronics Co...
8212 KEYSTONE-8212 Datasheet
79Kb / 1P
   INSULATED RING TONGUE TERMINAL
10.19.07
logo
PANDUIT CORP.
P2-12R-X PANDUIT-P2-12R-X Datasheet
83Kb / 1P
   2 BARREL NON- INSULATED RING TONGUE
logo
Adam Technologies, Inc.
5RT-142-295-20-16-J ADAM-TECH-5RT-142-295-20-16-J Datasheet
62Kb / 1P
   RING TERMINAL NON INSULATED
logo
PANDUIT CORP.
P22-6R-C PANDUIT-P22-6R-C Datasheet
72Kb / 1P
   Ring Terminal, Non-Insulated
logo
Adam Technologies, Inc.
5RT-169-315-20-16-T-A ADAM-TECH-5RT-169-315-20-16-T-A Datasheet
57Kb / 1P
   RING TERMINAL NON INSULATED
logo
PANDUIT CORP.
P4-38R-T PANDUIT-P4-38R-T Datasheet
85Kb / 1P
   4 BARREL NON-INSULATED RING TONGUE
P2-14R-T PANDUIT-P2-14R-T Datasheet
83Kb / 1P
   2 BARREL NON-INSULATED RING TONGUE
P18-4R PANDUIT-P18-4R Datasheet
60Kb / 1P
   22-18 BARREL NON-INSULATED RING TONGUE
P14-4R PANDUIT-P14-4R Datasheet
60Kb / 1P
   16-14 BARREL NON-INSULATED RING TONGUE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com