Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL3203A Datasheet(PDF) 6 Page - Anpec Electronics Coropration

Part # APL3203A
Description  Li Charger Protection IC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3203A Datasheet(HTML) 6 Page - Anpec Electronics Coropration

Back Button APL3203A_11 Datasheet HTML 2Page - Anpec Electronics Coropration APL3203A_11 Datasheet HTML 3Page - Anpec Electronics Coropration APL3203A_11 Datasheet HTML 4Page - Anpec Electronics Coropration APL3203A_11 Datasheet HTML 5Page - Anpec Electronics Coropration APL3203A_11 Datasheet HTML 6Page - Anpec Electronics Coropration APL3203A_11 Datasheet HTML 7Page - Anpec Electronics Coropration APL3203A_11 Datasheet HTML 8Page - Anpec Electronics Coropration APL3203A_11 Datasheet HTML 9Page - Anpec Electronics Coropration APL3203A_11 Datasheet HTML 10Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Jul., 2011
www.anpec.com.tw
6
APL3203A/B/C
Operating Waveforms
Refer to the typical application circuit. The test condition is V
IN=5V, TA= 25
oC unless otherwise specified.
Normal Power On
1
2
3
V
IN
V
OUT
CH1: V
IN, 5V/Div, DC
CH2: V
OUT, 2V/Div, DC
TIME: 2ms/Div
C
OUT =1µF, CIN =1µF, ROUT = 10Ω
CH3: I
OUT, 0.5A/Div, DC
I
OUT
V
IN = 0 to 5V
OVP at Power On
1
2
3
V
IN
V
OUT
CH1: V
IN, 10V/Div, DC
CH2: V
OUT, 2V/Div, DC
C
OUT =1µF, CIN =1µF, ROUT = 10Ω
CH3: V
FAULT, 5V/Div, DC
TIME: 2ms/Div
V
FAULT
V
IN = 0 to 12V
Input Over-Voltage Protection
CH1: V
IN, 5V/Div, AC
CH2: V
OUT, 2V/Div, DC
TIME:20
µs/Div
C
OUT = 1µF, CIN=1µF, ROUT=50Ω
CH3: V
FAULT, 5V/Div, DC
Input Over-Voltage Protection
CH1: V
IN, 5V/Div, AC
CH2: V
OUT, 2V/Div, DC
TIME: 20
µs/Div
C
OUT = 1µF, CIN=1µF, ROUT=50Ω
CH3: V
FAULT, 5V/Div, DC
VOUT
VIN
1
3
VFAULT
2
APL3203B
VOUT
VIN
1
3
VFAULT
2
APL3203A/C


Similar Part No. - APL3203A_11

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL3203AQBI-TRG ANPEC-APL3203AQBI-TRG Datasheet
430Kb / 19P
   Li Charger Protection IC
More results

Similar Description - APL3203A_11

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1401DI AOSMD-AOZ1401DI Datasheet
624Kb / 14P
   Li Charger Protection IC
logo
Anpec Electronics Corop...
APL3225 ANPEC-APL3225 Datasheet
236Kb / 15P
   Li Charger Protection IC
APL3205A ANPEC-APL3205A_11 Datasheet
476Kb / 20P
   Li Charger Protection IC
APL3203D ANPEC-APL3203D Datasheet
446Kb / 19P
   Li Charger Protection IC
APL3203A ANPEC-APL3203A Datasheet
430Kb / 19P
   Li Charger Protection IC
APL3205A ANPEC-APL3205A Datasheet
472Kb / 20P
   Li Charger Protection IC
APL3216 ANPEC-APL3216 Datasheet
189Kb / 12P
   Li Charger Protection IC
APL3218 ANPEC-APL3218 Datasheet
490Kb / 20P
   Li Charger Protection IC
APL3213 ANPEC-APL3213 Datasheet
329Kb / 15P
   Li Charger Protection IC
APL3204A ANPEC-APL3204A Datasheet
559Kb / 18P
   Li Charger Protection IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com