Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL3203AQBI-TRG Datasheet(PDF) 9 Page - Anpec Electronics Coropration

Part # APL3203AQBI-TRG
Description  Li Charger Protection IC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3203AQBI-TRG Datasheet(HTML) 9 Page - Anpec Electronics Coropration

Back Button APL3203AQBI-TRG Datasheet HTML 5Page - Anpec Electronics Coropration APL3203AQBI-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APL3203AQBI-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APL3203AQBI-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APL3203AQBI-TRG Datasheet HTML 9Page - Anpec Electronics Coropration APL3203AQBI-TRG Datasheet HTML 10Page - Anpec Electronics Coropration APL3203AQBI-TRG Datasheet HTML 11Page - Anpec Electronics Coropration APL3203AQBI-TRG Datasheet HTML 12Page - Anpec Electronics Coropration APL3203AQBI-TRG Datasheet HTML 13Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Jul., 2011
www.anpec.com.tw
9
APL3203A/B/C
PIN
NO.
NAME
FUNCTION
1
IN
Power Supply Input.
2
GND
Ground.
3
NC
No Connection.
4
FAULT
Fault Indication Pin. This pin goes low when input OVP, OCP, or battery OVP is detected.
5
EN
Enable Input. Pull this pin to high to disable the device and pull this pin to low to enable device.
6
BAT
Battery OVP Sense Pin. Connect to positive terminal of battery through a resistor.
7
ILIM
Over-current Protection Setting Pin. Connect a resistor to GND to set the over-current threshold.
8
OUT
Output Voltage Pin. The output voltage follows the input voltage when no fault is detected.
-
EP
Exposed Thermal Pad. Must be electrically connected to the GND pin.
Pin Description
Block Diagram
Gate Driver and
Control Logic
POR
IN
BAT
ILIM
OUT
OTP
Charge
Pump
FAULT
EN
GND
1V
0.5V
1.2V


Similar Part No. - APL3203AQBI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL3203AQBI-TRG ANPEC-APL3203AQBI-TRG Datasheet
430Kb / 19P
   Li Charger Protection IC
More results

Similar Description - APL3203AQBI-TRG

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1401DI AOSMD-AOZ1401DI Datasheet
624Kb / 14P
   Li Charger Protection IC
logo
Anpec Electronics Corop...
APL3225 ANPEC-APL3225 Datasheet
236Kb / 15P
   Li Charger Protection IC
APL3205A ANPEC-APL3205A_11 Datasheet
476Kb / 20P
   Li Charger Protection IC
APL3203D ANPEC-APL3203D Datasheet
446Kb / 19P
   Li Charger Protection IC
APL3203A ANPEC-APL3203A Datasheet
430Kb / 19P
   Li Charger Protection IC
APL3205A ANPEC-APL3205A Datasheet
472Kb / 20P
   Li Charger Protection IC
APL3216 ANPEC-APL3216 Datasheet
189Kb / 12P
   Li Charger Protection IC
APL3218 ANPEC-APL3218 Datasheet
490Kb / 20P
   Li Charger Protection IC
APL3213 ANPEC-APL3213 Datasheet
329Kb / 15P
   Li Charger Protection IC
APL3204A ANPEC-APL3204A Datasheet
559Kb / 18P
   Li Charger Protection IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com