Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL3205B Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APL3205B
Description  Li Charger Protection IC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3205B Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APL3205B Datasheet HTML 1Page - Anpec Electronics Coropration APL3205B Datasheet HTML 2Page - Anpec Electronics Coropration APL3205B Datasheet HTML 3Page - Anpec Electronics Coropration APL3205B Datasheet HTML 4Page - Anpec Electronics Coropration APL3205B Datasheet HTML 5Page - Anpec Electronics Coropration APL3205B Datasheet HTML 6Page - Anpec Electronics Coropration APL3205B Datasheet HTML 7Page - Anpec Electronics Coropration APL3205B Datasheet HTML 8Page - Anpec Electronics Coropration APL3205B Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Jun., 2011
www.anpec.com.tw
3
APL3205A/B
APL3205A/B
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
POWER-ON-RESET (POR) AND SUPPLY CURRENT
VPOR
IN POR Threshold
VIN rising
2.5
-
2.8
V
VPOR_HYS
IN POR Hysteresis
-
230
-
mV
EN = Low
-
250
350
ICC
IN Supply Current
EN = High
-
100
150
µA
TB(IN)
Input Power-On Blanking Time
VIN rising to VOUT rising
-
8
-
ms
INTERNAL POWER SWITCH AND OUT DISCHARGE RESISTANCE
Power Switch On Resistance
IOUT = 0.5A
-
250
450
m
OUT Discharge Resistance
VOUT = 3V
-
500
-
INPUT OVER-VOLTAGE PROTECTION (OVP)
APL3205A, VIN rising
5.67
5.85
6.00
VOVP
Input OVP Threshold
APL3205B, VIN rising
6.60
6.80
7.00
V
Input OVP Recovery Hysteresis
-
200
-
mV
Input OVP Propagation Delay
-
-
1
µs
TON(OVP)
Input OVP Recovery Time
-
8
-
ms
OVER-CURRENT PROTECTION (OCP)
IOCP
OCP Threshold
RILIM = 25k
930
1000
1200
mA
OCP Threshold Accuracy
IOCP = 300mA to 1500mA
-10
-
+10
%
TB(OCP)
OCP Blanking Time
-
176
-
µs
TON(OCP)
OCP Recovery Time
-
64
-
ms
BATTERY OVER-VOLTAGE PROTECTION
VBOVP
Battery OVP Threshold
VBAT rising
4.30
4.35
4.4
V
Battery OVP Hysteresis
-
270
-
mV
IBAT
BAT Pin Leakage Current
VBAT = 4.4V
-
-
20
nA
TB(BOVP)
Battery OVP Blanking Time
-
176
-
µs
EN LOGIC LEVELS
EN Input Logic High
1.4
-
-
V
EN Input Logic Low
-
-
0.4
V
EN Internal Pull-Low Resistor
-
500
-
k
FAULT LOGIC LEVELS AND DELAY TIME
FAULT Output Low Voltage
Sink 5mA current
-
-
0.4
V
FAULT Pin Leakage Current
VFAULT = 5V
-
-
1
µA
OVER-TEMPERATURE PROTECTION (OTP)
TOTP
Over-Temperature Threshold
-
140
-
°C
Over-Temperature Hysteresis
-
20
-
°C
PSW LOGIC LEVELS
PSW Output Low Threshold
VIN rising, VOUT - VBAT
50
100
150
mV
PSW Output High Threshold
VIN falling, VOUT - VBAT
20
50
80
mV
Refer to the typical application circuit. These specifications apply over V
IN=5V, TA= -40~85°C
, unless otherwise specified. Typical
values are at T
A=25°C.
Electrical Characteristics


Similar Part No. - APL3205B

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL3205BQBI-TRG ANPEC-APL3205BQBI-TRG Datasheet
472Kb / 20P
   Li Charger Protection IC
More results

Similar Description - APL3205B

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1401DI AOSMD-AOZ1401DI Datasheet
624Kb / 14P
   Li Charger Protection IC
logo
Anpec Electronics Corop...
APL3225 ANPEC-APL3225 Datasheet
236Kb / 15P
   Li Charger Protection IC
APL3203D ANPEC-APL3203D Datasheet
446Kb / 19P
   Li Charger Protection IC
APL3203A ANPEC-APL3203A Datasheet
430Kb / 19P
   Li Charger Protection IC
APL3205A ANPEC-APL3205A Datasheet
472Kb / 20P
   Li Charger Protection IC
APL3216 ANPEC-APL3216 Datasheet
189Kb / 12P
   Li Charger Protection IC
APL3218 ANPEC-APL3218 Datasheet
490Kb / 20P
   Li Charger Protection IC
APL3203A ANPEC-APL3203A_11 Datasheet
438Kb / 20P
   Li Charger Protection IC
APL3213 ANPEC-APL3213 Datasheet
329Kb / 15P
   Li Charger Protection IC
APL3204A ANPEC-APL3204A Datasheet
559Kb / 18P
   Li Charger Protection IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com