Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APR301146DI-TRG Datasheet(PDF) 9 Page - Anpec Electronics Coropration

Part # APR301146DI-TRG
Description  MicroPower Microprocessor Reset Circuit
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APR301146DI-TRG Datasheet(HTML) 9 Page - Anpec Electronics Coropration

Back Button APR301146DI-TRG Datasheet HTML 5Page - Anpec Electronics Coropration APR301146DI-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APR301146DI-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APR301146DI-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APR301146DI-TRG Datasheet HTML 9Page - Anpec Electronics Coropration APR301146DI-TRG Datasheet HTML 10Page - Anpec Electronics Coropration APR301146DI-TRG Datasheet HTML 11Page - Anpec Electronics Coropration APR301146DI-TRG Datasheet HTML 12Page - Anpec Electronics Coropration APR301146DI-TRG Datasheet HTML 13Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Jan., 2009
APR3011/2/3
www.anpec.com.tw
9
Application Information
V
CC Transient Rejection
The APR3011/2/3 have the function to reject the transient
glitches from the power line. The Maximum Transient
Duration vs. Reset Threshold Overdrive shows at Typical
Characteristics.The transient voltage with the duration
under the curve will not generate a reset signal, e.g. a
transient of 100mV below the reset threshold voltage has
the duration more than 35
µs, it will generate a reset signal.
Connect a 0.1
µF bypass capacitor to the V
CC pin can im-
prove the transient immunity.
Reset Output
The APR3011/2/3 have 3 output stage versions: APR3001
is an active low push-pull output. When the V
CC drops
below the reset threshold, the RESET output generates
a low signal. APR3012 is an active high push-pull output.
When the V
CC drops below the reset threshold, the RE-
SET output generates a high signal (see Timing Chart).
APR3013 is an active low open drain output, the RESET
output must be connected a pull-up resistor to a supply
voltage that is lower than 6V, it suits to use in multiple
voltage systems (see Figure 2). The APR3011 RESET
output is valid until the V
CC=1.2V; when it is below 1.2V,
the IC is shutdown, and the output becomes a floating
state. If it is a trouble, a resistor should be connected
from reset output to the ground to keep the reset output
low (see Figure 1). For the APR3012, a pull-up resistor to
V
CC is required to keep the valid reset output for VCC below
1.2V.
Figure 1. Ensuring RESET Valid to VCC = 0 V
Figure 2. APR3013 Open Drain Output with Multiple Supplies
VCC
APR3013
RESET
GND
+3.3V
+5.0V
VCC
GND
RESET
INPUT
5V
System
100K
RESET
VCC
GND
VCC
100K


Similar Part No. - APR301146DI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APR3011 ANPEC-APR3011 Datasheet
141Kb / 15P
   MicroPower Microprocessor Reset Circuit
APR3011-15A ANPEC-APR3011-15A Datasheet
141Kb / 15P
   MicroPower Microprocessor Reset Circuit
APR3011-15B ANPEC-APR3011-15B Datasheet
141Kb / 15P
   MicroPower Microprocessor Reset Circuit
APR3011-16A ANPEC-APR3011-16A Datasheet
141Kb / 15P
   MicroPower Microprocessor Reset Circuit
APR3011-16B ANPEC-APR3011-16B Datasheet
141Kb / 15P
   MicroPower Microprocessor Reset Circuit
More results

Similar Description - APR301146DI-TRG

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3532 ANALOGICTECH-AAT3532 Datasheet
230Kb / 8P
   MicroPower??Microprocessor Reset Circuit
AAT3520 ANALOGICTECH-AAT3520_06 Datasheet
99Kb / 9P
   MicroPower??Microprocessor Reset Circuit
logo
Anpec Electronics Corop...
APR3001 ANPEC-APR3001 Datasheet
142Kb / 15P
   MicroPower Microprocessor Reset Circuit
APR3011 ANPEC-APR3011 Datasheet
141Kb / 15P
   MicroPower Microprocessor Reset Circuit
logo
Advanced Analog Technol...
AAT3532 AAT-AAT3532 Datasheet
103Kb / 8P
   MicroPower??Microprocessor Reset Circuit
logo
Anpec Electronics Corop...
APR3021 ANPEC-APR3021 Datasheet
141Kb / 15P
   MicroPower Microprocessor Reset Circuit
logo
Advanced Analogic Techn...
AAT3532 ANALOGICTECH-AAT3532_05 Datasheet
103Kb / 8P
   MicroPower??Microprocessor Reset Circuit
AAT3520 ANALOGICTECH-AAT3520 Datasheet
225Kb / 8P
   MicroPower Microprocessor Reset Circuit
logo
Advanced Analog Technol...
AAT3520 AAT-AAT3520 Datasheet
99Kb / 9P
   MicroPower??Microprocessor Reset Circuit
logo
Anpec Electronics Corop...
APR3001 ANPEC-APR3001_08 Datasheet
217Kb / 16P
   MicroPower Microprocessor Reset Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com