Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1720-44CX Datasheet(PDF) 4 Page - Analog Intergrations Corporation

Part # AIC1720-44CX
Description  100mA Low Dropout Linear Regulator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1720-44CX Datasheet(HTML) 4 Page - Analog Intergrations Corporation

  AIC1720-44CX Datasheet HTML 1Page - Analog Intergrations Corporation AIC1720-44CX Datasheet HTML 2Page - Analog Intergrations Corporation AIC1720-44CX Datasheet HTML 3Page - Analog Intergrations Corporation AIC1720-44CX Datasheet HTML 4Page - Analog Intergrations Corporation AIC1720-44CX Datasheet HTML 5Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
AIC1720
4
ELECTRICAL CHARACTERISTICS
Dropout Voltage vs Load Current
Load Current (mA)
0
204060
80
100
0
100
200
300
400
500
600
700
V
OUT =5.0V
V
OUT =4.4V
V
OUT =3.6V
V
OUT=3.0V
PHYSICAL DIMENSIONS
SOT-89 (unit: mm)
SYMBOL
MIN
MAX
A
1.40
1.60
B
0.36
0.48
C
0.35
0.44
D
4.40
4.60
D1
1.62
1.83
E
2.29
2.60
e
1.50 (TYP.)
e1
3.00 (TYP.)
H
3.94
4.25
B
e
H
e1
D
D1
A
C
L
E
L
0.89
1.20
SOT-89 MARKING
Part No.
Marking
AIC1720-30CX
AIC1720-33CX
AIC1720-36CX
AIC1720-44CX
AIC1720-50CX


Similar Part No. - AIC1720-44CX

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1721 AIC-AIC1721 Datasheet
208Kb / 6P
   3-pin Low Dropout Linear Regulator
AIC1721-5CX AIC-AIC1721-5CX Datasheet
208Kb / 6P
   3-pin Low Dropout Linear Regulator
AIC1721-5CZ AIC-AIC1721-5CZ Datasheet
208Kb / 6P
   3-pin Low Dropout Linear Regulator
AIC1721CX AIC-AIC1721CX Datasheet
208Kb / 6P
   3-pin Low Dropout Linear Regulator
AIC1721CZ AIC-AIC1721CZ Datasheet
208Kb / 6P
   3-pin Low Dropout Linear Regulator
More results

Similar Description - AIC1720-44CX

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS8221 CHERRY-CS8221 Datasheet
149Kb / 6P
   Micropower 5V, 100mA Low Dropout Linear Regulator
logo
Linear Technology
LT3020-1.2 LINER-LT3020-1.2_15 Datasheet
221Kb / 16P
   100mA, Low Voltage, Very Low Dropout Linear Regulator
LT3020IMS8 LINER-LT3020IMS8 Datasheet
192Kb / 16P
   100mA, Low Voltage, Very Low Dropout Linear Regulator
LT3020-1.5 LINER-LT3020-1.5_15 Datasheet
221Kb / 16P
   100mA, Low Voltage, Very Low Dropout Linear Regulator
LT3020 LINER-LT3020_15 Datasheet
221Kb / 16P
   100mA, Low Voltage, Very Low Dropout Linear Regulator
LT3020 LINER-LT3020 Datasheet
207Kb / 16P
   100mA, Low Voltage, Very Low Dropout Linear Regulator
LT3020-1.8 LINER-LT3020-1.8_15 Datasheet
221Kb / 16P
   100mA, Low Voltage, Very Low Dropout Linear Regulator
logo
Texas Instruments
REG101-25 TI1-REG101-25 Datasheet
797Kb / 23P
[Old version datasheet]   100mA Low-Dropout Regulator
logo
Micrel Semiconductor
MIC5200 MICREL-MIC5200_05 Datasheet
179Kb / 10P
   100mA Low-Dropout Regulator
logo
Richtek Technology Corp...
RT9058 RICHTEK-RT9058 Datasheet
179Kb / 9P
   36V, 2A IQ, 100mA Low Dropout Voltage Linear Regulator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com