Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDBV6-70DWC-G Datasheet(PDF) 3 Page - Comchip Technology

Part # CDBV6-70DWC-G
Description  Small Signal Schottky Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBV6-70DWC-G Datasheet(HTML) 3 Page - Comchip Technology

  CDBV6-70DWC-G Datasheet HTML 1Page - Comchip Technology CDBV6-70DWC-G Datasheet HTML 2Page - Comchip Technology CDBV6-70DWC-G Datasheet HTML 3Page - Comchip Technology CDBV6-70DWC-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Reel Taping Specification
Small Signal Schottky Diodes
Page 3
QW-BA008
REV:A
B
C
d
D
D2
D1
SOT-363
SYMBOL
A
(mm)
(inch)
2.142 ± 0.039
4.00 ± 0.10
ø1.50± 0.05
54.40 ± 1.0
13.00 ± 1.0
4.00 ± 0.10
2.00 ± 0.10
ø178 ± 2.00
ø0.059 0.002
+
ø7.008 ± 0.079
0.512 ± 0.039
SYMBOL
(mm)
(inch)
0.158 ± 0.004
0.158 ± 0.004
0.079 ± 0.004
E
F
P
P0
P1
W
W1
1.75 ± 0.10
0.069 ± 0.004
3.50 ± 0.10
0.138 ± 0.004
SOT-363
2.25 ± 0.05
0.087 ± 0.002
2.55 ± 0.05
0.100 ± 0.002
1.20 ± 0.05
0.047 ± 0.002
9.50 ± 1.00
0.374 ± 0.039
8.00 0.30 /
+
–0.10
0.315 0.012 /
+
–0.004
d
P1
P0
A
P
C
Leader Tape
100±2 Empty Pockets
Components
Trailer Tape
50±2 Empty Pockets


Similar Part No. - CDBV6-70DWC-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBV6-70BRW-G COMCHIP-CDBV6-70BRW-G Datasheet
137Kb / 4P
   Small Signal Schottky Diodes
More results

Similar Description - CDBV6-70DWC-G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TMMBAT47 STMICROELECTRONICS-TMMBAT47 Datasheet
63Kb / 5P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Micro Commercial Compon...
BAT86 MCC-BAT86 Datasheet
159Kb / 1P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
SD101AW VISHAY-SD101AW Datasheet
99Kb / 6P
   Small Signal Schottky Diodes
Rev. 1.4, 16-Dec-05
logo
Micro Commercial Compon...
SD103A MCC-SD103A Datasheet
121Kb / 3P
   Small Signal Schottky Diodes
logo
STMicroelectronics
BAR18 STMICROELECTRONICS-BAR18 Datasheet
224Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODES
BAR42 STMICROELECTRONICS-BAR42 Datasheet
54Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Galaxy Semi-Conductor H...
LL5712 BILIN-LL5712 Datasheet
61Kb / 3P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
BAS281 VISHAY-BAS281_12 Datasheet
175Kb / 4P
   Small Signal Schottky Diodes
Rev. 1.8, 23-Jul-10
BAT81S VISHAY-BAT81S_12 Datasheet
106Kb / 4P
   Small Signal Schottky Diodes
Rev. 1.8, 23-Jul-10
logo
Comchip Technology
CDBV3-54 COMCHIP-CDBV3-54_12 Datasheet
103Kb / 4P
   Small Signal Schottky Diodes
CDBH3-00340C-G COMCHIP-CDBH3-00340C-G Datasheet
67Kb / 2P
   Small Signal Schottky Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com