Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1723-37CE Datasheet(PDF) 5 Page - Analog Intergrations Corporation

Part # AIC1723-37CE
Description  500mA Low Dropout Linear Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1723-37CE Datasheet(HTML) 5 Page - Analog Intergrations Corporation

  AIC1723-37CE Datasheet HTML 1Page - Analog Intergrations Corporation AIC1723-37CE Datasheet HTML 2Page - Analog Intergrations Corporation AIC1723-37CE Datasheet HTML 3Page - Analog Intergrations Corporation AIC1723-37CE Datasheet HTML 4Page - Analog Intergrations Corporation AIC1723-37CE Datasheet HTML 5Page - Analog Intergrations Corporation AIC1723-37CE Datasheet HTML 6Page - Analog Intergrations Corporation AIC1723-37CE Datasheet HTML 7Page - Analog Intergrations Corporation AIC1723-37CE Datasheet HTML 8Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AIC1723
5
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
Load Transient Response
Time (mS)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
50
0
-50
250
0.1
100
100
COUT=10
µF (Tantalum)
VOUT=5.0V
Line Regulation Response
Time (mS)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
50
0
-50
8
6
100
COUT=1
µF (Tantalum)
IL=1mA
VOUT=5.0V
Load Transient Response
Time (mS)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
250
0.1
200
100
0
-
100
COUT=1
µF (Tantalum)
VOUT=5.0V
100
100
200
300
400
500
Load Current(mA)
Dropout Voltage vs Load Current
800
700
600
500
400
300
200
100
0
VOUT =3.3V,3.5V, 3.7V & 3.8V
VOUT=5.0V, 5.2V
BLOCK DIAGRAM
1.235V
Reference
GND
VOUT
VIN
ERROR
AMP
+
-
THERMAL
SHUTDOWN
-
+
CURRENT
LIMITING


Similar Part No. - AIC1723-37CE

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1723A AIC-AIC1723A Datasheet
454Kb / 9P
   500mA Low Dropout Linear Regulator
AIC1723A-18CETB AIC-AIC1723A-18CETB Datasheet
454Kb / 9P
   500mA Low Dropout Linear Regulator
AIC1723A-18CETR AIC-AIC1723A-18CETR Datasheet
454Kb / 9P
   500mA Low Dropout Linear Regulator
AIC1723A-18CUTB AIC-AIC1723A-18CUTB Datasheet
454Kb / 9P
   500mA Low Dropout Linear Regulator
AIC1723A-18CUTR AIC-AIC1723A-18CUTR Datasheet
454Kb / 9P
   500mA Low Dropout Linear Regulator
More results

Similar Description - AIC1723-37CE

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1735 AIC-AIC1735_15 Datasheet
291Kb / 12P
   500mA Low Dropout Linear Regulator
AIC1723A AIC-AIC1723A Datasheet
454Kb / 9P
   500mA Low Dropout Linear Regulator
logo
Silicon Standard Corp.
SS6735G SSC-SS6735G Datasheet
703Kb / 9P
   500mA Low Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL1088 ANPEC-APL1088 Datasheet
86Kb / 10P
   500mA Low Dropout Linear Regulator
logo
Power IC Ltd.
PL0501 PICSEMI-PL0501 Datasheet
267Kb / 10P
   500mA Low-Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1735 AIC-AIC1735 Datasheet
107Kb / 7P
   500mA Low Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL1088 ANPEC-APL1088_04 Datasheet
93Kb / 11P
   500mA Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G9184 GMT-G9184 Datasheet
87Kb / 1P
   500mA Low Dropout Linear Regulator
logo
IK Semicon Co., Ltd
IL233-XX IKSEMICON-IL233-XX Datasheet
355Kb / 6P
   500mA Low Dropout Linear Voltage Regulator
logo
ams AG
AS1363 AMSCO-AS1363 Datasheet
570Kb / 14P
   500mA, Low-Dropout Linear Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com