Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CRCW06031R00JSEBIF Datasheet(PDF) 4 Page - Vishay Siliconix

Part # CRCW06031R00JSEBIF
Description  Lead (Pb)-free Thick Film, Rectangular, Pulse Proof Chip Resistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CRCW06031R00JSEBIF Datasheet(HTML) 4 Page - Vishay Siliconix

  CRCW06031R00JSEBIF Datasheet HTML 1Page - Vishay Siliconix CRCW06031R00JSEBIF Datasheet HTML 2Page - Vishay Siliconix CRCW06031R00JSEBIF Datasheet HTML 3Page - Vishay Siliconix CRCW06031R00JSEBIF Datasheet HTML 4Page - Vishay Siliconix CRCW06031R00JSEBIF Datasheet HTML 5Page - Vishay Siliconix CRCW06031R00JSEBIF Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Document Number: 20024
For technical questions, contact: filmresistors.thickfilmchip@vishay.com
www.vishay.com
Revision: 13-Oct-08
4
D../CRCW....-IF e3
Lead (Pb)-free Thick Film, Rectangular,
Pulse Proof Chip Resistors
Vishay
1
100 000
Single-pulse high voltage overload test 10/700 µs EN140000 4.27
Resistance Value (
Ω)
1
10
1000
100
Pulse load rating in accordance to EN 60115-1, 4.27; 10 µs/700 µs;
10 pulses at 1 min intervals; for permissible resistance change 1 %
10
100
1000
10 000
1206
0805
0603
0402
0402
0603
0805
1206
90
80
70
60
50
40
30
20
10
0
0
0.1
0.2
0.3
0.4
0.5
Power in W
Temperature Rise


Similar Part No. - CRCW06031R00JSEBIF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CRCW06031R0J TI-CRCW06031R0J Datasheet
368Kb / 12P
[Old version datasheet]   AN-1713 LM5116-12 Evaluation Board
Revised April 2013
More results

Similar Description - CRCW06031R00JSEBIF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRCW08051R00JNEAIF VISHAY-CRCW08051R00JNEAIF Datasheet
134Kb / 6P
   Lead (Pb)-free Thick Film, Rectangular, Pulse Proof Chip Resistors
Revision: 13-Oct-08
CRCW06032R20JNEAIF VISHAY-CRCW06032R20JNEAIF Datasheet
134Kb / 6P
   Lead (Pb)-free Thick Film, Rectangular, Pulse Proof Chip Resistors
Revision: 13-Oct-08
CRCW040218K0FKED VISHAY-CRCW040218K0FKED Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
CRCW2010100KFKEF VISHAY-CRCW2010100KFKEF Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
CRCW1206-37 VISHAY-CRCW1206-37 Datasheet
111Kb / 5P
   Lead (Pb)-Free Thick Film, Rectangular Chip Resistors
CRCW06035K90FKEA VISHAY-CRCW06035K90FKEA Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
CRCW12066K98FKEA VISHAY-CRCW12066K98FKEA Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
logo
Vaishali Semiconductor
CRCW06039K09FKEA VAISH-CRCW06039K09FKEA Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
logo
Vishay Siliconix
CRCW0402261RFKED VISHAY-CRCW0402261RFKED Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
CRCW1206221KFKEA VISHAY-CRCW1206221KFKEA Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com