Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPF10K20 Datasheet(PDF) 40 Page - Altera Corporation

Part # EPF10K20
Description  Embedded Programmable Logic Device Family
Download  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPF10K20 Datasheet(HTML) 40 Page - Altera Corporation

Back Button EPF10K20 Datasheet HTML 36Page - Altera Corporation EPF10K20 Datasheet HTML 37Page - Altera Corporation EPF10K20 Datasheet HTML 38Page - Altera Corporation EPF10K20 Datasheet HTML 39Page - Altera Corporation EPF10K20 Datasheet HTML 40Page - Altera Corporation EPF10K20 Datasheet HTML 41Page - Altera Corporation EPF10K20 Datasheet HTML 42Page - Altera Corporation EPF10K20 Datasheet HTML 43Page - Altera Corporation EPF10K20 Datasheet HTML 44Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 128 page
background image
40
Altera Corporation
FLEX 10K Embedded Programmable Logic Device Family Data Sheet
Table 12 describes the FLEX 10K device supply voltages and MultiVolt
I/O support levels.
Note
(1)
240-pin QFP packages do not support the MultiVolt I/O features, so they do not have separate VCCIO pins.
Power Sequencing & Hot-Socketing
Because FLEX 10K devices can be used in a multi-voltage environment,
they have been designed specifically to tolerate any possible power-up
sequence. The VCCIO and VCCINT power supplies can be powered in any
order.
Signals can be driven into FLEX 10KA devices before and during power
up without damaging the device. Additionally, FLEX 10KA devices do
not drive out during power up. Once operating conditions are reached,
FLEX 10KA devices operate as specified by the user.
IEEE Std.
1149.1 (JTAG)
Boundary-Scan
Support
All FLEX 10K devices provide JTAG BST circuitry that complies with the
IEEE Std. 1149.1-1990 specification. All FLEX 10K devices can also be
configured using the JTAG pins through the BitBlaster serial download
cable, or ByteBlasterMV parallel port download cable, or via hardware
that uses the JamTM programming and test language. JTAG BST can be
performed before or after configuration, but not during configuration.
FLEX 10K devices support the JTAG instructions shown in Table 13.
Table 12. Supply Voltages & MultiVolt I/O Support Levels
Devices
Supply Voltage (V)
MultiVolt I/O Support Levels (V)
VCCINT
VCCIO
Input
Output
FLEX 10K (1)
5.0
5.0
3.3 or 5.0
5.0
5.0
3.3
3.3 or 5.0
3.3 or 5.0
EPF10K50V (1)
3.3
3.3
3.3 or 5.0
3.3 or 5.0
EPF10K130V
3.3
3.3
3.3 or 5.0
3.3 or 5.0
FLEX 10KA (1)
3.3
3.3
2.5, 3.3, or 5.0
3.3 or 5.0
3.3
2.5
2.5, 3.3, or 5.0
2.5


Similar Part No. - EPF10K20

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPF10K20 ALTERA-EPF10K20 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K20 ALTERA-EPF10K20 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K20 ALTERA-EPF10K20 Datasheet
456Kb / 34P
   1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
EPF10K20 ALTERA-EPF10K20 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K20 ALTERA-EPF10K20 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
More results

Similar Description - EPF10K20

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPF10K10TC144-4N ALTERA-EPF10K10TC144-4N Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K30AQI240-3 ALTERA-EPF10K30AQI240-3 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
FLEX10K ALTERA-FLEX10K_03 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K20RI240-4 ALTERA-EPF10K20RI240-4 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K50VQC240-3 ALTERA-EPF10K50VQC240-3 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K10ATC144-3 ALTERA-EPF10K10ATC144-3 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K10ATI144-3N ALTERA-EPF10K10ATI144-3N Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K100ABC356-3 ALTERA-EPF10K100ABC356-3 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K10QC208-4 ALTERA-EPF10K10QC208-4 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K20RC208-4 ALTERA-EPF10K20RC208-4 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K20RC240-4 ALTERA-EPF10K20RC240-4 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com