Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1739-18CX Datasheet(PDF) 3 Page - Analog Intergrations Corporation

Part # AIC1739-18CX
Description  300mA Low Dropout Linear Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1739-18CX Datasheet(HTML) 3 Page - Analog Intergrations Corporation

  AIC1739-18CX Datasheet HTML 1Page - Analog Intergrations Corporation AIC1739-18CX Datasheet HTML 2Page - Analog Intergrations Corporation AIC1739-18CX Datasheet HTML 3Page - Analog Intergrations Corporation AIC1739-18CX Datasheet HTML 4Page - Analog Intergrations Corporation AIC1739-18CX Datasheet HTML 5Page - Analog Intergrations Corporation AIC1739-18CX Datasheet HTML 6Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
AIC1739
3
n ELECTRICAL CHARACTERISTICS (Continued)
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Line Regulation
IL=1mA
VIN=4.0~12V
3
10
mV
Load Regulation
(Note 2)
VIN=5V, IL=0.1~300mA
7
25
mV
Current Limit
(Note 3)
VIN=5V, VOUT=0V
320
440
mA
Dropout Voltage
(Note 4)
AIC1739s
AIC1739-30
AIC1739-27
AIC1739-25
AIC1739-20
AIC1739-18
I
L=0.1mA
I
L=300mA
I
L=300mA
I
L=300mA
I
L=300mA
I
L=300mA
0.2
540
570
610
820
920
10
640
670
710
970
1070
mV
Ground Current
I
O=0.1mA~IMAX
V
IN=4~12V
55
80
µA
Note 1:
Guaranteed by design.
Note 2:
Regulation is measured at constant junction temperature, using pulse testing with a low ON time.
Note 3:
Current limit is measured by pulsing a short time.
Note 4:
Dropout voltage is defined as the input to output differential at which the output voltage drops
100mV below the value measured with a 1V differential.
n TYPICAL PERFORMANCE CHARACTERISTICS
Load Current (mA)
0
50
100
150
200
250
300
0
100
200
300
400
500
600
700
800
900
1000
Dropout Voltage vs Load Current
VOUT=2.7V
VOUT=3.0V
VOUT=2.0V
VOUT=1.8V
VOUT=2.5V
VOUT
VOUT=3.0V
100mV/DIV
IOUT
IOUT=0.1mA
IOUT=150mA
Time (0.5mS/DIV)
COUT=1µF
Load Transient Response


Similar Part No. - AIC1739-18CX

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1730 AIC-AIC1730 Datasheet
222Kb / 12P
   Low Noise Low Dropout, 150mA Linear Regulator
AIC1730-18 AIC-AIC1730-18 Datasheet
269Kb / 12P
   150mA, Low Noise, Low Dropout Linear Regulator
AIC1730-18CQ AIC-AIC1730-18CQ Datasheet
222Kb / 12P
   Low Noise Low Dropout, 150mA Linear Regulator
AIC1730-18CV AIC-AIC1730-18CV Datasheet
222Kb / 12P
   Low Noise Low Dropout, 150mA Linear Regulator
AIC1730-19 AIC-AIC1730-19 Datasheet
269Kb / 12P
   150mA, Low Noise, Low Dropout Linear Regulator
More results

Similar Description - AIC1739-18CX

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1734 AIC-AIC1734 Datasheet
373Kb / 9P
   300mA Low Dropout Linear Regulator
logo
List of Unclassifed Man...
SS6734G ETC-SS6734G Datasheet
467Kb / 9P
   300MA LOW DROPOUT LINEAR REGULATOR
logo
Silicon Standard Corp.
SS6732 SSC-SS6732 Datasheet
385Kb / 7P
   300mA Low Dropout Linear Regulator
SS6734G SSC-SS6734G Datasheet
455Kb / 9P
   300mA Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8865 A-POWER-APE8865_14 Datasheet
376Kb / 6P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8865 A-POWER-APE8865_16 Datasheet
338Kb / 6P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8867 A-POWER-APE8867_16 Datasheet
383Kb / 8P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8800 A-POWER-APE8800_16 Datasheet
135Kb / 8P
   300mA LOW DROPOUT LINEAR REGULATOR
logo
TECH PUBLIC Electronics...
TP73318PDQNR TECHPUBLIC-TP73318PDQNR Datasheet
2Mb / 10P
   300mA Low- Dropout Linear Regulator|
logo
Eutech Microelectronics...
EUP7968 EUTECH-EUP7968 Datasheet
212Kb / 9P
   300mA Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com