Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1781 Datasheet(PDF) 2 Page - Analog Intergrations Corporation

Part # AIC1781
Description  Battery Charge Controller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1781 Datasheet(HTML) 2 Page - Analog Intergrations Corporation

  AIC1781 Datasheet HTML 1Page - Analog Intergrations Corporation AIC1781 Datasheet HTML 2Page - Analog Intergrations Corporation AIC1781 Datasheet HTML 3Page - Analog Intergrations Corporation AIC1781 Datasheet HTML 4Page - Analog Intergrations Corporation AIC1781 Datasheet HTML 5Page - Analog Intergrations Corporation AIC1781 Datasheet HTML 6Page - Analog Intergrations Corporation AIC1781 Datasheet HTML 7Page - Analog Intergrations Corporation AIC1781 Datasheet HTML 8Page - Analog Intergrations Corporation AIC1781 Datasheet HTML 9Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
AIC1781
2
TYPICAL APPLICATION CIRCUIT
PEAK
1
VBT
2
DIS
3
VTS
4
VCC
5
ADJ
6
SEL3
7
TMR
8
MODE
9
SEL2
10
SEL1
11
GND
12
LED1
13
LED2
14
ICON
15
DSW
16
U2
AIC1781
R9
240K
R8
120K
R10
100K
+
C9
4.7
µF
C7
0.1
µF
C10
47nF
R15
680
R3
270
R2
20/5W
SW1
SW PB
R12
100K
R16
680
R17
680
R14
200K
C8
0.1µF
+
C11
100
µF
RX1
100K
R11
100K
RY1
100K
C6
0.1
µF
R13
470K
Q2
2N3904
R18
50K
LED2
GREEN
LED3
RED
LED1
YELLOW
Q1
2N3904
+
C4
220
µF
C5
0.1µF
+
C12
1uF
+
C13
10
µF
R5 120/0.5W
R1
1K
BAT1
BATTERY
R7
VIN
L1
220
µH
C2
1
µF
C1
1000P
R6
0.3/1W
1
2
3
GND
4
FB
5
VCC
DC
DE
CF
6
IS
7
BOOST
8
U1
AIC1563
+
C3
220
µF
R4
390K
D3
IN4148
D1
IN4148
D2 IN4148
D4
1N5819
VIN
1
VOUT
3
2 GND
U3
7805
Battery Charge Circuit for Fluctuating Charging Current Application
ORDERING INFORMATION
PACKAGE TYPE
N: PLASTIC DIP
S: SMALL OUTLINE
TEMPERATURE RANGE
C= 0
°C~70°C
ORDER NUMBER
AIC1781CN
(PLASTIC DIP)
PIN CONFIGURATION
AIC1781XX
AIC1781CS
(PLASTIC SO)
1
3
2
16
14
15
5
7
6
10
12
11
4
8
13
9
PEAK
VBT
DIS
VTS
VCC
ADJ
SEL3
SEL1
SEL2
MODE
LED1
GND
TMR
DSW
ICON
LED2
ABSOLUTE MAXIMUM RATINGS
Supply Voltage
............................................…………........................................ 5.5V
DC Voltage Applied on any pin ......................……………...................................... 5.5V
Sink current of ICON pin, LED1 and LED2 pin .......................……….................. 20mA
Operating Temperature Range .....................................…………….............. 0
°C~ 70°C
Storage Temperature Range .............................................…………...... -65
°C~ 150°C


Similar Part No. - AIC1781

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1781A AIC-AIC1781A Datasheet
393Kb / 18P
   Battery Charge Controller
AIC1781ACNTB AIC-AIC1781ACNTB Datasheet
393Kb / 18P
   Battery Charge Controller
AIC1781ACNTR AIC-AIC1781ACNTR Datasheet
393Kb / 18P
   Battery Charge Controller
AIC1781ACSTB AIC-AIC1781ACSTB Datasheet
393Kb / 18P
   Battery Charge Controller
AIC1781ACSTR AIC-AIC1781ACSTR Datasheet
393Kb / 18P
   Battery Charge Controller
More results

Similar Description - AIC1781

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1766 SEMTECH-SC1766 Datasheet
259Kb / 11P
   BATTERY CHARGE CONTROLLER
logo
Silicon Standard Corp.
SS6781B SSC-SS6781B Datasheet
584Kb / 20P
   Battery Charge Controller
logo
Analog Devices
AIC1761 AD-AIC1761 Datasheet
245Kb / 15P
   BATTERY CHARGE CONTROLLER
logo
Analog Intergrations Co...
AIC1784 AIC-AIC1784 Datasheet
547Kb / 16P
   Battery Charge Controller
AIC1781A AIC-AIC1781A Datasheet
393Kb / 18P
   Battery Charge Controller
logo
List of Unclassifed Man...
8602GN ETC2-8602GN Datasheet
105Kb / 2P
   Battery Charge Controller
logo
Analog Intergrations Co...
AIC1783 AIC-AIC1783 Datasheet
159Kb / 11P
   Battery Charge Controller
AIC1782 AIC-AIC1782 Datasheet
361Kb / 17P
   Dual-Battery Charge Controller
logo
Dallas Semiconductor
DS2770 DALLAS-DS2770 Datasheet
272Kb / 27P
   Battery Monitor and Charge Controller
logo
National Semiconductor ...
LM3420-42 NSC-LM3420-42 Datasheet
393Kb / 17P
   Lithium-Ion Battery Charge Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com