Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1723-33CF Datasheet(PDF) 3 Page - Analog Intergrations Corporation

Part # AIC1723-33CF
Description  500mA Low Dropout Linear Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1723-33CF Datasheet(HTML) 3 Page - Analog Intergrations Corporation

  AIC1723-33CF Datasheet HTML 1Page - Analog Intergrations Corporation AIC1723-33CF Datasheet HTML 2Page - Analog Intergrations Corporation AIC1723-33CF Datasheet HTML 3Page - Analog Intergrations Corporation AIC1723-33CF Datasheet HTML 4Page - Analog Intergrations Corporation AIC1723-33CF Datasheet HTML 5Page - Analog Intergrations Corporation AIC1723-33CF Datasheet HTML 6Page - Analog Intergrations Corporation AIC1723-33CF Datasheet HTML 7Page - Analog Intergrations Corporation AIC1723-33CF Datasheet HTML 8Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AIC1723
3
ELECTRICAL CHARACTERISTICS (Ta=25°°°°C, C
IN=1
µµµµF, COUT=10µµµµF, unless
otherwise specified.)
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Output Voltage
No Load
AIC1723-52
AIC1723-50
AIC1723-38
AIC1723-37
AIC1723-35
AIC1723-33
VIN=5.5~12V
VIN=5.5~12V
VIN=4.7~12V
VIN=4.7~12V
VIN=4.7~12V
VIN=3.6~12V
5.100
4.900
3.725
3.625
3.430
3.234
5.2
5.0
3.8
3.7
3.5
3.3
5.300
5.100
3.875
3.775
3.570
3.366
V
Output Voltage
Temperature
Coefficiency
(Note 1)
50
PPM/
°C
Line Regulation
I
L=1mA
AIC1723-52
AIC1723-50
AIC1723-38
AIC1723-37
AIC1723-35
AIC1723-33
VIN=5.5~12V
VIN=5.5~12V
VIN=4.7~12V
VIN=4.7~12V
VIN=4.7~12V
VIN=4.7~12V
3
3
3
3
3
3
10
10
10
10
10
10
mV
Load Regulation
(Note 2)
AIC1723-52
AIC1723-50
AIC1723-38
AIC1723-37
AIC1723-35
AIC1723-33
VIN=7V, IL=0.1~500mA
VIN=7V, IL=0.1~500mA
VIN=5V, IL=0.1~500mA
VIN=5V, IL=0.1~500mA
VIN=5V, IL=0.1~500mA
VIN=5V, IL=0.1~500mA
20
20
20
20
20
20
50
50
50
50
50
50
mV
Current Limit
(Note 3)
AIC1723-52
AIC1723-50
AIC1723-38
AIC1723-37
AIC1723-35
AIC1723-33
VIN=7V, VOUT=0V
V
IN=7V, V
OUT=0V
V
IN=5V, V
OUT=0V
VIN=5V, VOUT=0V
VIN=5V, VOUT=0V
VIN=5V, VOUT=0V
650
650
650
650
650
650
mA


Similar Part No. - AIC1723-33CF

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1723A AIC-AIC1723A Datasheet
454Kb / 9P
   500mA Low Dropout Linear Regulator
AIC1723A-18CETB AIC-AIC1723A-18CETB Datasheet
454Kb / 9P
   500mA Low Dropout Linear Regulator
AIC1723A-18CETR AIC-AIC1723A-18CETR Datasheet
454Kb / 9P
   500mA Low Dropout Linear Regulator
AIC1723A-18CUTB AIC-AIC1723A-18CUTB Datasheet
454Kb / 9P
   500mA Low Dropout Linear Regulator
AIC1723A-18CUTR AIC-AIC1723A-18CUTR Datasheet
454Kb / 9P
   500mA Low Dropout Linear Regulator
More results

Similar Description - AIC1723-33CF

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1735 AIC-AIC1735_15 Datasheet
291Kb / 12P
   500mA Low Dropout Linear Regulator
AIC1723A AIC-AIC1723A Datasheet
454Kb / 9P
   500mA Low Dropout Linear Regulator
logo
Silicon Standard Corp.
SS6735G SSC-SS6735G Datasheet
703Kb / 9P
   500mA Low Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL1088 ANPEC-APL1088 Datasheet
86Kb / 10P
   500mA Low Dropout Linear Regulator
logo
Power IC Ltd.
PL0501 PICSEMI-PL0501 Datasheet
267Kb / 10P
   500mA Low-Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1735 AIC-AIC1735 Datasheet
107Kb / 7P
   500mA Low Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL1088 ANPEC-APL1088_04 Datasheet
93Kb / 11P
   500mA Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G9184 GMT-G9184 Datasheet
87Kb / 1P
   500mA Low Dropout Linear Regulator
logo
IK Semicon Co., Ltd
IL233-XX IKSEMICON-IL233-XX Datasheet
355Kb / 6P
   500mA Low Dropout Linear Voltage Regulator
logo
ams AG
AS1363 AMSCO-AS1363 Datasheet
570Kb / 14P
   500mA, Low-Dropout Linear Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com