Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPSC107K016H0100V Datasheet(PDF) 11 Page - AVX Corporation

Part # TPSC107K016H0100V
Description  TPS Series Low ESR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TPSC107K016H0100V Datasheet(HTML) 11 Page - AVX Corporation

Back Button TPSC107K016H0100V Datasheet HTML 3Page - AVX Corporation TPSC107K016H0100V Datasheet HTML 4Page - AVX Corporation TPSC107K016H0100V Datasheet HTML 5Page - AVX Corporation TPSC107K016H0100V Datasheet HTML 6Page - AVX Corporation TPSC107K016H0100V Datasheet HTML 7Page - AVX Corporation TPSC107K016H0100V Datasheet HTML 8Page - AVX Corporation TPSC107K016H0100V Datasheet HTML 9Page - AVX Corporation TPSC107K016H0100V Datasheet HTML 10Page - AVX Corporation TPSC107K016H0100V Datasheet HTML 11Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
TPS Series
Low ESR
RATINGS & PART NUMBER REFERENCE
Rated
DCL
DF
ESR
100kHz RMS Current (A)
100kHz RMS Voltage (V)
AVX
Case Capacitance Voltage
(μA)
%
Max. (mΩ) MSL
Part No.
Size
(μF)
(V)
Max.
Max. @100kHz
25ºC
85ºC
125ºC
25ºC
85ºC
125ºC
TPSC474*050#2300
C
0.47
50
0.5
4
2300
1
0.219
0.197
0.087
0.503
0.453
0.201
TPSC105*050#2500
C
1
50
0.5
4
2500
1
0.210
0.189
0.084
0.524
0.472
0.210
TPSC155*050#1500
C
1.5
50
0.8
6
1500
1
0.271
0.244
0.108
0.406
0.366
0.162
TPSC155*050#2000
C
1.5
50
0.8
6
2000
1
0.235
0.211
0.094
0.469
0.422
0.188
TPSD225*050#1200
D
2.2
50
1.1
6
1200
1
0.354
0.318
0.141
0.424
0.382
0.170
TPSD335*050#0800
D
3.3
50
1.7
6
800
1
0.433
0.390
0.173
0.346
0.312
0.139
TPSD475*050#0300
D
4.7
50
2.4
6
300
1
0.707
0.636
0.283
0.212
0.191
0.085
TPSD475*050#0500
D
4.7
50
2.4
6
500
1
0.548
0.493
0.219
0.274
0.246
0.110
TPSD475*050#0700
D
4.7
50
2.4
6
700
1
0.463
0.417
0.185
0.324
0.292
0.130
TPSD685*050#0200
D
6.8
50
3.4
6
200
1
0.866
0.779
0.346
0.173
0.156
0.069
TPSD685*050#0300
D
6.8
50
3.4
6
300
1
0.707
0.636
0.283
0.212
0.191
0.085
TPSD685*050#0500
D
6.8
50
3.4
6
500
1
0.548
0.493
0.219
0.274
0.246
0.110
TPSD685*050#0600
D
6.8
50
3.4
6
600
1
0.500
0.450
0.200
0.300
0.270
0.120
TPSE106*050#0250
E
10
50
5
6
250
1
1)
0.812
0.731
0.325
0.203
0.183
0.081
TPSE106*050#0300
E
10
50
5
6
300
1
1)
0.742
0.667
0.297
0.222
0.200
0.089
TPSE106*050#0400
E
10
50
5
6
400
1
1)
0.642
0.578
0.257
0.257
0.231
0.103
TPSE106*050#0500
E
10
50
5
6
500
1
1)
0.574
0.517
0.230
0.287
0.259
0.115
TPSE156*050#0250
E
15
50
7.5
6
250
1
1)
0.812
0.731
0.325
0.203
0.183
0.081
TPSV156*050#0250
V
15
50
7.5
6
250
1
1)
1.000
0.900
0.400
0.250
0.225
0.100
11) Dry pack option (see How to order) recommended for reduction of stress during soldering. Dry pack parts should be treated as MSL 3.
Moisture Sensitivity Level (MSL) is defined according to J-STD-020.
All technical data relates to an ambient temperature of +25°C. Capacitance and DF are measured at 120Hz, 0.5V RMS with a maximum DC bias of 2.2 volts.
DCL is measured at rated voltage after 5 minutes.
The EIA & CECC standards for low ESR Solid Tantalum Capacitors allow an ESR movement to 1.25 times catalogue limit post mounting.
For typical weight and composition see page 124.
NOTE: AVX reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards.
40


Similar Part No. - TPSC107K016H0100V

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TPSC107K016H0100V AVX-TPSC107K016H0100V Datasheet
137Kb / 11P
   Low ESR
TPSC107K016H0100V AVX-TPSC107K016H0100V Datasheet
146Kb / 11P
   TPS Series Low ESR
TPSC107K016H0100V AVX-TPSC107K016H0100V Datasheet
146Kb / 11P
   TPS Series
TPSC107K016H0100V AVX-TPSC107K016H0100V Datasheet
146Kb / 11P
   TPS Series
More results

Similar Description - TPSC107K016H0100V

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TPSB107M010R0400 AVX-TPSB107M010R0400 Datasheet
146Kb / 11P
   TPS Series Low ESR
TPSC336K016R0150 AVX-TPSC336K016R0150 Datasheet
169Kb / 12P
   TPS Series Low ESR
TPSD107M016R0100 AVX-TPSD107M016R0100 Datasheet
169Kb / 12P
   TPS Series Low ESR
TPSW226K016R0500 AVX-TPSW226K016R0500 Datasheet
169Kb / 12P
   TPS Series Low ESR
TPSD107M020R0085 AVX-TPSD107M020R0085 Datasheet
152Kb / 11P
   TPS Series Low ESR
TPSD156K035R0100 AVX-TPSD156K035R0100 Datasheet
146Kb / 11P
   TPS Series Low ESR
TPSD107K010R0050 AVX-TPSD107K010R0050 Datasheet
146Kb / 11P
   TPS Series Low ESR
TPSD107M010R0100 AVX-TPSD107M010R0100 Datasheet
169Kb / 12P
   TPS Series Low ESR
TPSA684M025R6000 AVX-TPSA684M025R6000 Datasheet
169Kb / 12P
   TPS Series Low ESR
TPSE686K025R0125 AVX-TPSE686K025R0125 Datasheet
163Kb / 11P
   TPS Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com