Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS79625KTTRG3 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS79625KTTRG3
Description  Ultralow-Noise, High PSRR, Fast, RF, 1A Low-Dropout Linear Regulators
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS79625KTTRG3 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS79625KTTRG3 Datasheet HTML 2Page - Texas Instruments TPS79625KTTRG3 Datasheet HTML 3Page - Texas Instruments TPS79625KTTRG3 Datasheet HTML 4Page - Texas Instruments TPS79625KTTRG3 Datasheet HTML 5Page - Texas Instruments TPS79625KTTRG3 Datasheet HTML 6Page - Texas Instruments TPS79625KTTRG3 Datasheet HTML 7Page - Texas Instruments TPS79625KTTRG3 Datasheet HTML 8Page - Texas Instruments TPS79625KTTRG3 Datasheet HTML 9Page - Texas Instruments TPS79625KTTRG3 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
0
10
20
30
40
50
60
70
80
Frequency (Hz)
1
10k
10M
1k
IOUT = 1 mA
IOUT = 1 A
VIN = 4 V
COUT = 10 µF
CNR = 0.01 µF
10
100
100k
1M
0
10
20
30
40
50
60
CNR (µF)
IOUT = 250 mA
COUT = 10 µF
0.001
µF
0.01
µF
0.1
µF
0.0047
µF
BW = 100 Hz to 100 kHz
0
50
100
150
200
250
300
350
−40−25−10 5 20 35 50 65 80 95 110 125
T
J (_ C)
V
IN = 2.7 V
C
OUT = 10 µF
I
OUT = 1 A
I
OUT = 250 mA
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
Frequency (Hz)
100
10k
100k
1k
IOUT = 1 mA
IOUT = 1.5 A
VIN = 5.5 V
COUT = 2.2 µF
CNR = 0.1 µF
0.0
0.1
0.2
0.3
0.4
0.5
0.6
Frequency (Hz)
100
10k
100k
1k
IOUT = 1 mA
IOUT = 1 A
VIN = 5.5 V
COUT = 10 µF
CNR = 0.1 µF
0.0
0.5
1.0
1.5
2.0
2.5
Frequency (Hz)
100
10k
100k
1k
VIN = 5.5 V
COUT = 10 µF
IOUT = 1 A
CNR = 0.1 µF
CNR = 0.01 µF
CNR = 0.0047 µF
CNR = 0.001 µF
2.95
2.96
2.97
2.98
2.99
3.00
3.01
3.02
3.03
3.04
3.05
0.0
0.2
0.4
0.6
0.8
1.0
IOUT (A)
VIN = 4 V
COUT = 10 µF
TJ = 25°C
0
1
2
3
4
−40 −25 −10 5
20 35 50 65 80 95 110 125
TJ (°C)
IOUT = 1 mA
2.795
2.790
2.785
2.780
2.775
IOUT = 1 A
VIN = 3.8 V
COUT = 10 µF
290
300
310
320
330
340
350
−40 −25 −10 5
20 35 50 65 80 95 110 125
TJ (°C)
VIN = 3.8 V
COUT = 10 µF
IOUT = 1 mA
IOUT = 1 A
TPS796
SLVS351O – SEPTEMBER 2002 – REVISED NOVEMBER 2013
www.ti.com
TYPICAL CHARACTERISTICS
TPS79630
TPS79628
TPS79628
OUTPUT VOLTAGE
OUTPUT VOLTAGE
GROUND CURRENT
vs
vs
vs
OUTPUT CURRENT
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE
Figure 1.
Figure 2.
Figure 3.
TPS79630
TPS79630
TPS79630
OUTPUT SPECTRAL NOISE DENSITY
OUTPUT SPECTRAL NOISE DENSITY
OUTPUT SPECTRAL NOISE DENSITY
vs
vs
vs
FREQUENCY
FREQUENCY
FREQUENCY
Figure 4.
Figure 5.
Figure 6.
TPS79630
TPS79628
TPS79630
ROOT MEAN SQUARED OUTPUT
NOISE
DROPOUT VOLTAGE
RIPPLE REJECTION
vs
vs
vs
BYPASS CAPACITANCE
JUNCTION TEMPERATURE
FREQUENCY
Figure 7.
Figure 8.
Figure 9.
6
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated


Similar Part No. - TPS79625KTTRG3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79625KTTRG3 TI-TPS79625KTTRG3 Datasheet
997Kb / 33P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST, RF, 1A LOW-DROPOUT LINEAR REGULATORS
More results

Similar Description - TPS79625KTTRG3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS796XX TI-TPS796XX_08 Datasheet
1Mb / 25P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST, RF, 1A LOW-DROPOUT LINEAR REGULATORS
TPS796 TI1-TPS796_14 Datasheet
1Mb / 31P
[Old version datasheet]   Ultralow-Noise, High PSRR, Fast, RF, 1A Low-Dropout Linear Regulators
TPS796XX TI-TPS796XX Datasheet
997Kb / 33P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST, RF, 1A LOW-DROPOUT LINEAR REGULATORS
TPS79118-Q1 TI-TPS79118-Q1 Datasheet
900Kb / 21P
[Old version datasheet]   ULTRALOW NOISE,HIGH PSRR,FAST RF 100MA LOW-DROPOUT LINEAR REGULATORS
TPS79301-Q1 TI-TPS79301-Q1 Datasheet
308Kb / 16P
[Old version datasheet]   ULTRALOW-NOISE HIGH-PSRR FAST-RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79225 TI-TPS79225 Datasheet
134Kb / 13P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-EP TI1-TPS79301-EP_16 Datasheet
931Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79601 TI-TPS79601 Datasheet
560Kb / 18P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 1-A LOW-DROPOUT LINEAR REGULATORS
TPS78601 TI-TPS78601 Datasheet
559Kb / 17P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 1.5 A LOW-DROPOUT LINEAR REGULATORS
TPS78601DRBR TI1-TPS78601DRBR Datasheet
1Mb / 29P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 1.5-A LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com