Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS79625KTTTG3 Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS79625KTTTG3
Description  Ultralow-Noise, High PSRR, Fast, RF, 1A Low-Dropout Linear Regulators
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS79625KTTTG3 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS79625KTTTG3 Datasheet HTML 4Page - Texas Instruments TPS79625KTTTG3 Datasheet HTML 5Page - Texas Instruments TPS79625KTTTG3 Datasheet HTML 6Page - Texas Instruments TPS79625KTTTG3 Datasheet HTML 7Page - Texas Instruments TPS79625KTTTG3 Datasheet HTML 8Page - Texas Instruments TPS79625KTTTG3 Datasheet HTML 9Page - Texas Instruments TPS79625KTTTG3 Datasheet HTML 10Page - Texas Instruments TPS79625KTTTG3 Datasheet HTML 11Page - Texas Instruments TPS79625KTTTG3 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
IOUT (mA)
Region of
Instability
100
10
1
0.1
0.01
COUT = 1 µF
Region of Stability
10
1
500 750 1000
60
30
250
125
IOUT (mA)
100
10
1
0.1
0.01
COUT = 2.2 µF
Region of Stability
10
1
500 750 1000
60
30
250
125
Region of
Instability
IOUT (mA)
100
10
1
0.1
0.01
COUT = 10.0 µF
Region of Stability
10
1
500 750 1000
60
30
250
125
Region of
Instability
TPS796
SLVS351O – SEPTEMBER 2002 – REVISED NOVEMBER 2013
www.ti.com
TYPICAL CHARACTERISTICS (continued)
TPS79630
TPS79630
TPS79630
TYPICAL REGIONS OF STABILITY
TYPICAL REGIONS OF STABILITY
TYPICAL REGIONS OF STABILITY
EQUIVALENT SERIES RESISTANCE
EQUIVALENT SERIES RESISTANCE
EQUIVALENT SERIES RESISTANCE
(ESR)
(ESR)
(ESR)
vs
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
OUTPUT CURRENT
Figure 19.
Figure 20.
Figure 21.
8
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated


Similar Part No. - TPS79625KTTTG3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79625KTTTG3 TI-TPS79625KTTTG3 Datasheet
997Kb / 33P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST, RF, 1A LOW-DROPOUT LINEAR REGULATORS
More results

Similar Description - TPS79625KTTTG3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS796XX TI-TPS796XX_08 Datasheet
1Mb / 25P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST, RF, 1A LOW-DROPOUT LINEAR REGULATORS
TPS796 TI1-TPS796_14 Datasheet
1Mb / 31P
[Old version datasheet]   Ultralow-Noise, High PSRR, Fast, RF, 1A Low-Dropout Linear Regulators
TPS796XX TI-TPS796XX Datasheet
997Kb / 33P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST, RF, 1A LOW-DROPOUT LINEAR REGULATORS
TPS79118-Q1 TI-TPS79118-Q1 Datasheet
900Kb / 21P
[Old version datasheet]   ULTRALOW NOISE,HIGH PSRR,FAST RF 100MA LOW-DROPOUT LINEAR REGULATORS
TPS79301-Q1 TI-TPS79301-Q1 Datasheet
308Kb / 16P
[Old version datasheet]   ULTRALOW-NOISE HIGH-PSRR FAST-RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79225 TI-TPS79225 Datasheet
134Kb / 13P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-EP TI1-TPS79301-EP_16 Datasheet
931Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79601 TI-TPS79601 Datasheet
560Kb / 18P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 1-A LOW-DROPOUT LINEAR REGULATORS
TPS78601 TI-TPS78601 Datasheet
559Kb / 17P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 1.5 A LOW-DROPOUT LINEAR REGULATORS
TPS78601DRBR TI1-TPS78601DRBR Datasheet
1Mb / 29P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 1.5-A LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com