Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1740-18CF Datasheet(PDF) 3 Page - Analog Intergrations Corporation

Part # AIC1740-18CF
Description  Low Output Voltage, 500mA Low Dropout Linear Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1740-18CF Datasheet(HTML) 3 Page - Analog Intergrations Corporation

  AIC1740-18CF Datasheet HTML 1Page - Analog Intergrations Corporation AIC1740-18CF Datasheet HTML 2Page - Analog Intergrations Corporation AIC1740-18CF Datasheet HTML 3Page - Analog Intergrations Corporation AIC1740-18CF Datasheet HTML 4Page - Analog Intergrations Corporation AIC1740-18CF Datasheet HTML 5Page - Analog Intergrations Corporation AIC1740-18CF Datasheet HTML 6Page - Analog Intergrations Corporation AIC1740-18CF Datasheet HTML 7Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
AIC1740
3
n ELECTRICAL CHARACTERISTICS (Ta=25°C, C
IN=1µF, COUT=10µF, unless otherwise
specified.)
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Output Voltage
No Load
AIC1740-30
AIC1740-27
AIC1740-25
AIC1740-20
AIC1740-18
VIN=4.0~12V
VIN=4.0~12V
VIN=4.0~12V
VIN=4.0~12V
VIN=4.0~12V
2.940
2.646
2.450
1.960
1.764
3.0
2.7
2.5
2.0
1.8
3.060
2.754
2.550
2.040
1.836
V
Output Voltage
Temperature
Coefficiency
(Note 1)
50
PPM/
°C
Line Regulation
I
L=1mA, VIN=4.0~12V
3
10
mV
Load Regulation
(Note 2)
V
IN=5V, IL=0.1~500mA
20
50
mV
Current Limit
(Note 3)
V
IN=5V, VOUT=0V
650
mA
AIC1740s
I
L=0.1mA
0.2
10
mV
Dropout Voltage
(Note 4)
AIC1740-30
AIC1740-27
AIC1740-25
AIC1740-20
AIC1740-18
I
L=500mA
900
950
1000
1260
1370
1050
1100
1150
1410
1520
mV
Ground Current
I
O=0.1mA~IMAX, VIN=4V~12V
65
90
µA
Note 1: Guaranteed by design.
Note 2: Regulation is measured at constant junction temperature, using pulse testing with a low ON time.
Note 3: Current limit is measured by pulsing a short time.
Note 4: Dropout voltage is defined as the input to output differential at which the output voltage drops 100mV
below the value measured with a 1V differential.


Similar Part No. - AIC1740-18CF

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1741 AIC-AIC1741 Datasheet
77Kb / 6P
   LOW DROPOUT ADJUSTABLE REGULATOR
AIC1741CN AIC-AIC1741CN Datasheet
77Kb / 6P
   LOW DROPOUT ADJUSTABLE REGULATOR
AIC1741CS AIC-AIC1741CS Datasheet
77Kb / 6P
   LOW DROPOUT ADJUSTABLE REGULATOR
AIC1742 AIC-AIC1742 Datasheet
639Kb / 12P
   Low Noise, Low Quiescent Current, 150mA Linear Regulator with Noise Bypass
AIC1742-15ACVBG AIC-AIC1742-15ACVBG Datasheet
639Kb / 12P
   Low Noise, Low Quiescent Current, 150mA Linear Regulator with Noise Bypass
More results

Similar Description - AIC1740-18CF

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IL233-XX IKSEMICON-IL233-XX Datasheet
355Kb / 6P
   500mA Low Dropout Linear Voltage Regulator
logo
ams AG
AS1363 AMSCO-AS1363 Datasheet
570Kb / 14P
   500mA, Low-Dropout Linear Voltage Regulator
logo
Linear Technology
LT3021-1.5 LINER-LT3021-1.5_15 Datasheet
195Kb / 16P
   500mA, Low Voltage, Very Low Dropout Linear Regulator
LT3021 LINER-LT3021 Datasheet
235Kb / 16P
   500mA, Low Voltage, Very Low Dropout Linear Regulator
LT3021 LINER-LT3021_15 Datasheet
195Kb / 16P
   500mA, Low Voltage, Very Low Dropout Linear Regulator
LT3021-1.2 LINER-LT3021-1.2_15 Datasheet
195Kb / 16P
   500mA, Low Voltage, Very Low Dropout Linear Regulator
LT3021-1.8 LINER-LT3021-1.8_15 Datasheet
195Kb / 16P
   500mA, Low Voltage, Very Low Dropout Linear Regulator
logo
Linear Dimensions Semic...
LT3021ES8PBF LINEAR_DIMENSIONS-LT3021ES8PBF Datasheet
195Kb / 16P
   500mA, Low Voltage, Very Low Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1735 AIC-AIC1735_15 Datasheet
291Kb / 12P
   500mA Low Dropout Linear Regulator
AIC1723A AIC-AIC1723A Datasheet
454Kb / 9P
   500mA Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com