Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1740-20CF Datasheet(PDF) 7 Page - Analog Intergrations Corporation

Part # AIC1740-20CF
Description  Low Output Voltage, 500mA Low Dropout Linear Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1740-20CF Datasheet(HTML) 7 Page - Analog Intergrations Corporation

  AIC1740-20CF Datasheet HTML 1Page - Analog Intergrations Corporation AIC1740-20CF Datasheet HTML 2Page - Analog Intergrations Corporation AIC1740-20CF Datasheet HTML 3Page - Analog Intergrations Corporation AIC1740-20CF Datasheet HTML 4Page - Analog Intergrations Corporation AIC1740-20CF Datasheet HTML 5Page - Analog Intergrations Corporation AIC1740-20CF Datasheet HTML 6Page - Analog Intergrations Corporation AIC1740-20CF Datasheet HTML 7Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
AIC1740
7
l
SOT-223 (unit: mm)
SYMBOL
MIN
MAX
A1
0.02
0.12
B
0.60
0.80
B1
2.90
3.15
C
0.24
0.35
D
6.30
6.80
E
3.30
3.70
e
2.30 (TYP.)
H
6.70
7.30
0° ~ 10°
13° ± 3°
13° ± 3°
C
0.91 MIN
E
H
D
B1
3 (PLCS)
B
A1
13° ± 3
°
e
l SOT-223 MARKING
Part No.
Marking
AIC1740-18
AZ18
AIC1740-20
AZ20
AIC1740-25
AZ25
AIC1740-27
AZ27
AIC1740-30
AZ30


Similar Part No. - AIC1740-20CF

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1741 AIC-AIC1741 Datasheet
77Kb / 6P
   LOW DROPOUT ADJUSTABLE REGULATOR
AIC1741CN AIC-AIC1741CN Datasheet
77Kb / 6P
   LOW DROPOUT ADJUSTABLE REGULATOR
AIC1741CS AIC-AIC1741CS Datasheet
77Kb / 6P
   LOW DROPOUT ADJUSTABLE REGULATOR
AIC1742 AIC-AIC1742 Datasheet
639Kb / 12P
   Low Noise, Low Quiescent Current, 150mA Linear Regulator with Noise Bypass
AIC1742-15ACVBG AIC-AIC1742-15ACVBG Datasheet
639Kb / 12P
   Low Noise, Low Quiescent Current, 150mA Linear Regulator with Noise Bypass
More results

Similar Description - AIC1740-20CF

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IL233-XX IKSEMICON-IL233-XX Datasheet
355Kb / 6P
   500mA Low Dropout Linear Voltage Regulator
logo
ams AG
AS1363 AMSCO-AS1363 Datasheet
570Kb / 14P
   500mA, Low-Dropout Linear Voltage Regulator
logo
Linear Technology
LT3021-1.5 LINER-LT3021-1.5_15 Datasheet
195Kb / 16P
   500mA, Low Voltage, Very Low Dropout Linear Regulator
LT3021 LINER-LT3021 Datasheet
235Kb / 16P
   500mA, Low Voltage, Very Low Dropout Linear Regulator
LT3021 LINER-LT3021_15 Datasheet
195Kb / 16P
   500mA, Low Voltage, Very Low Dropout Linear Regulator
LT3021-1.2 LINER-LT3021-1.2_15 Datasheet
195Kb / 16P
   500mA, Low Voltage, Very Low Dropout Linear Regulator
LT3021-1.8 LINER-LT3021-1.8_15 Datasheet
195Kb / 16P
   500mA, Low Voltage, Very Low Dropout Linear Regulator
logo
Linear Dimensions Semic...
LT3021ES8PBF LINEAR_DIMENSIONS-LT3021ES8PBF Datasheet
195Kb / 16P
   500mA, Low Voltage, Very Low Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1735 AIC-AIC1735_15 Datasheet
291Kb / 12P
   500mA Low Dropout Linear Regulator
AIC1723A AIC-AIC1723A Datasheet
454Kb / 9P
   500mA Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com