Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1804ACS Datasheet(PDF) 9 Page - Analog Intergrations Corporation

Part # AIC1804ACS
Description  Three- Or Four-Cell Lithium-Ion Battery Protection IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1804ACS Datasheet(HTML) 9 Page - Analog Intergrations Corporation

Back Button AIC1804ACS Datasheet HTML 4Page - Analog Intergrations Corporation AIC1804ACS Datasheet HTML 5Page - Analog Intergrations Corporation AIC1804ACS Datasheet HTML 6Page - Analog Intergrations Corporation AIC1804ACS Datasheet HTML 7Page - Analog Intergrations Corporation AIC1804ACS Datasheet HTML 8Page - Analog Intergrations Corporation AIC1804ACS Datasheet HTML 9Page - Analog Intergrations Corporation AIC1804ACS Datasheet HTML 10Page - Analog Intergrations Corporation AIC1804ACS Datasheet HTML 11Page - Analog Intergrations Corporation AIC1804ACS Datasheet HTML 12Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AIC1804
9
to protection of external MOSFETs
Cell-Balancing Bleeding after
Overcharge
When either of the battery cells is overcharged,
the
AIC1804
provides
the
cell-balancing
bleeding function to discharge the overcharged
cell at about 9mA until the voltage of the
overcharged
cell
decreases
to
overcharge
release
voltage
(VOCR
or
VOCP-VHYS).
Connecting UD1, UD2, UD3 and UD4 pins to the
positive terminals of battery cells BAT1, BAT2,
BAT3
and
BAT4
accomplish
this
function,
respectively. Inserting resistors along UD2 pin to
BAT2 positive terminal path and UD4 pin to
BAT4 positive terminal path can decrease the
bleeding current.
Power-Down after Overdischarge
When overdischarge occurs, the AIC1804 will go
into power-down mode, turning off all the timing
generation and detection circuitry to reduce the
quiescent current to about 2.2
µA (V
CC=9.2V). In
the unusual case where one battery cell is
overdischarged
while
another
one
under
overcharge condition, the AIC1804 will turn off
all the detection circuitry except the overcharge
detection circuit for the cell under overcharge
condition.
Charge Detection after
Overdischarge
When
overdischarge
occurs,
the
discharge
control MOSFET M1 turns off and discharging is
inhibited. However, charging is still permitted
through the parasitic diode of M1. Once the
charger is connected to the battery pack, the
AIC1804 immediately turns on all the timing
generation and detection circuitry and goes into
normal mode. Charging is determined to be in
progress if the CS pin voltage is higher than
VCC + 0.4V (charge detection threshold voltage
VCH).
DESIGN GUIDE
Cell Number Selection
The user must configure the AIC1804 for three
or four series cells application. For three-cell
application,
NSL
pin
should
be
connected
directly to VCC pin. For four-cell application,
NSL pin should be connected directly to GND
pin.
No. of Series Cells
NSL Pin
3-cell
Connected to VCC
4-cell
Connected to GND
The protection circuit for three-cell lithium-ion
battery pack is shown in application examples
Fig. 1.
Setting the Overcharge and
Overdischarge Delay Time
The overcharge delay time is set by the external
capacitor C
TC and the overdischarge delay time
is
set
by
the
external
capacitor
CTD. The
relationship between capacitance of the external
capacitors and delay time is tabulated as below.
CTC ‚CTD(nF)
TOC ‚TOD(mS)
1
21
5
52
10
132
22
253
33
347
47
617
68
748
82
1004
100
1630
The delay time can also be approximately
calculated by the following equations (if CTC, CTD
≤ 82nF) :
TOC (mS) = 11.8 x CTC(nF)
TOD (mS) = 11.8 x CTD(nF)
Setting the Overcurrent Delay Time 1
The overcurrent delay time 1 (TOI1) at 0.15V <


Similar Part No. - AIC1804ACS

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1802 AIC-AIC1802 Datasheet
132Kb / 10P
   Two-Cell Lithium-Ion Battery Protection IC
AIC1802ACS AIC-AIC1802ACS Datasheet
132Kb / 10P
   Two-Cell Lithium-Ion Battery Protection IC
AIC1802BCS AIC-AIC1802BCS Datasheet
132Kb / 10P
   Two-Cell Lithium-Ion Battery Protection IC
AIC1802CCS AIC-AIC1802CCS Datasheet
132Kb / 10P
   Two-Cell Lithium-Ion Battery Protection IC
AIC1803 AIC-AIC1803 Datasheet
161Kb / 12P
   Three-Cell Lithium-Ion Battery Protection IC
More results

Similar Description - AIC1804ACS

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS6804 SSC-SS6804 Datasheet
616Kb / 12P
   Three/Four-cell Lithium-Ion Battery Protection IC
logo
Texas Instruments
BQ29311 TI-BQ29311 Datasheet
242Kb / 19P
[Old version datasheet]   THREE AND FOUR CELL LITHIUM ION OR LITHIUM POLYMER BATTERY PROTECTION IC
logo
Silicon Standard Corp.
SS6803 SSC-SS6803 Datasheet
354Kb / 12P
   Three-cell Lithium-Ion Battery Protection IC
logo
Analog Intergrations Co...
AIC1803 AIC-AIC1803 Datasheet
161Kb / 12P
   Three-Cell Lithium-Ion Battery Protection IC
logo
Texas Instruments
BQ29312A TI-BQ29312A Datasheet
1Mb / 35P
[Old version datasheet]   TWO-CELL, THREE-CELL, AND FOUR-CELL LITHIUM-ION OR LITHIUM-POLYMER BATTERY PROTECTION AFE
UCC3957MTR-2 TI-UCC3957MTR-2 Datasheet
280Kb / 15P
[Old version datasheet]   THREE - OR FOUR-CELL LITHIUM - ION PROTECTOR CIRCUIT
UCC3957M-4 TI-UCC3957M-4 Datasheet
621Kb / 17P
[Old version datasheet]   THREE-OR FOUR-CELL LITHIUM-ION PROTECTOR CIRCUIT
UCC3957MTR-4 TI1-UCC3957MTR-4 Datasheet
296Kb / 15P
[Old version datasheet]   THREE-OR FOUR-CELL LITHIUM-ION PROTECTOR CIRCUIT
logo
Analog Intergrations Co...
AIC1811 AIC-AIC1811 Datasheet
118Kb / 8P
   One-Cell Lithium-Ion Battery Protection IC
logo
Silicon Standard Corp.
SS6821 SSC-SS6821 Datasheet
157Kb / 10P
   Single-Cell Lithium-Ion Battery Protection IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com