Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T491U226006A Datasheet(PDF) 3 Page - Kemet Corporation

Part # T491U226006A
Description  SOLID TANTALUM CHIP CAPACITORS T491 SERIES - Precision Molded Chip
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T491U226006A Datasheet(HTML) 3 Page - Kemet Corporation

  T491U226006A Datasheet HTML 1Page - Kemet Corporation T491U226006A Datasheet HTML 2Page - Kemet Corporation T491U226006A Datasheet HTML 3Page - Kemet Corporation T491U226006A Datasheet HTML 4Page - Kemet Corporation T491U226006A Datasheet HTML 5Page - Kemet Corporation T491U226006A Datasheet HTML 6Page - Kemet Corporation T491U226006A Datasheet HTML 7Page - Kemet Corporation T491U226006A Datasheet HTML 8Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SOLID TANTALUM CHIP CAPACITORS
T491 SERIES - Precision Molded Chip
©KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
17
T491 RATINGS & PART NUMBER REFERENCE
(1)
To complete KEMET Part Number, insert M for ±20% tolerance or K for ±10% tolerance.
(2)
To complete KEMET Part Number, insert T, H, G, or S lead material designation as shown on page 15.
*Extended Values
**6 Volt product equivalent to 6.3 volt product.
#Maximum Capacitance Change @ 125ºC=+15%.
†Maximum Capacitance Change @ 125ºC=+20%.
Higher voltage ratings and tighter tolerance product may be substituted within the same size at KEMET’s option.
Voltage substitutions will be marked with the higher voltage rating.
Capaci-
tance
µF
Case
Size
KEMET
Part Number
DC
Leakage
μA @ 25ºC
Max
DF %
@ +25ºC
120 Hz
Max
ESR
Ω
@ +25°C
100 kHz
Max
100.0
T
T491T107(1)2R5A(2)
2.5
24.0
3.9
220.0
D
T491D227(1)2R5A(2)
5.5
8.0
0.3
#33.0
*A
T491A336(1)003A(2)
1.0
6.0
4.0
3.3
A
T491A335(1)004A(2)
0.5
6.0
8.0
4.7
A
T491A475(1)004A(2)
0.5
6.0
8.0
6.8
A
T491A685(1)004A(2)
0.5
6.0
6.0
6.8
S
T491S685(1)004A(2)
0.5
6.0
15.0
10.0
B
T491B106(1)004A(2)
0.5
6.0
3.5
10.0
A
T491A106(1)004A(2)
0.5
6.0
6.0
#10.0
*S
T491S106(1)004A(2)
0.5
6.0
15.0
#10.0
*R
T491R106(1)004A(2)
0.5
8.0
10.0
15.0
B
T491B156(1)004A(2)
0.6
6.0
3.5
15.0
A
T491A156(1)004A(2)
0.6
6.0
4.0
15.0
T
T491T156(1)004A(2)
0.6
6.0
5.0
#15.0
*S
T491S156(1)004A(2)
0.6
10.0
15.0
22.0
C
T491C226(1)004A(2)
0.9
6.0
1.8
22.0
B
T491B226(1)004A(2)
0.9
6.0
3.5
#22.0
A
T491A226(1)004A(2)
0.9
6.0
4.0
#22.0
*T
T491T226(1)004A(2)
0.9
6.0
5.0
22.0
*S
T491S226(1)004A(2)
0.9
10.0
10.0
33.0
C
T491C336(1)004A(2)
1.3
6.0
1.8
33.0
U
T491U336(1)004A(2)
1.3
6.0
1.8
33.0
B
T491B336(1)004A(2)
1.3
6.0
3.5
#33.0
A
T491A336(1)004A(2)
1.3
6.0
4.0
#33.0
*T
T491T336(1)004A(2)
1.3
8.0
5.0
47.0
C
T491C476(1)004A(2)
1.9
6.0
1.8
47.0
U
T491U476(1)004A(2)
1.9
6.0
1.8
#47.0
B
T491B476(1)004A(2)
1.9
6.0
3.0
#47.0
A
T491A476M004A(2)
1.9
12.0
2.5
#47.0
*T
T491T476M004A(2)
1.9
12.0
6.0
68.0
D
T491D686(1)004A(2)
2.7
6.0
0.8
68.0
C
T491C686(1)004A(2)
2.7
6.0
1.6
#68.0
*U
T491U686(1)004A(2)
2.7
6.0
1.8
#68.0
B
T491B686(1)004A(2)
2.7
6.0
3.5
#68.0
*A
T491A686(1)004A(2)
2.8
30.0
4.0
100.0
D
T491D107(1)004A(2)
4.0
8.0
0.8
#100.0
C
T491C107(1)004A(2)
4.0
8.0
1.2
#100.0
*U
T491U107(1)004A(2)
4.0
10.0
1.8
#100.0
*B
T491B107M004A(2)
4.0
8.0
0.9
†100.0
*A
T491A107M004A(2)
4.0
30.0
4.0
†100.0
*T
T491T107M004A(2)
4.0
30.0
5.0
150.0
D
T491D157(1)004A(2)
6.0
8.0
0.8
150.0
V
T491V157(1)004A(2)
6.0
8.0
0.7
#150.0
*C
T491C157(1)004A(2)
6.0
8.0
1.2
†150.0
*B
T491B157M004A(2)
6.0
12.0
2.0
#220.0
*V
T491V227(1)004A(2)
8.8
8.0
0.7
#220.0
*B
T491B227M004A(2)
8.8
18.0
0.5
330.0
D
T491D337(1)004A(2)
13.2
8.0
0.7
†330.0
*V
T491V337(1)004A(2)
13.2
12.0
0.7
#330.0
*C
T491C337(1)004A(2)
13.2
10.0
0.9
#470.0
X
T491X477(1)004A(2)
18.8
8.0
0.5
#470.0
*D
T491D477(1)004A(2)
18.8
8.0
0.8
#680.0
*X
T491X687M004A(2)
27.2
12.0
0.5
#680.0
*D
T491D687M004A(2)
27.2
12.0
0.5
#1000.0
*X
T491X108(1)004A(2)
40.0
12.0
0.5
#1000.0
*E
T491E108M004A(2)
40.0
15.0
0.2
2.2
R
T491R225(1)006A(2)
0.5
6.0
25.0
2.2
A
T491A225(1)006A(2)
0.5
6.0
8.0
3.3
A
T491A335(1)006A(2)
0.5
6.0
8.0
4.7
A
T491A475(1)006A(2)
0.5
6.0
6.0
4.7
S
T491S475(1)006A(2)
0.5
6.0
15.0
6.8
B
T491B685(1)006A(2)
0.5
6.0
3.5
6.8
A
T491A685(1)006A(2)
0.5
6.0
6.0
#6.8
S
T491S685(1)006A(2)
0.5
6.0
15.0
#6.8
*R
T491R685(1)006A(2)
0.5
8.0
15.0
10.0
B
T491B106(1)006A(2)
0.6
6.0
3.5
10.0
A
T491A106(1)006A(2)
0.6
6.0
4.0
10.0
T
T491T106(1)006A(2)
0.6
6.0
5.0
#10.0
*S
T491S106(1)006A(2)
0.6
10.0
15.0
#10.0
*R
T491R106(1)006A(2)
0.6
8.0
10.0
2.5 Volt Rating at +85ºC (1.7 Volt Rating at +125ºC)
3 Volt Rating at +85ºC (2 Volt Rating at +125ºC)
4 Volt Rating at +85ºC (2.7 Volt Rating at +125ºC)
**6 Volt Rating at +85ºC (4 Volt Rating at +125ºC)
Capaci-
tance
µF
Case
Size
KEMET
Part Number
DC
Leakage
μA @ 25ºC
Max
DF %
@ +25ºC
120 Hz
Max
ESR
Ω
@ +25°C
100 kHz
Max
15.0
C
T491C156(1)006A(2)
0.9
6.0
1.8
15.0
B
T491B156(1)006A(2)
0.9
6.0
3.5
#15.0
A
T491A156(1)006A(2)
0.9
6.0
3.5
#15.0
T
T491T156(1)006A(2)
0.9
6.0
5.0
#15.0
*S
T491S156(1)006A(2)
0.9
15.0
10.0
22.0
C
T491C226(1)006A(2)
1.4
6.0
1.8
22.0
U
T491U226(1)006A(2)
1.4
6.0
1.8
22.0
B
T491B226(1)006A(2)
1.4
6.0
3.5
#22.0
A
T491A226(1)006A(2)
1.4
6.0
4.0
#22.0
T
T491T226(1)006A(2)
1.4
8.0
5.0
33.0
C
T491C336(1)006A(2)
2.0
6.0
1.8
33.0
U
T491U336(1)006A(2)
2.0
6.0
1.8
#33.0
B
T491B336(1)006A(2)
2.0
6.0
3.0
#33.0
A
T491A336(1)006A(2)
2.0
12.0
2.5
#33.0
*T
T491T336(1)006A(2)
2.0
12.0
6.0
47.0
D
T491D476(1)006A(2)
2.9
6.0
0.8
47.0
C
T491C476(1)006A(2)
2.9
6.0
1.6
#47.0
U
T491U476(1)006A(2)
2.9
6.0
1.8
#47.0
B
T491B476(1)006A(2)
2.9
6.0
2.0
†47.0
*A
T491A476M006A(2)
3.0
12.0
3.5
*47.0
*T
T491T476(1)006A(2)
3.0
24.0
4.4
68.0
D
T491D686(1)006A(2)
4.1
6.0
0.8
#68.0
C
T491C686(1)006A(2)
4.1
6.0
1.2
#68.0
*U
T491U686(1)006A(2)
4.1
10.0
1.8
#68.0
*B
T491B686(1)006A(2)
4.1
8.0
0.9
#68.0
*A
T491A686(1)006A(2)
5.0
30.0
4.0
100.0
D
T491D107(1)006A(2)
6.0
8.0
0.8
100.0
V
T491V107(1)006A(2)
6.0
8.0
0.7
#100.0
C
T491C107(1)006A(2)
6.0
8.0
0.9
#100.0
*U
T491U107(1)006A(2)
6.0
10.0
1.8
#100.0
*B
T491B107(1)006A(2)
6.3
15.0
3.0
150.0
D
T491D157(1)006A(2)
9.0
8.0
0.7
#150.0
*C
T491C157(1)006A(2)
9.0
8.0
1.2
#150.0
*V
T491V157(1)006A(2)
9.0
8.0
0.7
220.0
X
T491X227(1)006A(2)
13.2
8.0
0.7
#220.0
D
T491D227(1)006A(2)
13.2
8.0
0.7
#220.0
*C
T491C227M006A(2)
13.2
10.0
1.2
#220.0
*V
T491V227(1)006A(2)
13.2
12.0
0.7
330.0
*X
T491X337(1)006A(2)
19.8
8.0
0.4
330.0
*D
T491D337(1)006A(2)
19.8
8.0
0.4
330.0
*E
T491E337(1)006A(2)
20.8
8.0
0.5
470.0
*X
T491X477(1)006A(2)
28.2
10.0
0.4
470.0
*D
T491D477M006A(2)
28.2
12.0
0.4
470.0
*E
T491E477(1)006A(2)
29.6
10.0
0.4
680.0
*E
T491E687M006A(2)
40.8
12.0
0.5
1.5
A
T491A155(1)010A(2)
0.5
6.0
8.0
2.2
B
T491B225(1)010A(2)
0.5
6.0
3.5
2.2
A
T491A225(1)010A(2)
0.5
6.0
8.0
3.3
A
T491A335(1)010A(2)
0.5
6.0
6.0
3.3
S
T491S335(1)010A(2)
0.5
6.0
15.0
#3.3
*R
T491R335(1)010A(2)
0.3
8.0
15.0
4.7
B
T491B475(1)010A(2)
0.5
15.0
3.5
4.7
A
T491A475(1)010A(2)
0.5
6.0
5.0
#4.7
S
T491S475(1)010A(2)
0.5
6.0
15.0
#4.7
*R
T491R475(1)010A(2)
0.5
8.0
10.0
6.8
B
T491B685(1)010A(2)
0.7
6.0
3.5
6.8
A
T491A685(1)010A(2)
0.7
6.0
4.0
6.8
T
T491T685(1)010A(2)
0.7
6.0
5.0
#6.8
*S
T491S685(1)010A(2)
0.7
10.0
15.0
10.0
C
T491C106(1)010A(2)
1.0
6.0
1.8
10.0
B
T491B106(1)010A(2)
1.0
6.0
3.5
#10.0
A
T491A106(1)010A(2)
1.0
6.0
4.0
#10.0
T
T491T106(1)010A(2)
1.0
6.0
5.0
#10.0
*S
T491S106(1)010A(2)
1.0
10.0
15.0
15.0
C
T491C156(1)010A(2)
1.5
6.0
1.8
15.0
U
T491U156(1)010A(2)
1.5
6.0
1.8
15.0
B
T491B156(1)010A(2)
1.5
6.0
2.8
#15.0
*A
T491A156(1)010A(2)
1.5
8.0
6.0
#15.0
*T
T491T156(1)010A(2)
1.5
8.0
5.0
10 Volt Rating at +85ºC (7 Volt Rating at +125ºC)
**6 Volt Rating at +85ºC (4 Volt Rating at +125ºC)


Similar Part No. - T491U226006A

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T491U2261010A2 KEMET-T491U2261010A2 Datasheet
725Kb / 8P
   SOLID TANTALUM CHIP CAPACITORS
T491U226K004AH KEMET-T491U226K004AH Datasheet
402Kb / 20P
   LOW PROFILE SURFACE MOUNT CAPACITORS
T491U226K004AS KEMET-T491U226K004AS Datasheet
402Kb / 20P
   LOW PROFILE SURFACE MOUNT CAPACITORS
T491U226K004AT KEMET-T491U226K004AT Datasheet
402Kb / 20P
   LOW PROFILE SURFACE MOUNT CAPACITORS
T491U226M004AH KEMET-T491U226M004AH Datasheet
402Kb / 20P
   LOW PROFILE SURFACE MOUNT CAPACITORS
More results

Similar Description - T491U226006A

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T491X107K016AS KEMET-T491X107K016AS Datasheet
725Kb / 8P
   SOLID TANTALUM CHIP CAPACITORS T491 SERIES - Precision Molded Chip
T491B226K006AS KEMET-T491B226K006AS Datasheet
725Kb / 8P
   SOLID TANTALUM CHIP CAPACITORS T491 SERIES - Precision Molded Chip
T491A475K016AS KEMET-T491A475K016AS Datasheet
725Kb / 8P
   SOLID TANTALUM CHIP CAPACITORS T491 SERIES - Precision Molded Chip
logo
Vishay Siliconix
292D336X06R3P2T VISHAY-292D336X06R3P2T Datasheet
129Kb / 8P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Leadframeless Molded
Revision: 16-Sep-09
298D VISHAY-298D_08 Datasheet
213Kb / 11P
   Solid Tantalum Chip Capacitors MICROTAN™ Leadframeless Molded
Revision: 01-Sep-08
594D VISHAY-594D_17 Datasheet
313Kb / 20P
   Solid Tantalum Chip Capacitors
Revision: 21-Jun-17
logo
Cornell Dubilier Electr...
T491T156K004AS CDE-T491T156K004AS Datasheet
277Kb / 4P
   Solid Tantalum Chip Capacitors
logo
Vishay Siliconix
TM8 VISHAY-TM8_17 Datasheet
423Kb / 18P
   Solid Tantalum Chip Capacitors
Revision: 09-Mar-17
logo
Kemet Corporation
CWR11DB105MBA KEMET-CWR11DB105MBA Datasheet
672Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
T495 KEMET-T495 Datasheet
726Kb / 8P
   SOLID TANTALUM CHIP CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com