Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N4029 Datasheet(PDF) 1 Page - ON Semiconductor

Part # 2N4029
Description  Small Signal Switching Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N4029 Datasheet(HTML) 1 Page - ON Semiconductor

  2N4029 Datasheet HTML 1Page - ON Semiconductor 2N4029 Datasheet HTML 2Page - ON Semiconductor 2N4029 Datasheet HTML 3Page - ON Semiconductor 2N4029 Datasheet HTML 4Page - ON Semiconductor 2N4029 Datasheet HTML 5Page - ON Semiconductor 2N4029 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2013
November, 2013 − Rev. 1
1
Publication Order Number:
2N4029/D
2N4029, 2N4033
Small Signal Switching
Transistor
PNP Silicon
Features
MIL−PRF−19500/512 Qualified
Available as JAN, JANTX, and JANTXV
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector − Emitter Voltage
VCEO
−80
Vdc
Collector − Base Voltage
VCBO
−80
Vdc
Emitter − Base Voltage
VEBO
−5.0
Vdc
Collector Current − Continuous
IC
1
Adc
Total Device Dissipation @ TA = 25°C
2N4029
2N4033
PT
0.5
0.8
W
Total Device Dissipation @ TC = 25°C
2N4029
2N4033
PT
1.0
4.0
W
Operating and Storage Junction
Temperature Range
TJ, Tstg
−65 to +200
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction−to−Ambient
2N4029
2N4033
RqJA
325
195
°C/W
Thermal Resistance, Junction−to−Case
2N4029
2N4033
RqJC
150
40
°C/W
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
COLLECTOR
3
2
BASE
1
EMITTER
http://onsemi.com
TO−18
CASE 206AA
STYLE 1
2N4029
Level
Package
Shipping
ORDERING INFORMATION
JAN
JANTX
TO−18
Bulk
JANTXV
TO−39
CASE 205AB
STYLE 1
2N4033
Device
2N4029
TO−39
Bulk
2N4033


Similar Part No. - 2N4029

ManufacturerPart #DatasheetDescription
logo
Semicoa Semiconductor
2N4029 SEMICOA-2N4029 Datasheet
98Kb / 2P
   Type 2N4029 Geometry 6700 Polarity PNP
logo
Micro Electronics
2N4029 MICRO-ELECTRONICS-2N4029 Datasheet
39Kb / 1P
   PNP SILICON TRANSISTOR
logo
Microsemi Corporation
2N4029 MICROSEMI-2N4029 Datasheet
57Kb / 2P
   PNP SILICON SWITCHING TRANSISTOR
logo
Semicoa Semiconductor
2N4029 SEMICOA-2N4029 Datasheet
212Kb / 2P
   Silicon PNP Transistor
logo
Seme LAB
2N4029 SEME-LAB-2N4029 Datasheet
14Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO18
More results

Similar Description - 2N4029

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
JANTX2N4033 ONSEMI-JANTX2N4033 Datasheet
105Kb / 4P
   Small Signal Switching Transistor
March, 2013 ??Rev. P0
JAN2N2222A ONSEMI-JAN2N2222A Datasheet
90Kb / 3P
   Small Signal Switching Transistor
August, 2012 ??Rev. 1
2N2219 ONSEMI-2N2219 Datasheet
103Kb / 4P
   Small Signal Switching Transistor
August, 2012 ??Rev. 1
logo
New Jersey Semi-Conduct...
2N2905A NJSEMI-2N2905A Datasheet
206Kb / 3P
   Small Signal Switching Transistor
logo
Central Semiconductor C...
CMKT3946 CENTRAL-CMKT3946_15 Datasheet
387Kb / 2P
   COMPLEMENTARY SMALL SIGNAL SWITCHING TRANSISTOR
logo
Sensitron
SHD446010 SENSITRON-SHD446010 Datasheet
37Kb / 2P
   SMALL SIGNAL TRANSISTOR
SHD444104 SENSITRON-SHD444104 Datasheet
155Kb / 2P
   SMALL SIGNAL TRANSISTOR
logo
Isahaya Electronics Cor...
ISA1989AU1 ISAHAYA-ISA1989AU1 Datasheet
139Kb / 3P
   SMALL-SIGNAL TRANSISTOR
ISA1530AC1 ISAHAYA-ISA1530AC1 Datasheet
115Kb / 3P
   SMALL-SIGNAL TRANSISTOR
logo
Guangdong Kexin Industr...
2SC5214 KEXIN-2SC5214 Datasheet
51Kb / 1P
   Small Signal Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com