Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1804CCS Datasheet(PDF) 3 Page - Analog Intergrations Corporation

Part # AIC1804CCS
Description  Three- Or Four-Cell Lithium-Ion Battery Protection IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1804CCS Datasheet(HTML) 3 Page - Analog Intergrations Corporation

  AIC1804CCS Datasheet HTML 1Page - Analog Intergrations Corporation AIC1804CCS Datasheet HTML 2Page - Analog Intergrations Corporation AIC1804CCS Datasheet HTML 3Page - Analog Intergrations Corporation AIC1804CCS Datasheet HTML 4Page - Analog Intergrations Corporation AIC1804CCS Datasheet HTML 5Page - Analog Intergrations Corporation AIC1804CCS Datasheet HTML 6Page - Analog Intergrations Corporation AIC1804CCS Datasheet HTML 7Page - Analog Intergrations Corporation AIC1804CCS Datasheet HTML 8Page - Analog Intergrations Corporation AIC1804CCS Datasheet HTML 9Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AIC1804
3
n ELECTRICAL CHARACTERISTICS (Ta=25°C, unless otherwise specified.)
PARAMETER
TEST CONDITIONS
SYMBOL
MIN.
TYP.
MAX. UNIT
VCC Pin Input Current in Normal
Mode
V
CELL=3.5V
I
CC
17
26
µA
VC1 Pin Input Current in Normal
Mode
V
CELL=3.5V
I
C1
0.7
1.8
µA
VC2 Pin Input Current in Normal
Mode
V
CELL=3.5V
I
C2
0.4
1.0
µA
VC3 Pin Input Current in Normal
Mode
V
CELL=3.5V
I
C3
0.2
0.5
µA
Vcc Pin Input Current in Power-
Down Mode
V
CELL=2.3V
I
CC(PD)
2.2
4.0
µA
VC1,VC2,VC3 Input Current in
Power-Down Mode
V
CELL=2.3V
I
C(PD)
0.01
0.15
µA
Overcharge Protection Voltage
AIC1804A
4.32
4.35
4.38
AIC1804B
V
OCP
4.27
4.30
4.33
V
AIC1804C
4.22
4.25
4.28
AIC1804D
4.17
4.20
4.23
Overcharge Hysteresis Voltage
V
HYS
150
200
250
mV
Overdischarge Protection Voltage
V
ODP
2.27
2.40
2.53
V
Overdischarge Release Voltage
V
ODR
2.85
3.00
3.15
V
Overcurrent Protection Voltage
V
CELL=3.5V
V
OIP
135
150
165
mV
Overcharge Delay Time
V
CELL1=VOCP - 30mV
→V
OCP+30mV
V
CELL2= VCELL3= VCELL4=
3.5V, C
TC=1nF
T
OC
10
21
32
mS
Overdischarge Delay Time
V
CELL1= 2.5V→ 2.3V
V
CELL2= VCELL3= VCELL4=
3.5V, C
TD=1nF
T
OD
10
21
32
mS
Overcurrent Delay Time (1)
V
CELL= 3.5V,0.15V<VCC -
V
CS <0.3V ,CTI=2.2nF
T
OI1
7
15
23
mS


Similar Part No. - AIC1804CCS

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1802 AIC-AIC1802 Datasheet
132Kb / 10P
   Two-Cell Lithium-Ion Battery Protection IC
AIC1802ACS AIC-AIC1802ACS Datasheet
132Kb / 10P
   Two-Cell Lithium-Ion Battery Protection IC
AIC1802BCS AIC-AIC1802BCS Datasheet
132Kb / 10P
   Two-Cell Lithium-Ion Battery Protection IC
AIC1802CCS AIC-AIC1802CCS Datasheet
132Kb / 10P
   Two-Cell Lithium-Ion Battery Protection IC
AIC1803 AIC-AIC1803 Datasheet
161Kb / 12P
   Three-Cell Lithium-Ion Battery Protection IC
More results

Similar Description - AIC1804CCS

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS6804 SSC-SS6804 Datasheet
616Kb / 12P
   Three/Four-cell Lithium-Ion Battery Protection IC
logo
Texas Instruments
BQ29311 TI-BQ29311 Datasheet
242Kb / 19P
[Old version datasheet]   THREE AND FOUR CELL LITHIUM ION OR LITHIUM POLYMER BATTERY PROTECTION IC
logo
Silicon Standard Corp.
SS6803 SSC-SS6803 Datasheet
354Kb / 12P
   Three-cell Lithium-Ion Battery Protection IC
logo
Analog Intergrations Co...
AIC1803 AIC-AIC1803 Datasheet
161Kb / 12P
   Three-Cell Lithium-Ion Battery Protection IC
logo
Texas Instruments
BQ29312A TI-BQ29312A Datasheet
1Mb / 35P
[Old version datasheet]   TWO-CELL, THREE-CELL, AND FOUR-CELL LITHIUM-ION OR LITHIUM-POLYMER BATTERY PROTECTION AFE
UCC3957MTR-2 TI-UCC3957MTR-2 Datasheet
280Kb / 15P
[Old version datasheet]   THREE - OR FOUR-CELL LITHIUM - ION PROTECTOR CIRCUIT
UCC3957M-4 TI-UCC3957M-4 Datasheet
621Kb / 17P
[Old version datasheet]   THREE-OR FOUR-CELL LITHIUM-ION PROTECTOR CIRCUIT
UCC3957MTR-4 TI1-UCC3957MTR-4 Datasheet
296Kb / 15P
[Old version datasheet]   THREE-OR FOUR-CELL LITHIUM-ION PROTECTOR CIRCUIT
logo
Analog Intergrations Co...
AIC1811 AIC-AIC1811 Datasheet
118Kb / 8P
   One-Cell Lithium-Ion Battery Protection IC
logo
Silicon Standard Corp.
SS6821 SSC-SS6821 Datasheet
157Kb / 10P
   Single-Cell Lithium-Ion Battery Protection IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com