Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T494T226004A Datasheet(PDF) 8 Page - Kemet Corporation

Part # T494T226004A
Description  Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T494 Industrial Grade Low ESR MnO2 Series
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T494T226004A Datasheet(HTML) 8 Page - Kemet Corporation

Back Button T494T226004A Datasheet HTML 4Page - Kemet Corporation T494T226004A Datasheet HTML 5Page - Kemet Corporation T494T226004A Datasheet HTML 6Page - Kemet Corporation T494T226004A Datasheet HTML 7Page - Kemet Corporation T494T226004A Datasheet HTML 8Page - Kemet Corporation T494T226004A Datasheet HTML 9Page - Kemet Corporation T494T226004A Datasheet HTML 10Page - Kemet Corporation T494T226004A Datasheet HTML 11Page - Kemet Corporation T494T226004A Datasheet HTML 12Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
T2008_T494 • 10/7/2013
88
Tantalum Surface Mount Capacitors – Low ESR MnO
2 Tantalum & Aluminum Surface Mount Capacitors
T494 Industrial Grade Low ESR MnO
2 Series
(1) To complete KEMET part number, insert M for ±20% or K for ±10%. Designates capacitance tolerance.
(2) To complete KEMET part number, insert T = 100% Matte Tin (Sn) Plated, G = Gold Plated, H = Standard Solder coated (SnPb 5% Pb minimum). Designates
termination finish.
Refer to Ordering Information for additional detail.
Higher voltage ratings and tighter tolerance product including ESR may be substituted within the same size at KEMET's option. Voltage substitution will be marked
with the higher voltage rating. Substitutions can include better than series.
Table 1 – Ratings & Part Number Reference cont'd
Rated
Voltage
Rated
Cap
Case Code/
Case Size
KEMET Part
Number
DC
Leakage
DF
ESR
Maximum Allowable
Ripple Current
Moisture
Sensitivity
VDC
µF
KEMET/EIA
(See below for
part options)
µA @ 20ºC
Max/5 Min
% @ 20ºC
120 Hz Max
Ω @ 20ºC
100 kHz Max
(mA) 100 kHz
25ºC
(mA) 100 kHz
85ºC
(mA) 100 kHz
125ºC
Reflow Temp
≤ 260ºC
10
68
C/6032-28
T494C686(1)010A(2)
6.8
6.0
0.30
606
545
242
1
10
68
V/7343-20
T494V686(1)010A(2)
6.8
6.0
0.30
645
581
258
1
10
68
U/6032-15
T494U686(M)010A(2)
6.8
10.0
1.20
274
247
110
1
10
68
B/3528-21
T494B686(M)010A(2)
6.8
10.0
1.50
238
214
95
1
10
100
D/7343-31
T494D107(1)010A(2)
10.0
8.0
0.15
1000
900
400
1
10
100
C/6032-28
T494C107(1)010A(2)
10.0
8.0
0.20
742
668
297
1
10
100
V/7343-20
T494V107(1)010A(2)
10.0
8.0
0.40
559
503
224
1
10
150
X/7343-43
T494X157(1)010A(2)
15.0
8.0
0.15
1049
944
420
1
10
150
D/7343-31
T494D157(1)010A(2)
15.0
8.0
0.15
1000
900
400
1
10
150
C/6032-28
T494C157(1)010A(2)
15.0
10.0
0.70
396
356
158
1
10
150
V/7343-20
T494V157(M)010A(2)
15.0
8.0
0.30
645
581
258
1
10
220
X/7343-43
T494X227(1)010A(2)
22.0
8.0
0.15
1049
944
420
1
10
220
D/7343-31
T494D227(1)010A(2)
22.0
8.0
0.15
1000
900
400
1
10
330
X/7343-43
T494X337(1)010A(2)
33.0
10.0
0.10
1285
1157
514
1
10
330
D/7343-31
T494D337(M)010A(2)
33.0
10.0
0.15
1000
900
400
1
10
330
E/7360-38
T494E337(1)010A(2)
33.0
10.0
0.25
894
805
358
1
10
470
X/7343-43
T494X477(1)010A(2)
47.0
10.0
0.10
1285
1157
514
1
10
470
E/7360-38
T494E477(M)010A(2)
47.0
12.0
0.10
1414
1273
566
1
16
1
A/3216-18
T494A105(1)016A(2)
0.5
4.0
6.0
112
101
45
1
16
1.5
A/3216-18
T494A155(1)016A(2)
0.5
6.0
6.0
112
101
45
1
16
2.2
A/3216-18
T494A225(1)016A(2)
0.5
6.0
4.0
137
123
55
1
16
2.2
S/3216-12
T494S225(1)016A(2)
0.5
6.0
10.0
77
69
31
1
16
3.3
B/3528-21
T494B335(1)016A(2)
0.5
6.0
2.0
206
185
82
1
16
3.3
A/3216-18
T494A335(1)016A(2)
0.5
6.0
4.0
137
123
55
1
16
4.7
B/3528-21
T494B475(1)016A(2)
0.8
6.0
1.5
238
214
95
1
16
4.7
A/3216-18
T494A475(1)016A(2)
0.8
6.0
3.0
158
142
63
1
16
4.7
T/3528-12
T494T475(1)016A(2)
0.8
6.0
3.0
153
138
61
1
16
6.8
C/6032-28
T494C685(1)016A(2)
1.1
6.0
0.8
371
334
148
1
16
6.8
B/3528-21
T494B685(1)016A(2)
1.1
6.0
1.2
266
239
106
1
16
6.8
A/3216-18
T494A685(1)016A(2)
1.1
6.0
3.0
158
142
63
1
16
10
C/6032-28
T494C106(1)016A(2)
1.6
6.0
0.6
428
385
171
1
16
10
U/6032-15
T494U106(1)016A(2)
1.6
6.0
1.0
300
270
120
1
16
10
B/3528-21
T494B106(1)016A(2)
1.6
6.0
0.8
326
293
130
1
16
10
A/3216-18
T494A106(1)016A(2)
1.6
8.0
3.0
158
142
63
1
16
10
T/3528-12
T494T106(1)016A(2)
1.6
8.0
6.0
108
97
43
1
16
15
C/6032-28
T494C156(1)016A(2)
2.4
6.0
0.4
524
472
210
1
16
15
U/6032-15
T494U156(1)016A(2)
2.4
6.0
0.8
335
302
134
1
16
15
B/3528-21
T494B156(1)016A(2)
2.4
6.0
0.8
326
293
130
1
16
22
D/7343-31
T494D226(1)016A(2)
3.5
6.0
0.25
775
698
310
1
16
22
C/6032-28
T494C226(1)016A(2)
3.5
6.0
0.35
561
505
224
1
16
22
U/6032-15
T494U226(1)016A(2)
3.5
10.0
1.80
224
202
90
1
16
22
B/3528-21
T494B226(1)016A(2)
3.5
6.0
1.00
292
263
117
1
16
33
D/7343-31
T494D336(1)016A(2)
5.3
6.0
0.25
775
698
310
1
16
33
C/6032-28
T494C336(1)016A(2)
5.3
6.0
0.30
606
545
242
1
16
33
U/6032-15
T494U336(1)016A(2)
5.3
12.0
2.20
202
182
81
1
16
33
B/3528-21
T494B336(1)016A(2)
5.3
8.0
1.20
266
239
106
1
16
47
D/7343-31
T494D476(1)016A(2)
7.5
6.0
0.2
866
779
346
1
16
47
V/7343-20
T494V476(1)016A(2)
7.5
6.0
0.3
645
581
258
1
16
47
C/6032-28
T494C476(1)016A(2)
7.5
6.0
0.5
469
422
188
1
16
68
D/7343-31
T494D686(1)016A(2)
10.9
6.0
0.15
1000
900
400
1
16
68
V/7343-20
T494V686(1)016A(2)
10.9
6.0
0.5
500
450
200
1
VDC
µF
KEMET/EIA
(See below for
part options)
µA @ 20ºC
Max/5 Min
% @ 20ºC
120 Hz Max
Ω @ 20ºC
100 kHz Max
(mA) 100 kHz
25ºC
(mA) 100 kHz
85ºC
(mA) 100 kHz
125ºC
Reflow Temp
≤ 260ºC
Rated
Voltage
Rated
Cap
Case Code/
Case Size
KEMET Part
Number
DC
Leakage
DF
ESR
Maximum Allowable
Ripple Current
Moisture
Sensitivity
Roll Over for
Order Info.
T
494
T
336
M
004
A
T
Capacitor
Class
Series
Case Size
Capacitance
Code(pF)
Capacitance
Tolerance
Voltage
FailureRate/
Design
Lead Material
Packaging (C-Spec)
T =
Tantalum
Industrial -
Low ESR
A, B, C, D,
E, S, T, U,
V, X
Firsttwodigits
representsignificant
figures.Thirddigit
specifiesnumberof
zeros.
K = ±10%
M = ±20%
2R5 = 2.5 V
003 = 3 V
004 = 4 V
006 = 6.3 V
010 = 10 V
016 = 16 V
020 = 20 V
025 = 25 V
035 = 35 V
050 = 50 V
A = N/A
T = 100% Matte Tin
(Sn) Plated
H = Standard Solder
Coated (SnPb 5% Pb
minimum)
G = Gold Plated (A, B,
C, D, X only)
Blank = 7" Reel
7280 = 13" Reel


Similar Part No. - T494T226004A

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T494T226K004AS KEMET-T494T226K004AS Datasheet
257Kb / 3P
   SOLID TANTALUM CHIP CAPACITORS
(T494 SERIES - Low ESR, Industrial Grade)
T494T226M004AS KEMET-T494T226M004AS Datasheet
257Kb / 3P
   SOLID TANTALUM CHIP CAPACITORS
(T494 SERIES - Low ESR, Industrial Grade)
T494T226M006AS KEMET-T494T226M006AS Datasheet
257Kb / 3P
   SOLID TANTALUM CHIP CAPACITORS
(T494 SERIES - Low ESR, Industrial Grade)
T494T226M010AS KEMET-T494T226M010AS Datasheet
257Kb / 3P
   SOLID TANTALUM CHIP CAPACITORS
(T494 SERIES - Low ESR, Industrial Grade)
T494T226M010AT KEMET-T494T226M010AT Datasheet
1Mb / 4P
   (Low ESR, Surge Robust) 10 pcs.
More results

Similar Description - T494T226004A

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T494B226M016AT KEMET-T494B226M016AT Datasheet
2Mb / 23P
   Tantalum Surface Mount Capacitors ??Low ESR T494 Series Industrial Grade MnO2
T495D157K010ATE100 KEMET-T495D157K010ATE100 Datasheet
2Mb / 28P
   Tantalum Surface Mount Capacitors ??Low ESR T494 Series Industrial Grade MnO2
T494A225K020AT KEMET-T494A225K020AT Datasheet
2Mb / 23P
   Tantalum Surface Mount Capacitors ??Low ESR T494 Series Industrial Grade MnO2
T495A106K010ATE1K8 KEMET-T495A106K010ATE1K8 Datasheet
2Mb / 28P
   Tantalum Surface Mount Capacitors ??Low ESR T494 Series Industrial Grade MnO2
T495D157M010ATE100 KEMET-T495D157M010ATE100 Datasheet
2Mb / 28P
   Tantalum Surface Mount Capacitors ??Low ESR T494 Series Industrial Grade MnO2
T494A106K010AT KEMET-T494A106K010AT Datasheet
2Mb / 22P
   Tantalum Surface Mount Capacitors ??Low ESR T494 Series Industrial Grade MnO2
T510E107K025AHE050 KEMET-T510E107K025AHE050 Datasheet
2Mb / 16P
   Tantalum Surface Mount Capacitors ??Low ESR T494 Series Industrial Grade MnO2
T495A475K010ATE1K3 KEMET-T495A475K010ATE1K3 Datasheet
2Mb / 28P
   Tantalum Surface Mount Capacitors ??Low ESR T494 Series Industrial Grade MnO2
T494T336M004AT KEMET-T494T336M004AT Datasheet
2Mb / 22P
   T494 Industrial Grade Low ESR MnO2 Series
T495X475K050AHE300 KEMET-T495X475K050AHE300 Datasheet
1Mb / 28P
   Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T495 Surge Robust Low ESR MnO2 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com