Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Si7013-A10-IM1R Datasheet(PDF) 6 Page - Silicon Laboratories

Part # Si7013-A10-IM1R
Description  I2C HUMIDITY AND TWO-ZONE TEMPERATURE SENSOR
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si7013-A10-IM1R Datasheet(HTML) 6 Page - Silicon Laboratories

Back Button Si7013-A10-IM1R Datasheet HTML 2Page - Silicon Laboratories Si7013-A10-IM1R Datasheet HTML 3Page - Silicon Laboratories Si7013-A10-IM1R Datasheet HTML 4Page - Silicon Laboratories Si7013-A10-IM1R Datasheet HTML 5Page - Silicon Laboratories Si7013-A10-IM1R Datasheet HTML 6Page - Silicon Laboratories Si7013-A10-IM1R Datasheet HTML 7Page - Silicon Laboratories Si7013-A10-IM1R Datasheet HTML 8Page - Silicon Laboratories Si7013-A10-IM1R Datasheet HTML 9Page - Silicon Laboratories Si7013-A10-IM1R Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
Si7013
6
Rev. 0.95
Figure 1. I2C Interface Timing Diagram
SDA Valid Time
tVD;DAT From SCL low to data valid
0.9
µs
SDA Acknowledge Valid Time
tVD;ACK From SCL low to data valid
0.9
µs
Suppressed Pulse Width3
tSPS
50
ns
Table 3. I2C Interface Specifications1
1.9
 VDD  3.6 V; TA = –40 to +85 °C (G grade) or –40 to +125 °C (I/Y grade) unless otherwise noted.
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Notes:
1.
All values are referenced to VIL and/or VIH.
2.
Depending on the conversion command, the Si7013 may hold the master during the conversion (clock stretch). At
above 300 kHz SCL, the Si7013 may hold the master briefly for user register and device ID transactions. At the highest
I2C speed of 400 kHz the stretching will be <10 µs.
3.
Pulses up to and including 50ns will be suppressed.
SCL
D7
1/fSCL
tSKH
SDA
tSKL
tSTH
D6
D5
D0
R/W
ACK
tDS
tDH
Start Bit
Stop Bit
tBUF
tSTS
tVD : ACK
tSPS
tSP


Similar Part No. - Si7013-A10-IM1R

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
Si7013-A10-IM1R SILABS-Si7013-A10-IM1R Datasheet
49Kb / 2P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
More results

Similar Description - Si7013-A10-IM1R

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI7013-A20 SILABS-SI7013-A20 Datasheet
1Mb / 45P
   IC HUMIDITY AND TWO-ZONE TEMPERATURE SENSOR
SI7013-A20-GM1R SILABS-SI7013-A20-GM1R Datasheet
2Mb / 45P
   2C HUMIDITY AND TWO-ZONE TEMPERATURE SENSOR
Rev. 1.4 4/20
logo
HOPE Microelectronics C...
TH06 HOPE-TH06 Datasheet
365Kb / 26P
   I2C HUMIDITY AND TEMPERATURE SENSOR
logo
Silicon Laboratories
SI7005 SILABS-SI7005 Datasheet
340Kb / 41P
   DIGITAL I2C HUMIDITY AND TEMPERATURE SENSOR
logo
List of Unclassifed Man...
SHT71 ETC2-SHT71 Datasheet
266Kb / 11P
   Humidity and Temperature Sensor
logo
JOY-IT
KY-015 JOY-IT-KY-015 Datasheet
666Kb / 7P
   Temperature and humidity sensor
logo
Sensirion AG Switzerlan...
SHT85 SENSIRION-SHT85 Datasheet
1Mb / 23P
   Humidity and Temperature Sensor
Version 3
logo
List of Unclassifed Man...
SHT25 ETC2-SHT25 Datasheet
426Kb / 12P
   Humidity and Temperature Sensor
logo
HOPE Microelectronics C...
TH08 HOPE-TH08 Datasheet
529Kb / 21P
   HUMIDITY AND TEMPERATURE SENSOR
logo
Sensitron
SHT21 SENSITRON-SHT21 Datasheet
493Kb / 12P
   Humidity and Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com