Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Si7013-A10-IM1R Datasheet(PDF) 4 Page - Silicon Laboratories

Part # Si7013-A10-IM1R
Description  I2C HUMIDITY AND TWO-ZONE TEMPERATURE SENSOR
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si7013-A10-IM1R Datasheet(HTML) 4 Page - Silicon Laboratories

  Si7013-A10-IM1R Datasheet HTML 1Page - Silicon Laboratories Si7013-A10-IM1R Datasheet HTML 2Page - Silicon Laboratories Si7013-A10-IM1R Datasheet HTML 3Page - Silicon Laboratories Si7013-A10-IM1R Datasheet HTML 4Page - Silicon Laboratories Si7013-A10-IM1R Datasheet HTML 5Page - Silicon Laboratories Si7013-A10-IM1R Datasheet HTML 6Page - Silicon Laboratories Si7013-A10-IM1R Datasheet HTML 7Page - Silicon Laboratories Si7013-A10-IM1R Datasheet HTML 8Page - Silicon Laboratories Si7013-A10-IM1R Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
Si7013
4
Rev. 0.95
1. Electrical Specifications
Unless otherwise specified, all min/max specifications apply over the recommended operating conditions.
Table 1. Recommended Operating Conditions
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Power Supply
VDD
1.9
3.6
V
Operating Temperature
TA
I and Y grade
–40
+125
°C
Operating Temperature
TA
G grade
–40
+85
°C
Table 2. General Specifications
1.9 < VDD < 3.6 V; TA = –40 to 85 °C (G grade) or –40 to 125 °C (I/Y grade); default conversion time unless otherwise noted.
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Input Voltage High
VIH
AD0, SCL, SDA, VSNS pins
0.7xVDD
——
V
Input Voltage Low
VIL
AD0, SCL, SDA, VSNS pins
0.3xVDD
V
Input Voltage Range
VIN
SCL, SDA, RSTb pins with respect to
GND
0.0
VDD
V
Input Leakage
IIL
SCL, SDA pins; VIN =GND
1
μA
VSNS pin (200K nominal pull up);
Vin = GND
5xVDD
μA
Output Voltage Low
VOL
SDA pin; IOL = 2.5 mA; VDD = 3.3 V
0.6
V
SDA pin; IOL =1.2 mA;
VDD =1.9 V
——
0.4
V
Output Voltage High
VOH
VOUT pin, IOH = –0.5 mA, VDD =2.0 V VDD – 0.2
V
VOUT pin, IOH = –10 μAVDD– 0.1
V
VOUT pin, IOH = –1.7 mA, VDD =3.0 V VDD – 0.4
V
Current Consump-
tion
IDD
RH conversion in progress
150
180
μA
Temperature conversion in progress
90
120
μA
Standby, –40 to +85 °C2
—0.06
0.62
μA
Standby, –40 to +125 °C2
—0.06
3.8
μA
Peak IDD during powerup3
—3.5
4.0
mA
Peak IDD during I2C operations4
—3.5
4.0
mA
Heater Current5
IHEAT
3.1 to 94.2
mA
Notes:
1.
Initiating a RH measurement will also automatically initiate a temperature measurement. The total conversion time will
be tCONV(RH) + tCONV(T).
2.
No conversion or I2C transaction in progress. Typical values measured at 25 °C.
3.
Occurs once during powerup. Duration is <5 msec.
4.
Occurs during I2C commands for Reset, Read/Write User Registers, Read EID, Read Firmware Version, Read/Write
Thermistor Coefficients and Read Thermistor. Duration is <50 μs for all commands except Read Thermistor, which has
<150 μs duration.
5.
Additional current consumption when HTRE bit enabled. See Section “5.6. Heater” for more information.


Similar Part No. - Si7013-A10-IM1R

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
Si7013-A10-IM1R SILABS-Si7013-A10-IM1R Datasheet
49Kb / 2P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
More results

Similar Description - Si7013-A10-IM1R

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI7013-A20 SILABS-SI7013-A20 Datasheet
1Mb / 45P
   IC HUMIDITY AND TWO-ZONE TEMPERATURE SENSOR
SI7013-A20-GM1R SILABS-SI7013-A20-GM1R Datasheet
2Mb / 45P
   2C HUMIDITY AND TWO-ZONE TEMPERATURE SENSOR
Rev. 1.4 4/20
logo
HOPE Microelectronics C...
TH06 HOPE-TH06 Datasheet
365Kb / 26P
   I2C HUMIDITY AND TEMPERATURE SENSOR
logo
Silicon Laboratories
SI7005 SILABS-SI7005 Datasheet
340Kb / 41P
   DIGITAL I2C HUMIDITY AND TEMPERATURE SENSOR
logo
List of Unclassifed Man...
SHT71 ETC2-SHT71 Datasheet
266Kb / 11P
   Humidity and Temperature Sensor
logo
JOY-IT
KY-015 JOY-IT-KY-015 Datasheet
666Kb / 7P
   Temperature and humidity sensor
logo
Sensirion AG Switzerlan...
SHT85 SENSIRION-SHT85 Datasheet
1Mb / 23P
   Humidity and Temperature Sensor
Version 3
logo
List of Unclassifed Man...
SHT25 ETC2-SHT25 Datasheet
426Kb / 12P
   Humidity and Temperature Sensor
logo
HOPE Microelectronics C...
TH08 HOPE-TH08 Datasheet
529Kb / 21P
   HUMIDITY AND TEMPERATURE SENSOR
logo
Sensitron
SHT21 SENSITRON-SHT21 Datasheet
493Kb / 12P
   Humidity and Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com