Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A7DP-206 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # A7DP-206
Description  Ultra-small, Low-cost, Push-operated Switches
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A7DP-206 Datasheet(HTML) 3 Page - Omron Electronics LLC

  A7DP-206 Datasheet HTML 1Page - Omron Electronics LLC A7DP-206 Datasheet HTML 2Page - Omron Electronics LLC A7DP-206 Datasheet HTML 3Page - Omron Electronics LLC A7DP-206 Datasheet HTML 4Page - Omron Electronics LLC A7DP-206 Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
A7D/A7DP
Accessories (Order Separately)
Note: Unless otherwise indicated, dimensional tolerances for dimensions in the models above are ± 0.4 mm.
Output Codes
Note: The solid dot
● indicates that the internal switch is ON (i.e., connected to the common terminal).
Output code number
06 (Binary Code)
Internal circuit
Dial display
Terminal
C
1
2
4
8
0
1
2
3
●●
4
5
●●
6
●●
7
●●●
8
9
●●
8
2
4
1
C
5.08±0.1
(2.5)
16
10
2.2
1.92
0.8
1.4
P= 2.54
14±0.15
1.9
17.5
1.5
1.5
3.7
A
(1.5)
(2.2)
P= 5.08±0.3
B
C
14.2+0.4
0
Panel thickness: 1 to 2
PCB terminal
Note: 1. The dimensions above include both End Caps, and
will increase 5.08 mm for each Spacer inserted.
2. Unless otherwise specified, a tolerance of
±0.4 mm applies to all dimensions.
The tolerance for multiple connection is
±(number of units x 0.4) mm.
Number of
Switches (n)
Size A
(n x 5.1 + 5)
Size B
(n x 5.1 + 3)
Size C
(n x 5.1 + 3.9)
110.1
8.1
9
2
15.2
13.2
14.1
3
20.3
18.3
19.2
4
25.4
23.4
24.3
5
30.5
28.5
29.4
6
35.5
33.5
34.5
7
40.6
38.6
39.6
8
45.7
43.7
44.7
9
50.8
48.8
49.8
10
55.9
53.9
54.9
A7DP-206(-1)
PCB Terminals,
Pen-push Model
Note: Common terminal C is at the bottom when the Switch Unit is viewed
from the front.
Panel Cutout
14
1.5
1.5
0.8
1.5
0.8
1.4
1.5
0.7
0.8
6.5
6.5
15.5
1.5
2
15.5
1.5
2
16
14
16
End Caps for Push-operated Switches
A7D-1M(-1) Screw Mounting (Back Mounting)
Left Side
Right Side
14
1.5
55
2.5
1.4
2.5
2.6
0.7
0.7
0.8
1.5
1.5
2.6
3.3
16
16
17.5
17.5
1.5
1.5
16
16
14
End Caps for Push-operated Switches
A7D-2M(-1) Snap-in Mounting (Front Mounting)
Left Side
Right Side
1.4
0.8
17.5
5.08±0.1
1.6
2
14±0.15 16
Spacers for Push-operated Switches
A7D-1P
@(-1) Screw Mounting (Back Mounting)
Note: The
@ in the Spacer model number stands for a letter in the range A to U.
(Refer to the table under the explanation about Spacers on page 1.)
1.4
0.8
17.5
5.08±0.1
1.5
14±0.15 16
Spacers for Push-operated Switches
A7D-2P
@(-1) Snap-in Mounting (Front Mounting)
Note: The
@ in the Spacer model number stands for a letter in the range A to U.
(Refer to the table under the explanation about Spacers on page 1.)


Similar Part No. - A7DP-206

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A7DP-206 OMRON-A7DP-206 Datasheet
1Mb / 25P
   Thumbwheel Switch
A7DP-206-1 OMRON-A7DP-206-1 Datasheet
1Mb / 25P
   Thumbwheel Switch
More results

Similar Description - A7DP-206

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A7D OMRON-A7D Datasheet
298Kb / 5P
   Ultra-small, Low-cost, Push-operated Switches
A7D-2M-1 OMRON-A7D-2M-1 Datasheet
495Kb / 5P
   Ultra-small, Low-cost, Push-operated Switches
A7MD OMRON-A7MD Datasheet
466Kb / 4P
   Ultra-small Thumbwheel-operated Switches
logo
List of Unclassifed Man...
SM5108 ETC2-SM5108 Datasheet
784Kb / 2P
   Ultra-Small, Low-Cost,OEM Pressure Die
logo
Littelfuse
7700 LITTELFUSE-7700 Datasheet
420Kb / 1P
   FOOT OPERATED SWITCHES
2019 Rev: 021119
logo
Willow Technologies Ltd
CXL-GP WILLOW-CXL-GP Datasheet
435Kb / 2P
   Small, Low-Cost
logo
Unisonic Technologies
US2236032DB UTC-US2236032DB Datasheet
178Kb / 5P
   ULTRA SMALL, LOW INPUT VOLTAGE, LOW R LOAD SWITCHES
US2236095D UTC-US2236095D Datasheet
159Kb / 6P
   ULTRA SMALL, LOW INPUT VOLTAGE, LOW RON, LOAD SWITCHES
logo
Texas Instruments
TPS22901 TI-TPS22901 Datasheet
707Kb / 25P
[Old version datasheet]   ULTRA SMALL, LOW INPUT VOLTAGE, LOW rON, LOAD SWITCHES
logo
Unisonic Technologies
US2236095 UTC-US2236095 Datasheet
151Kb / 6P
   ULTRA SMALL, LOW INPUT VOLTAGE, LOW RON, LOAD SWITCHES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com