Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC2951-50CN Datasheet(PDF) 9 Page - Analog Intergrations Corporation

Part # AIC2951-50CN
Description  Low Dropout Linear Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC2951-50CN Datasheet(HTML) 9 Page - Analog Intergrations Corporation

Back Button AIC2951-50CN Datasheet HTML 2Page - Analog Intergrations Corporation AIC2951-50CN Datasheet HTML 3Page - Analog Intergrations Corporation AIC2951-50CN Datasheet HTML 4Page - Analog Intergrations Corporation AIC2951-50CN Datasheet HTML 5Page - Analog Intergrations Corporation AIC2951-50CN Datasheet HTML 6Page - Analog Intergrations Corporation AIC2951-50CN Datasheet HTML 7Page - Analog Intergrations Corporation AIC2951-50CN Datasheet HTML 8Page - Analog Intergrations Corporation AIC2951-50CN Datasheet HTML 9Page - Analog Intergrations Corporation AIC2951-50CN Datasheet HTML 10Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
AIC2951/2951D
9
n APPLICATION EXAMPLES
(CONTINUED)
+
C1
1µF
VIN=2.5V-12V
VOUT ≅VIN
ERROR
AIC2951
8
7
6
5
4
3
2
1
FB
GND
SENSE
SHDN
TAP
VIN
VOUT
VIN=2.5V-12V
LOAD
IL=1.235/R
ERROR
AIC2951
8
7
6
5
4
3
2
1
FB
GND
SENSE
SHDN
TAP
VIN
VOUT
+
C1
1µF
R
Fig. 3
Current Limiter
Fig. 4
Precision Sink Current Source
n PHYSICAL DIMENSIONS
l 8 LEAD PLASTIC SO (unit: mm)
SYMBOL
MIN
MAX
A
1.35
1.75
A1
0.10
0.25
B
0.33
0.51
C
0.19
0.25
D
4.80
5.00
E
3.80
4.00
e
1.27(TYP)
H
5.80
6.20
L
0.40
1.27
D
H
e
A
B
C
E
L
l 8 LEAD PLASTIC DIP (unit: mm)
SYMBOL
MIN
MAX
A1
0.381
A2
2.92
4.96
b
0.35
0.56
C
0.20
0.36
D
9.01
10.16
E
7.62
8.26
E1
6.09
7.12
e
2.54 (TYP)
eB
10.92
b
e
L
A2
A1
eB
E
C
E1
D
L
2.92
3.81


Similar Part No. - AIC2951-50CN

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC2003 AIC-AIC2003 Datasheet
67Kb / 4P
   7-CHANNEL DARLINGTON DRIVERS
AIC2003CN AIC-AIC2003CN Datasheet
67Kb / 4P
   7-CHANNEL DARLINGTON DRIVERS
AIC2300 AIC-AIC2300 Datasheet
202Kb / 10P
   400mA Synchronous PWM Step-Down
AIC2300-10GV5 AIC-AIC2300-10GV5 Datasheet
202Kb / 10P
   400mA Synchronous PWM Step-Down
AIC2300-12GV5 AIC-AIC2300-12GV5 Datasheet
202Kb / 10P
   400mA Synchronous PWM Step-Down
More results

Similar Description - AIC2951-50CN

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
AMS1117 HMSEMI-AMS1117 Datasheet
675Kb / 10P
   low-dropout linear regulator.
logo
BCD Semiconductor Manuf...
AZ1117B BCDSEMI-AZ1117B_V01 Datasheet
527Kb / 23P
   LOW DROPOUT LINEAR REGULATOR
Jul. 2009 Rev. 1. 8
logo
Texas Instruments
TPS71525-DIE TI1-TPS71525-DIE Datasheet
62Kb / 4P
[Old version datasheet]   LOW-DROPOUT LINEAR REGULATOR
logo
Ceramate Technical
CP1117 CERAMATE-CP1117 Datasheet
444Kb / 12P
   Low Dropout Linear Regulator
logo
Diodes Incorporated
AZ1117C DIODES-AZ1117C Datasheet
839Kb / 23P
   LOW DROPOUT LINEAR REGULATOR
AZ2117 DIODES-AZ2117 Datasheet
355Kb / 9P
   LOW DROPOUT LINEAR REGULATOR
July 2017
logo
ON Semiconductor
NCV8674 ONSEMI-NCV8674_11 Datasheet
157Kb / 11P
   Low Dropout Linear Regulator
October, 2011 ??Rev. 3
logo
DONGGUAN YOU FENG WEI E...
AMS1117-X.X YFWDIODE-AMS1117-X.X Datasheet
820Kb / 4P
   Low Dropout Linear Regulator
logo
Guangdong Kexin Industr...
KS1117 KEXIN-KS1117 Datasheet
1,018Kb / 3P
   Low Dropout Linear Regulator
logo
Analog Devices
ADP3308 AD-ADP3308_15 Datasheet
128Kb / 8P
   Low Dropout Linear Regulator
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com