Electronic Components Datasheet Search |
|
GRM0M21X1HR50KA01D Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd. |
|
GRM0M21X1HR50KA01D Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd. |
2 / 4 page Continued from the preceding page. Continued on the following page. 25 to 85 °C 25 to 85 °C 25 to 85 °C 25 to 125 °C *6 -25 to 85 °C -25 to 85 °C -55 to 125 °C -55 to 105 °C -220 ±60ppm/°C -330 ±60ppm/°C -470 ±60ppm/°C -750 ±120ppm/°C ±10% ±10% ±22% ±22% R2H *1 S2H *1 T2H *1 U2J *1 B *2 B X7S X6S 6R 6S 6T 7U B1 B3 C7 C8 -55 to 125 °C -55 to 125 °C -55 to 125 °C -55 to 125 °C -25 to 85 °C -25 to 85 °C -55 to 125 °C -55 to 105 °C tTemperature Characteristics Code Temperature Characteristic Codes Temperature Characteristics 20 to 85 °C 20 to 125 °C 20 to 85 °C 20 to 85 °C 20 to 85 °C 20 to 85 °C 20 to 125 °C 20 to 85 °C 20 to 85 °C 20 to 85 °C 20 to 85 °C 20 to 85 °C 20 to 125 °C 25 to 125 °C 25 to 150 °C 25 to 125 °C 25 to 85 °C 20 °C 20 °C 20 °C 20 °C 20 °C 20 °C 20 °C 20 °C 20 °C 20 °C 20 °C 20 °C 20 °C 25 °C 25 °C 25 °C 25 °C Temperature Range Reference Temperature +350 to -1000ppm/ °C 0 ±60ppm/°C -150 ±60ppm/°C -220 ±60ppm/°C -330 ±60ppm/°C -470 ±60ppm/°C 0 ±120ppm/°C -150 ±120ppm/°C -220 ±120ppm/°C -330 ±120ppm/°C -470 ±120ppm/°C -750 ±120ppm/°C 0 ±250ppm/°C 0 ±30ppm/°C 0 ±30ppm/°C 0 ±60ppm/°C -150 ±60ppm/°C Capacitance Change or Temperature Coefficient SL *1 CH *1 PH *1 RH *1 SH *1 TH *1 CJ *1 PJ *1 RJ *1 SJ *1 TJ *1 UJ *1 CK *1 C0G *1 X8G *1 C0H *1 P2H *1 JIS JIS JIS JIS JIS JIS JIS JIS JIS JIS JIS JIS JIS EIA EIA EIA EIA 25 °C 25 °C 25 °C 25 °C 20 °C 20 °C 25 °C 25 °C EIA EIA EIA EIA JIS JIS EIA EIA -25 to 85 °C -30 to 85 °C -55 to 150 °C -55 to 125 °C -55 to 125 °C -55 to 85 °C -55 to 125 °C -55 to 150 °C -55 to 125 °C +30, -80% +22, -82% +15, -40% ±15% ±15% ±15% ±15% ±15% ±10% *4 +22, -33% *5 F *2 Y5V X8L R *2 R X5R X7R X8R - F1 F5 L8 R1 R3 R6 R7 R9 W0 -25 to 85 °C -30 to 85 °C -55 to 150 °C -55 to 125 °C -55 to 125 °C -55 to 85 °C -55 to 125 °C -55 to 150 °C -55 to 125 °C 20 °C 25 °C 25 °C 20 °C 20 °C 25 °C 25 °C 25 °C 25 °C JIS EIA *3 JIS JIS EIA EIA EIA - -55 to 125 °C +22, -33% X7T D7 -55 to 125 °C 25 °C EIA -55 to 105 °C +22, -33% X6T D8 -55 to 105 °C 25 °C EIA -55 to 125 °C +22, -56% X7U E7 -55 to 125 °C 25 °C EIA Public STD Code 1X 2C 2P 2R 2S 2T 3C 3P 3R 3S 3T 3U 4C 5C 5G 6C 6P -55 to 125 °C -55 to 125 °C -25 to 85 °C -25 to 85 °C -25 to 85 °C -25 to 85 °C -55 to 125 °C -25 to 85 °C -25 to 85 °C -25 to 85 °C -25 to 85 °C -25 to 85 °C -55 to 125 °C -55 to 125 °C -55 to 150 °C -55 to 125 °C -55 to 125 °C Operating Temperature Range *1 Please refer to table for Capacitance Change under reference temperature. *2 Capacitance change is specified with 50% rated voltage applied. *3 Murata Temperature Characteristic Code. *4 Apply DC350V bias. *5 No DC bias. *6 Rated Voltage 100Vdc max : 25 to 85 °C |
Similar Part No. - GRM0M21X1HR50KA01D |
|
Similar Description - GRM0M21X1HR50KA01D |