Electronic Components Datasheet Search |
|
GR40M21X1HR50WE01L Datasheet(PDF) 6 Page - Murata Manufacturing Co., Ltd. |
|
GR40M21X1HR50WE01L Datasheet(HTML) 6 Page - Murata Manufacturing Co., Ltd. |
6 / 221 page !Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc. • This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. Please check the MURATA home page (http://www.murata.com/) if you cannot find the part number in the catalog. Continued from the preceding page. Murata Code Capacitance Change from 25 °C (%) –55 °C –30 °C –10 °C Max. Min. Max. Min. Max. Min. 5C/5G 0.58 –0.24 0.40 –0.17 0.25 –0.11 6C 0.87 –0.48 0.59 –0.33 0.38 –0.21 6P 2.33 0.72 1.61 0.50 1.02 0.32 6R 3.02 1.28 2.08 0.88 1.32 0.56 6S 4.09 2.16 2.81 1.49 1.79 0.95 6T 5.46 3.28 3.75 2.26 2.39 1.44 7U 8.78 5.04 6.04 3.47 3.84 2.21 EIA Code 4C 2.56 –1.88 1.54 –1.13 1.02 –0.75 3P – – 1.65 0.14 1.10 0.09 3R – – 2.03 0.45 1.35 0.30 3S – – 2.63 0.95 1.76 0.63 3T – – 3.40 1.58 2.27 1.05 3U – – 4.94 2.84 3.29 1.89 3C 1.37 –0.90 0.82 –0.54 0.55 –0.36 Murata Code Capacitance Change from 20 °C (%) –55 °C –25 °C –10 °C Max. Min. Max. Min. Max. Min. 2C 0.82 –0.45 0.49 –0.27 0.33 –0.18 2P – – 1.32 0.41 0.88 0.27 2R – – 1.70 0.72 1.13 0.48 2S – – 2.30 1.22 1.54 0.81 2T – – 3.07 1.85 2.05 1.23 1X –––––– oCapacitance Change from each temperature JIS Code uCapacitance Expressed by three-digit alphanumerics. The unit is picofarad (pF). The first and second figures are significant digits, and the third figure expresses the number of zeros which follow the two numbers.If there is a decimal point, it is expressed by the capital letter " R." In this case, all figures are significant digits. R50 1R0 100 103 Ex.) 0.5pF 1.0pF 10pF 10000pF Code Capacitance yRated Voltage 0E 0G 0J 1A 1C 1E YA 1H 2A 2D 2E YD 2H 2J 3A 3D 3F BB E2 GC GF GD GB DC2.5V DC4V DC6.3V DC10V DC16V DC25V DC35V DC50V DC100V DC200V DC250V DC300V DC500V DC630V DC1kV DC2kV DC3.15kV DC350V (for Camera Flash Circuit) AC250V X1/Y2; AC250V (Safety Standard Certified Type GC) Y2, X1/Y2; AC250V (Safety Standard Certified Type GF) Y3; AC250V (Safety Standard Certified Type GD) X2; AC250V (Safety Standard Certified Type GB) Code Rated Voltage Continued on the following page. 4 • This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering. • This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. !Note C02E.pdf 10.12.20 |
Similar Part No. - GR40M21X1HR50WE01L |
|
Similar Description - GR40M21X1HR50WE01L |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |