Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1680-P60CV Datasheet(PDF) 3 Page - Analog Intergrations Corporation

Part # AIC1680-P60CV
Description  Ultra Low Power Voltage Detector
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1680-P60CV Datasheet(HTML) 3 Page - Analog Intergrations Corporation

  AIC1680-P60CV Datasheet HTML 1Page - Analog Intergrations Corporation AIC1680-P60CV Datasheet HTML 2Page - Analog Intergrations Corporation AIC1680-P60CV Datasheet HTML 3Page - Analog Intergrations Corporation AIC1680-P60CV Datasheet HTML 4Page - Analog Intergrations Corporation AIC1680-P60CV Datasheet HTML 5Page - Analog Intergrations Corporation AIC1680-P60CV Datasheet HTML 6Page - Analog Intergrations Corporation AIC1680-P60CV Datasheet HTML 7Page - Analog Intergrations Corporation AIC1680-P60CV Datasheet HTML 8Page - Analog Intergrations Corporation AIC1680-P60CV Datasheet HTML 9Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
AIC1680
3
ELECTRICAL CHARACTERISTICS (Test Conditions : Ta=25°°°°C )
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDET
Detector Voltage
0.975
1.0
1.025
VDET
VHYS
Detector Threshold Hysteresis
0.03
0.05
0.07
VDET
IDD
Supply Current
VDD=2.0V
VDD=3.0V
VDD=4.5V
VDD=6.0V
VDD=10.0V
0.7
0.9
1.3
1.8
3.2
1.1
1.5
2.0
2.7
4.8
µA
VDD
Operation Voltage
1.5
10
V
IOUT (Nch) Output Current
VDS=0.5V VDD=2.4V
VDS=0.5V VDD=3.6V
VDS=0.5V VDD=4.6V
VDS=0.5V VDD=6.0V
3.24
5.85
7.74
10.44
mA
IOUT (Pch) Output Current
VDS=-2.1V VDD=4.5V
3.5
mA
Temperature Coeficience
±150
ppm/
°C
TDELAY
Output Delay Time
200
µS
BLOCK DIAGRAM
VOUT
VDD
GND
1.25V
-
+
VOUT
VDD
-
+
GND
1.25V
N-ch open drain output
P-ch open drain output
-
+
VDD
VOUT
GND
1.25V
CMOS output


Similar Part No. - AIC1680-P60CV

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1686 AIC-AIC1686 Datasheet
243Kb / 8P
   Off-Line Power Supply Protection IC with Shunt Regulator
AIC1686CN AIC-AIC1686CN Datasheet
243Kb / 8P
   Off-Line Power Supply Protection IC with Shunt Regulator
More results

Similar Description - AIC1680-P60CV

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AP4400A AKM-AP4400A Datasheet
490Kb / 12P
   Ultra Low Power Voltage Detector
logo
Silicon Standard Corp.
SS6680 SSC-SS6680 Datasheet
570Kb / 10P
   Ultra Low Power Voltage Detector
logo
Asahi Kasei Microsystem...
AP4400AEC AKM-AP4400AEC Datasheet
363Kb / 11P
   Ultra Low Power Voltage Detector
logo
HuaXinAn Electronics CO...
AP4400A HUAXINAN-AP4400A Datasheet
493Kb / 12P
   Ultra Low Power Voltage Detector
logo
Asahi Kasei Microsystem...
AP4410BEC AKM-AP4410BEC Datasheet
576Kb / 11P
   Ultra Low Power Dual Voltage Detector
logo
Torex Semiconductor
XC6136 TOREX-XC6136 Datasheet
519Kb / 23P
   Ultra-Low Power (88nA) Voltage Detector
logo
Zilog, Inc.
IXD5120 ZILOG-IXD5120 Datasheet
1Mb / 12P
   Ultra Small, Low Power Consumption Voltage Detector
logo
E-CMOS Corporation
EC95808 E-CMOS-EC95808 Datasheet
573Kb / 14P
   Ultra-Low Quiescent Current Voltage Detector
logo
Pericom Semiconductor C...
PT7M6118 PERICOM-PT7M6118 Datasheet
531Kb / 11P
   Low Power Voltage Detector
PT7M6418 PERICOM-PT7M6418 Datasheet
393Kb / 12P
   Low Power Voltage Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com