Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP6260CEK-TR Datasheet(PDF) 2 Page - Exar Corporation

Part # SP6260CEK-TR
Description  200mA RF Low Noise LDO Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP6260CEK-TR Datasheet(HTML) 2 Page - Exar Corporation

  SP6260CEK-TR Datasheet HTML 1Page - Exar Corporation SP6260CEK-TR Datasheet HTML 2Page - Exar Corporation SP6260CEK-TR Datasheet HTML 3Page - Exar Corporation SP6260CEK-TR Datasheet HTML 4Page - Exar Corporation SP6260CEK-TR Datasheet HTML 5Page - Exar Corporation SP6260CEK-TR Datasheet HTML 6Page - Exar Corporation SP6260CEK-TR Datasheet HTML 7Page - Exar Corporation SP6260CEK-TR Datasheet HTML 8Page - Exar Corporation SP6260CEK-TR Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
S
SP
P6
62
26
60
0
2
20
00
0m
mA
A R
RF
F L
Lo
ow
w N
No
oiis
se
e L
LD
DO
O R
Re
eg
gu
ulla
atto
orr
© 2011 Exar Corporation
2/13
Rev. 2.1.0
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional operation of
the device at these ratings or any other above those
indicated in the operation sections of the specifications
below is not implied. Exposure to absolute maximum
rating conditions for extended periods of time may affect
reliability.
Input Voltage VIN ................................................... 6.5V
Enable Pin Input Voltage ........................-0.3 to VIN+0.3V
Output Current...................................................300mA
Junction Temperature .......................................... 150°C
Storage Temperature Range .................... -65°C to 150°C
Lead Soldering (Sold. 10sec) ................................ 260°C
ESD Rating (HBM - Human Body Model) .................... 2kV
ESD Rating (MM - Machine Model) ...........................200V
OPERATING RATINGS
Input Voltage Range VIN.................................2.0 to 6.0V
Junction Temperature Range TJ.................. -40°C to 85°C
Thermal Resistance θJA .....................................250°C/W
Thermal Resistance θJC ...................................... 74°C/W
ELECTRICAL SPECIFICATIONS
Specifications with standard type are for an Operating Junction Temperature of TJ = 25°C only; limits applying over the full
Operating Junction Temperature range of -40°C to 85°C are denoted by a “•”. Minimum and Maximum limits are guaranteed
through test, design, or statistical correlation. Typical values represent the most likely parametric norm at TJ = 25°C, and
are provided for reference purposes only.
SP6260HEK (1.2V)
Unless otherwise indicated, VIN = 2.2V, CIN = 1µF, COUT = 1µF.
Parameter
Min.
Typ.
Max.
Units
Conditions
Output Voltage VOUT
1.176
1.2
1.224
V
VIN=2.2V
1mA≤IOUT≤30mA
Input Voltage VIN
6
V
Output Current IOUT
200
mA
VIN—VOUT=1V
Load Regulation VRLOAD
12
40
mV
VIN=2.2V
1mA≤IOUT≤80mA
Line Regulation VRLINE
4
16
mV
2.2V≤VIN=≤6V
IOUT=30mA
Dropout Voltage VDROP
700
900
mV
IOUT=10mA
700
900
IOUT=100mA
700
900
IOUT=150mA
700
900
IOUT=200mA
Quiescent Current IQ
25
50
µA
VIN=2.2V,IOUT=0mA
Standby Current ISTD
0.1
1
µA
VIN=2.2V
VCE in OFF mode
Power Supply Rejection Ratio
PSRR
70
dB
Ripple 0.5Vp-p, f=10kHz
VIN=2.5V
Output Voltage
Temperature Coefficient
±120
µV/°C
ΔVOUT/ΔT
±100
ppm/°C
(ΔVOUT/VOUT)/ΔT
Short Current Limit ILIMIT
50
mA
VOUT=0V
RMS Output Noise VNOISE
30
µVrms
TA=25°C
10Hz≤f≤100kHz
CE “High” Voltage
1.5
V
CE input voltage “High”
CE “Low” Voltage
0.25
V
CE input voltage “Low”
CE Pull-down Resistance RPD
2.5
5
10


Similar Part No. - SP6260CEK-TR

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6260CEK-L/TR SIPEX-SP6260CEK-L/TR Datasheet
726Kb / 17P
   High Speed, Extremely Low Noise 150mA LDO Regulator
More results

Similar Description - SP6260CEK-TR

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR9200 UTC-LR9200 Datasheet
270Kb / 7P
   LOW NOISE 200mA LDO REGULATOR
LR1122D UTC-LR1122D Datasheet
241Kb / 9P
   LOW NOISE 200mA LDO REGULATOR
logo
RICOH electronics devic...
RP100X RICOH-RP100X Datasheet
1Mb / 28P
   LOW NOISE 200mA LDO REGULATOR
logo
Unisonic Technologies
LR1122D UTC-LR1122D_16 Datasheet
280Kb / 7P
   LOW NOISE 200mA LDO REGULATOR
logo
Richtek Technology Corp...
RT9182 RICHTEK-RT9182_08 Datasheet
112Kb / 9P
   Dual, Low-Noise, 200mA LDO Regulator
logo
Lowpower Semiconductor ...
LP3993 POWER-LP3993 Datasheet
306Kb / 7P
   200mA,Ultra-low Noise LDO Regulator
logo
Richtek Technology Corp...
RT9182 RICHTEK-RT9182 Datasheet
212Kb / 10P
   DUAL, LOW-NOISE, 200mA LDO REGULATOR
logo
Lowpower Semiconductor ...
LP3995 POWER-LP3995 Datasheet
542Kb / 9P
   200mA,Ultra-low Noise LDO Regulator
logo
Richtek Technology Corp...
RT9182 RICHTEK-RT9182_07 Datasheet
132Kb / 9P
   Dual, Low-Noise, 200mA LDO Regulator
logo
List of Unclassifed Man...
RT9177 ETC-RT9177 Datasheet
262Kb / 12P
   Ultra-Low-Noise 200mA LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com