Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD587KR-REEL Datasheet(PDF) 10 Page - Analog Devices

Part # AD587KR-REEL
Description  High Precision 10 V Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD587KR-REEL Datasheet(HTML) 10 Page - Analog Devices

Back Button AD587KR-REEL Datasheet HTML 4Page - Analog Devices AD587KR-REEL Datasheet HTML 5Page - Analog Devices AD587KR-REEL Datasheet HTML 6Page - Analog Devices AD587KR-REEL Datasheet HTML 7Page - Analog Devices AD587KR-REEL Datasheet HTML 8Page - Analog Devices AD587KR-REEL Datasheet HTML 9Page - Analog Devices AD587KR-REEL Datasheet HTML 10Page - Analog Devices AD587KR-REEL Datasheet HTML 11Page - Analog Devices AD587KR-REEL Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AD587
Rev. H | Page 10 of 12
APPLICATIONS INFORMATION
USING THE AD587 WITH CONVERTERS
The AD587 is an ideal reference for a variety of 8-bit, 12-bit,
14-bit, and 16-bit ADCs and DACs. Several examples follow.
10 V Reference with Multiplying CMOS DACs or ADCs
The AD587 is ideal for applications with 10-bit and 12-bit
multiplying CMOS DACs. In the standard hookup, shown in
Figure 18, the AD587 is paired with the AD7545 12-bit multi-
plying DAC and the AD711 high speed BiFET op amp. The
amplifier DAC configuration produces a unipolar 0 V to −10 V
output range. Bipolar output applications and other operating
details can be found in the individual product data sheets.
AD587
GND
AD711
–15V
+15V
OUT1
DGND
DB11 TO DB0
C1
33pF
R2
+15V
AD7545
TRIM
+15V
+VIN
VOUT
0.1µF
VREF
VDD
RFB
AGND
0.1µF
0.1µF
VOUT
0V TO –10V
10kΩ
Figure 18. Low Power 12-Bit CMOS DAC Application
The AD587 can also be used as a precision reference for multi-
ple DACs. Figure 19 shows the AD587, the AD7628 dual DAC,
and the AD712 dual op amp hooked up for single-supply
operation to produce 0 V to −10 V outputs. Because both DACs
are on the same die and share a common reference and output
op amps, the DAC outputs will exhibit similar gain temperature
coefficients (TCs).
AD587
GND
AD712
+15V
OUT A
DGND
+15V
AGND
DAC A
DB0
DB7
OUT B
DAC B
18
RFB B
RFB A
AD7628
+VIN
VOUT
0.1µF
DATA
INPUTS
VREFA
VREFB
VOUTA =
0 TO –10V
VOUTB =
0 TO –10V
Figure 19. AD587 as a 10 V Reference for a CMOS Dual DAC
Precision Current Source
The design of the AD587 allows it to be easily configured as a cur-
rent source. By choosing the control resistor (RC) via the equation
shown in Figure 20, the user can vary the load current from the
quiescent current (2 mA typically) to approximately 10 mA.
2
6
4
GND
AD587
+VIN
+VIN
VOUT
IL =
+ IBIAS
10V
RC
RC
500Ω
MIN
Figure 20. Precision Current Source
Precision High Current Supply
For higher currents, the AD587 can easily be connected to a
power PNP or power Darlington PNP device. The circuits in
Figure 21 and Figure 22 can deliver up to 4 A to the load. The
0.1 μF capacitor is required only if the load has a significant
capacitive component. If the load is purely resistive, improved
high frequency supply rejection results can be obtained by
removing the capacitor.
AD587
2
6
4
2N6285
RC
VOUT
IL =
+ IBIAS
10V
RC
+VIN
0.1µF
+VIN
220Ω
GND
Figure 21. Precision High Current Source
AD587
2
6
4
2N6285
VOUT
+VIN
0.1µF
+VIN
220Ω
VOUT
+10V @ 4A
GND
Figure 22. Precision High Current Voltage Source


Similar Part No. - AD587KR-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD587KR-REEL AD-AD587KR-REEL Datasheet
177Kb / 12P
   High Precision 10 V Reference
REV. F
AD587KR-REEL7 AD-AD587KR-REEL7 Datasheet
177Kb / 12P
   High Precision 10 V Reference
REV. F
More results

Similar Description - AD587KR-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD688 AD-AD688_15 Datasheet
490Kb / 16P
   High Precision 10 V Reference
REV. B
AD688 AD-AD688 Datasheet
406Kb / 8P
   High Precision -10 V Reference
REV. A
AD587 AD-AD587_15 Datasheet
361Kb / 12P
   High Precision 10 V Reference
Rev. H
AD587 AD-AD587 Datasheet
177Kb / 12P
   High Precision 10 V Reference
REV. F
AD688ARWZ AD-AD688ARWZ Datasheet
490Kb / 16P
   High Precision 10 V Reference
REV. B
AD581SH883B AD-AD581SH883B Datasheet
329Kb / 12P
   High Precision 10 V IC Reference
REV. C
AD581 AD-AD581_15 Datasheet
329Kb / 12P
   High Precision 10 V IC Reference
REV. C
AD581SH AD-AD581SH Datasheet
329Kb / 12P
   High Precision 10 V IC Reference
REV. C
AD581 AD-AD581 Datasheet
329Kb / 12P
   High Precision 10 V IC Reference
REV. C
REF01 AD-REF01 Datasheet
384Kb / 12P
   10 V Precision Voltage Reference
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com