Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF02HPZ Datasheet(PDF) 20 Page - Analog Devices

Part # REF02HPZ
Description  Precision 2.5 V, 5.0 V, and 10.0 V Voltage References
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

REF02HPZ Datasheet(HTML) 20 Page - Analog Devices

Back Button REF02HPZ Datasheet HTML 12Page - Analog Devices REF02HPZ Datasheet HTML 13Page - Analog Devices REF02HPZ Datasheet HTML 14Page - Analog Devices REF02HPZ Datasheet HTML 15Page - Analog Devices REF02HPZ Datasheet HTML 16Page - Analog Devices REF02HPZ Datasheet HTML 17Page - Analog Devices REF02HPZ Datasheet HTML 18Page - Analog Devices REF02HPZ Datasheet HTML 19Page - Analog Devices REF02HPZ Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
REF01/REF02/REF03
Rev. K | Page 20 of 20
REF01 ORDERING GUIDE
Model1, 2
Initial Accuracy (mV)
Temperature Range
Package Description
Package Option
REF01AJ/883C
±30
−55°C to +125°C
8-Pin TO-99
J-Suffix (H-08)
REF01CJ
±100
0°C to 70°C
8-Pin TO-99
J-Suffix (H-08)
REF01EZ
±30
−40°C to +85°C
8-Lead CERDIP
Z-Suffix (Q-8)
REF01HZ
±50
−40°C to +85°C
8-Lead CERDIP
Z-Suffix (Q-8)
REF01CPZ
±100
−40°C to +85°C
8-Lead PDIP
P-Suffix (N-8)
REF01HPZ
±50
−40°C to +85°C
8-Lead PDIP
P-Suffix (N-8)
REF01CS
±100
−40°C to +85°C
8-Lead SOIC_N
S-Suffix (R-8)
REF01CS-REEL
±100
−40°C to +85°C
8-Lead SOIC_N
S-Suffix (R-8)
REF01CS-REEL7
±100
−40°C to +85°C
8-Lead SOIC_N
S-Suffix (R-8)
REF01CSZ
±100
−40°C to +85°C
8-Lead SOIC_N
S-Suffix (R-8)
REF01CSZ-REEL
±100
−40°C to +85°C
8-Lead SOIC_N
S-Suffix (R-8)
REF01CSZ-REEL7
±100
−40°C to +85°C
8-Lead SOIC_N
S-Suffix (R-8)
1 Contact sales for 883 data sheet.
2 Z = RoHS Compliant Part.
REF02 ORDERING GUIDE
Model1, 2
Initial Accuracy (mV)
Temperature Range
Package Description
Package Option
REF02AJ/883C
±15
−55°C to +125°C
8-Pin TO-99
J-Suffix (H-08)
REF02AZ
±15
−55°C to +125°C
8-Lead CERDIP
Z-Suffix (Q-8)
REF02AZ/883C
±15
−55°C to +125°C
8-Lead CERDIP
Z-Suffix (Q-8)
REF02CP
±50
−40°C to +85°C
8-Lead PDIP
P-Suffix (N-8)
REF02CPZ
±50
−40°C to +85°C
8-Lead PDIP
P-Suffix (N-8)
REF02CS
±50
−40°C to +85°C
8-Lead SOIC_N
S-Suffix (R-8)
REF02CS-REEL
±50
−40°C to +85°C
8-Lead SOIC_N
S-Suffix (R-8)
REF02CS-REEL7
±50
−40°C to +85°C
8-Lead SOIC_N
S-Suffix (R-8)
REF02CSZ
±50
−40°C to +85°C
8-Lead SOIC_N
S-Suffix (R-8)
REF02CSZ-REEL
±50
−40°C to +85°C
8-Lead SOIC_N
S-Suffix (R-8)
REF02CSZ-REEL7
±50
−40°C to +85°C
8-Lead SOIC_N
S-Suffix (R-8)
REF02EZ
±15
−40°C to +85°C
8-Lead CERDIP
Z-Suffix (Q-8)
REF02HZ
±25
−40°C to +85°C
8-Lead CERDIP
Z-Suffix (Q-8)
REF02HPZ
±25
−40°C to +85°C
8-Lead PDIP
P-Suffix (N-8)
REF02HSZ
±25
−40°C to +85°C
8-Lead SOIC_N
S-Suffix (R-8)
REF02RC/883
±25
−55°C to +125°C
20-Terminal LCC
RC-Suffix (E-20-1)
REF02Z
±25
−55°C to +125°C
8-Lead CERDIP
Z-Suffix (Q-8)
1 Contact sales for 883 data sheet.
2 Z = RoHS Compliant Part.
REF03 ORDERING GUIDE
Model1
Initial Accuracy (mV)
Temperature Range
Package Description
Package Option
REF03GPZ
±15
−40°C to +85°C
8-Lead PDIP
N-8 (P-Suffix)
REF03GSZ
±15
−40°C to +85°C
8-Lead SOIC_N
R-8 (P-Suffix)
REF03GSZ-REEL
±15
−40°C to +85°C
8-Lead SOIC_N
R-8 (P-Suffix)
REF03GSZ-REEL7
±15
−40°C to +85°C
8-Lead SOIC_N
R-8 (P-Suffix)
1 Z = RoHS Compliant Part.
©2000–2010 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D00375-0-10/10(K)


Similar Part No. - REF02HPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
REF02HPZ AD-REF02HPZ Datasheet
507Kb / 20P
   Precision 2.5 V, 5.0 V, and 10.0 V Voltage References
Rev. K
REF02HPZ2 AD-REF02HPZ2 Datasheet
584Kb / 16P
   5 V Precision Voltage Reference/Temperature Transducer
Rev. I
More results

Similar Description - REF02HPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
REF01CS-REEL7 AD-REF01CS-REEL7 Datasheet
507Kb / 20P
   Precision 2.5 V, 5.0 V, and 10.0 V Voltage References
Rev. K
REF03GPZ AD-REF03GPZ Datasheet
507Kb / 20P
   Precision 2.5 V, 5.0 V, and 10.0 V Voltage References
Rev. K
REF03GS-REEL7 AD-REF03GS-REEL7 Datasheet
507Kb / 20P
   Precision 2.5 V, 5.0 V, and 10.0 V Voltage References
Rev. K
ADR01 AD-ADR01_15 Datasheet
511Kb / 20P
   Ultracompact, Precision 10.0 V/5.0 V/2.5 V/3.0 V Voltage References
Rev. R
ADR01 AD-ADR01_12 Datasheet
511Kb / 20P
   Ultracompact, Precision 10.0 V/5.0 V/2.5 V/3.0 V Voltage References
Rev. R
ADR03 AD-ADR03_15 Datasheet
511Kb / 20P
   Ultracompact, Precision 10.0 V/5.0 V/2.5 V/3.0 V Voltage References
Rev. R
ADR03ARZ AD-ADR03ARZ Datasheet
511Kb / 20P
   Ultracompact, Precision 10.0 V/5.0 V/2.5 V/3.0 V Voltage References
Rev. R
ADR06 AD-ADR06_15 Datasheet
511Kb / 20P
   Ultracompact, Precision 10.0 V/5.0 V/2.5 V/3.0 V Voltage References
Rev. R
ADR02 AD-ADR02_15 Datasheet
511Kb / 20P
   Ultracompact, Precision 10.0 V/5.0 V/2.5 V/3.0 V Voltage References
Rev. R
ADR03BKS-R2 AD-ADR03BKS-R2 Datasheet
511Kb / 20P
   Ultracompact, Precision 10.0 V/5.0 V/2.5 V/3.0 V Voltage References
Rev. R
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com