Electronic Components Datasheet Search |
|
AD743 Datasheet(PDF) 2 Page - Analog Devices |
|
AD743 Datasheet(HTML) 2 Page - Analog Devices |
2 / 12 page REV. E –2– AD743–SPECIFICATIONS (@ 25 C and 15 V dc, unless otherwise noted.) Parameter Conditions Min Typ Max Unit INPUT OFFSET VOLTAGE 1 Initial Offset 0.25 1.0 mV Initial Offset TMIN to TMAX 1.5 mV vs. Temperature TMIN to TMAX 2 µV/°C vs. Supply (PSRR) 12 V to 18 V 2 90 96 dB vs. Supply (PSRR) TMIN to TMAX 88 dB INPUT BIAS CURRENT 3 Either Input VCM = 0 V 150 400 pA Either Input @ TMAX VCM = 0 V 8.8 nA Either Input VCM = 10 V 250 600 pA Either Input, VS = ±5 V VCM = 0 V 30 200 pA INPUT OFFSET CURRENT VCM = 0 V 40 150 pA Offset Current @ TMAX VCM = 0 V 2.2 nA FREQUENCY RESPONSE Gain BW, Small Signal G = –1 4.5 MHz Full Power Response VO = 20 V p-p 25 kHz Slew Rate, Unity Gain G = –1 2.8 V/ µs Settling Time to 0.01% 6 µs Total Harmonic Distortion 4 f = 1 kHz (TPC 16) G = –1 0.0003 % INPUT IMPEDANCE Differential 1 10 10 20 Ω pF Common Mode 3 10 11 18 Ω pF INPUT VOLTAGE RANGE Differential 5 ±20 V Common-Mode Voltage +13.3, –10.7 V Over Maximum Operating Range 6 –10 +12 V Common-Mode Rejection Ratio VCM = ±10 V 80 95 dB TMIN to TMAX 78 dB INPUT VOLTAGE NOISE 0.1 Hz to 10 Hz 0.38 µV p-p f = 10 Hz 5.5 nV/ √Hz f = 100 Hz 3.6 nV/ √Hz f = 1 kHz 3.2 5.0 nV/ √Hz f = 10 kHz 2.9 4.0 nV/ √Hz INPUT CURRENT NOISE f = 1 kHz 6.9 fA/ √Hz OPEN-LOOP GAIN VO = ±10 V, RLOAD ≥ 2 kΩ 1000 4000 V/mV TMIN to TMAX 800 V/mV RLOAD = 600 Ω 1200 V/mV OUTPUT CHARACTERISTICS Voltage RLOAD ≥ 600 Ω +13, –12 V RLOAD ≥ 600 Ω +13.6, –12.6 V TMIN to TMAX +12, –10 V RLOAD ≥ 2 kΩ±12 +13.8, –13.1 V Current Short Circuit 20 40 mA POWER SUPPLY Rated Performance ±15 V Operating Range ±4.8 ±18 V Quiescent Current 8.1 10.0 mA TRANSISTOR COUNT No. of Transistors 50 NOTES 1Input offset voltage specifications are guaranteed after five minutes of operation at T A = 25 °C. 2Test conditions: +V S = 15 V, –VS = 12 V to 18 V; and +VS = 12 V to 18 V, –VS = 15 V. 3Bias current specifications are guaranteed maximum at either input after 5 minutes of operation at T A = 25 °C. For higher temperature, the current doubles every 10°C. 4Gain = –1, R L = 2 k Ω, C L = 10 pF. 5Defined as voltage between inputs, such that neither exceeds ±10 V from common. 6The AD743 does not exhibit an output phase reversal when the negative common-mode limit is exceeded. All min and max specifications are guaranteed. Specifications subject to change without notice. |
Similar Part No. - AD743 |
|
Similar Description - AD743 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |