Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD713JNZ Datasheet(PDF) 10 Page - Analog Devices

Part # AD713JNZ
Description  Precision, High Speed, BiFET Quad Op Amp
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD713JNZ Datasheet(HTML) 10 Page - Analog Devices

Back Button AD713JNZ Datasheet HTML 6Page - Analog Devices AD713JNZ Datasheet HTML 7Page - Analog Devices AD713JNZ Datasheet HTML 8Page - Analog Devices AD713JNZ Datasheet HTML 9Page - Analog Devices AD713JNZ Datasheet HTML 10Page - Analog Devices AD713JNZ Datasheet HTML 11Page - Analog Devices AD713JNZ Datasheet HTML 12Page - Analog Devices AD713JNZ Datasheet HTML 13Page - Analog Devices AD713JNZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AD713
Rev. F | Page 10 of 20
TEST CIRCUITS
+
1µF
0.1µF
+
1µF
0.1µF
+VS
COM
–VS
1/4
AD713
9kΩ
1kΩ
OUTPUT
ALL 4 AMPLIFIERS
ARE CONNECTED
AS SHOWN.
INPUT
SIGNAL
OR
GROUND*
1kΩ
AD713
PIN 4
AD713
PIN 11
*THE SIGNAL INPUT (1kHz SINEWAVE, 2V p-p) IS APPLIED TO ONE
AMPLIFIER AT A TIME. THE OUTPUTS OF THE OTHER THREE
AMPLIFIERS ARE THEN MEASURED FOR CROSSTALK.
+VS
VOUT
VIN
–VS
1/4
AD713
4
11
+
1µF
0.1µF
+
1µF
0.1µF
SQUARE
WAVE
INPUT
RL
2kΩ
CL
10pF
Figure 26. Crosstalk Test Circuit for Figure 21
Figure 27. Unity Gain Follower Circuit for Figure 22 and Figure 23
+VS
2kΩ
2kΩ
VOUT
VIN
–VS
1/4
AD713
4
11
+
1µF
0.1µF
+
1µF
7.5pF
0.1µF
SQUARE
WAVE
INPUT
RL
2kΩ
CL
10pF
Figure 28. Unity Gain Inverter Circuit for Figure 24 and Figure 25


Similar Part No. - AD713JNZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD713JNZ AD-AD713JNZ Datasheet
362Kb / 20P
   Precision, High Speed, BiFET Quad Op Amp
Rev. F
AD713JNZ AD-AD713JNZ Datasheet
362Kb / 20P
   Precision, High Speed, BiFET Quad Op Amp
Rev. F
AD713JNZ AD-AD713JNZ Datasheet
362Kb / 20P
   Precision, High Speed, BiFET Quad Op Amp
Rev. F
AD713JNZ AD-AD713JNZ Datasheet
383Kb / 21P
   Precision, High Speed, BiFET Quad Op Amp
More results

Similar Description - AD713JNZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD713 AD-AD713_17 Datasheet
383Kb / 21P
   Precision, High Speed, BiFET Quad Op Amp
AD713KNZ AD-AD713KNZ Datasheet
362Kb / 20P
   Precision, High Speed, BiFET Quad Op Amp
Rev. F
AD713JR AD-AD713JR Datasheet
362Kb / 20P
   Precision, High Speed, BiFET Quad Op Amp
Rev. F
AD713 AD-AD713_15 Datasheet
362Kb / 20P
   Precision, High Speed, BiFET Quad Op Amp
Rev. F
AD713 AD-AD713_11 Datasheet
362Kb / 20P
   Precision, High Speed, BiFET Quad Op Amp
Rev. F
AD713 AD-AD713 Datasheet
456Kb / 14P
   Quad Precision, Low Cost, High Speed, BiFET Op Amp
REV. C
AD711JRZ AD-AD711JRZ Datasheet
543Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711 AD-AD711_15 Datasheet
717Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711 AD-AD711 Datasheet
523Kb / 12P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. A
AD711SH AD-AD711SH Datasheet
543Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com