Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD743 Datasheet(PDF) 2 Page - Analog Devices

Part # AD743
Description  Ultralow Noise BiFET Op Amp
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD743 Datasheet(HTML) 2 Page - Analog Devices

  AD743 Datasheet HTML 1Page - Analog Devices AD743 Datasheet HTML 2Page - Analog Devices AD743 Datasheet HTML 3Page - Analog Devices AD743 Datasheet HTML 4Page - Analog Devices AD743 Datasheet HTML 5Page - Analog Devices AD743 Datasheet HTML 6Page - Analog Devices AD743 Datasheet HTML 7Page - Analog Devices AD743 Datasheet HTML 8Page - Analog Devices AD743 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
REV. E
–2–
AD743–SPECIFICATIONS (@ 25 C and 15 V dc, unless otherwise noted.)
Parameter
Conditions
Min
Typ
Max
Unit
INPUT OFFSET VOLTAGE
1
Initial Offset
0.25
1.0
mV
Initial Offset
TMIN to TMAX
1.5
mV
vs. Temperature
TMIN to TMAX
2
µV/°C
vs. Supply (PSRR)
12 V to 18 V
2
90
96
dB
vs. Supply (PSRR)
TMIN to TMAX
88
dB
INPUT BIAS CURRENT
3
Either Input
VCM = 0 V
150
400
pA
Either Input @ TMAX
VCM = 0 V
8.8
nA
Either Input
VCM = 10 V
250
600
pA
Either Input, VS =
±5 V
VCM = 0 V
30
200
pA
INPUT OFFSET CURRENT
VCM = 0 V
40
150
pA
Offset Current @ TMAX
VCM = 0 V
2.2
nA
FREQUENCY RESPONSE
Gain BW, Small Signal
G = –1
4.5
MHz
Full Power Response
VO = 20 V p-p
25
kHz
Slew Rate, Unity Gain
G = –1
2.8
V/
µs
Settling Time to 0.01%
6
µs
Total Harmonic Distortion
4
f = 1 kHz
(TPC 16)
G = –1
0.0003
%
INPUT IMPEDANCE
Differential
1
10
10 20
Ω pF
Common Mode
3
10
11 18
Ω pF
INPUT VOLTAGE RANGE
Differential
5
±20
V
Common-Mode Voltage
+13.3, –10.7
V
Over Maximum Operating Range
6
–10
+12
V
Common-Mode Rejection Ratio
VCM =
±10 V
80
95
dB
TMIN to TMAX
78
dB
INPUT VOLTAGE NOISE
0.1 Hz to 10 Hz
0.38
µV p-p
f = 10 Hz
5.5
nV/
√Hz
f = 100 Hz
3.6
nV/
√Hz
f = 1 kHz
3.2
5.0
nV/
√Hz
f = 10 kHz
2.9
4.0
nV/
√Hz
INPUT CURRENT NOISE
f = 1 kHz
6.9
fA/
√Hz
OPEN-LOOP GAIN
VO =
±10 V,
RLOAD
≥ 2 kΩ
1000
4000
V/mV
TMIN to TMAX
800
V/mV
RLOAD = 600
1200
V/mV
OUTPUT CHARACTERISTICS
Voltage
RLOAD
≥ 600 Ω
+13, –12
V
RLOAD
≥ 600 Ω
+13.6, –12.6
V
TMIN to TMAX
+12, –10
V
RLOAD
≥ 2 kΩ±12
+13.8, –13.1
V
Current
Short Circuit
20
40
mA
POWER SUPPLY
Rated Performance
±15
V
Operating Range
±4.8
±18
V
Quiescent Current
8.1
10.0
mA
TRANSISTOR COUNT
No. of Transistors
50
NOTES
1Input offset voltage specifications are guaranteed after five minutes of operation at T
A = 25
°C.
2Test conditions: +V
S = 15 V, –VS = 12 V to 18 V; and +VS = 12 V to 18 V, –VS = 15 V.
3Bias current specifications are guaranteed maximum at either input after 5 minutes of operation at T
A = 25
°C. For higher temperature, the current doubles every 10°C.
4Gain = –1, R
L = 2 k
Ω, C
L = 10 pF.
5Defined as voltage between inputs, such that neither exceeds
±10 V from common.
6The AD743 does not exhibit an output phase reversal when the negative common-mode limit is exceeded.
All min and max specifications are guaranteed.
Specifications subject to change without notice.


Similar Part No. - AD743

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD743 AD-AD743 Datasheet
309Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. C
AD743 AD-AD743 Datasheet
268Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. E
AD743 AD-AD743 Datasheet
230Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. E
AD743 AD-AD743 Datasheet
230Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. E
AD74322 AD-AD74322 Datasheet
123Kb / 20P
   Low Cost, Low Power Stereo Audio Analog Front End
REV. Pr D 03/00
More results

Similar Description - AD743

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD743 AD-AD743_03 Datasheet
268Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. E
AD743JR AD-AD743JR Datasheet
296Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. E
AD743 AD-AD743 Datasheet
309Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. C
AD743 AD-AD743_15 Datasheet
296Kb / 12P
   Ultralow Noise BiFET Op Amp
Rev. E
AD743JRZ-16 AD-AD743JRZ-16 Datasheet
296Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. E
AD743AN AD-AD743AN Datasheet
230Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. E
AD743SQ AD-AD743SQ Datasheet
230Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. E
AD745JR AD-AD745JR Datasheet
343Kb / 12P
   Ultralow Noise, High Speed, BiFET Op Amp
REV. D
AD745SQ AD-AD745SQ Datasheet
343Kb / 12P
   Ultralow Noise, High Speed, BiFET Op Amp
REV. D
AD745KRZ-16 AD-AD745KRZ-16 Datasheet
325Kb / 12P
   Ultralow Noise, High Speed, BiFET Op Amp
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com