Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD743JN Datasheet(PDF) 1 Page - Analog Devices

Part # AD743JN
Description  Ultralow Noise BiFET Op Amp
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD743JN Datasheet(HTML) 1 Page - Analog Devices

  AD743JN Datasheet HTML 1Page - Analog Devices AD743JN Datasheet HTML 2Page - Analog Devices AD743JN Datasheet HTML 3Page - Analog Devices AD743JN Datasheet HTML 4Page - Analog Devices AD743JN Datasheet HTML 5Page - Analog Devices AD743JN Datasheet HTML 6Page - Analog Devices AD743JN Datasheet HTML 7Page - Analog Devices AD743JN Datasheet HTML 8Page - Analog Devices AD743JN Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. E
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2003 Analog Devices, Inc. All rights reserved.
AD743
Ultralow Noise
BiFET Op Amp
FEATURES
Ultralow Noise Performance
2.9 nV/
Hz at 10 kHz
0.38
V p-p, 0.1 Hz to 10 Hz
6.9 fA/
Hz Current Noise at 1 kHz
Excellent DC Performance
0.5 mV Max Offset Voltage
250 pA Max Input Bias Current
1000 V/mV Min Open-Loop Gain
AC Performance
2.8 V/ s Slew Rate
4.5 MHz Unity-Gain Bandwidth
THD = 0.0003% @ 1 kHz
Available in Tape and Reel in Accordance with
EIA-481A Standard
APPLICATIONS
Sonar Preamplifiers
High Dynamic Range Filters (>140 dB)
Photodiode and IR Detector Amplifiers
Accelerometers
CONNECTION DIAGRAMS
8-Lead PDIP (N)
16-Lead SOIC (R)
AD743
8
TOP VIEW
TOP VIEW
1
2
3
7
6
8
5
4
OUT
NULL
NC
+VS
+VS
NC = NO CONNECT
NC = NO CONNECT
AD743
8
1
2
3
4
NC
NC
NC
OUTPUT
NC
NC
8
7
6
5
9
10
11
12
13
14
16
15
–VS
–IN
+IN
NC
OFFSET
NULL
OFFSET
NULL
NC
NC
NC
NULL
–IN
+IN
–VS
GENERAL DESCRIPTION
The AD743 is an ultralow noise, precision, FET input, monolithic
operational amplifier. It offers a combination of the ultralow volt-
age noise generally associated with bipolar input op amps and
the very low input current of a FET input device. Furthermore,
the AD743 does not exhibit an output phase reversal when the
negative common-mode voltage limit is exceeded.
The AD743’s guaranteed, maximum input voltage noise of
4.0 nV/
√Hz at 10 kHz is unsurpassed for a FET input mono-
lithic op amp, as is the maximum 1.0
µV p-p, 0.1 Hz to 10 Hz
noise. The AD743 also has excellent dc performance with 250 pA
maximum input bias current and 0.5 mV maximum offset voltage.
The AD743 is specifically designed for use as a preamp in capaci-
tive sensors, such as ceramic hydrophones. The AD743J is rated
over the commercial temperature range of 0
°C to 70°C.
The AD743 is available in a 16-lead SOIC and 8-lead PDIP.
PRODUCT HIGHLIGHTS
1. The low offset voltage and low input offset voltage drift of the
AD743 coupled with its ultralow noise performance mean
that the AD743 can be used for upgrading many applications
now using bipolar amplifiers.
2. The combination of low voltage and low current noise make
the AD743 ideal for charge sensitive applications such as
accelerometers and hydrophones.
3. The low input offset voltage and low noise level of the AD743
provide >140 dB dynamic range.
4. The typical 10 kHz noise level of 2.9 nV/
√Hz permits a three
op amp instrumentation amplifier, using three AD743s, to be
built which exhibits less than 4.2 nV/
√Hz noise at 10 kHz
and which has low input bias currents.
100
1k
10k
100k
1
10
100
1000
1M
10M
SOURCE RESISTANCE ( )
OP27 AND
RESISTOR
AD743 AND
RESISTOR
RESISTOR NOISE ONLY
AD743 AND RESISTOR
OR
OP27 AND RESISTOR
(
)
(– – –)
( — )
RSOURCE
RSOURCE
O
E
Figure 1. Input Voltage Noise vs. Source Resistance


Similar Part No. - AD743JN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD743JN AD-AD743JN Datasheet
309Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. C
AD743JN AD-AD743JN Datasheet
268Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. E
AD743JN AD-AD743JN Datasheet
296Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. E
AD743JN AD-AD743JN Datasheet
296Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. E
AD743JN AD-AD743JN Datasheet
230Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. E
More results

Similar Description - AD743JN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD743 AD-AD743_03 Datasheet
268Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. E
AD743JR AD-AD743JR Datasheet
296Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. E
AD743 AD-AD743 Datasheet
309Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. C
AD743 AD-AD743_15 Datasheet
296Kb / 12P
   Ultralow Noise BiFET Op Amp
Rev. E
AD743JRZ-16 AD-AD743JRZ-16 Datasheet
296Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. E
AD743AN AD-AD743AN Datasheet
230Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. E
AD743SQ AD-AD743SQ Datasheet
230Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. E
AD745JR AD-AD745JR Datasheet
343Kb / 12P
   Ultralow Noise, High Speed, BiFET Op Amp
REV. D
AD745SQ AD-AD745SQ Datasheet
343Kb / 12P
   Ultralow Noise, High Speed, BiFET Op Amp
REV. D
AD745KRZ-16 AD-AD745KRZ-16 Datasheet
325Kb / 12P
   Ultralow Noise, High Speed, BiFET Op Amp
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com