Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD743JR-16-REEL7 Datasheet(PDF) 4 Page - Analog Devices

Part # AD743JR-16-REEL7
Description  Ultralow Noise BiFET Op Amp
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD743JR-16-REEL7 Datasheet(HTML) 4 Page - Analog Devices

  AD743JR-16-REEL7 Datasheet HTML 1Page - Analog Devices AD743JR-16-REEL7 Datasheet HTML 2Page - Analog Devices AD743JR-16-REEL7 Datasheet HTML 3Page - Analog Devices AD743JR-16-REEL7 Datasheet HTML 4Page - Analog Devices AD743JR-16-REEL7 Datasheet HTML 5Page - Analog Devices AD743JR-16-REEL7 Datasheet HTML 6Page - Analog Devices AD743JR-16-REEL7 Datasheet HTML 7Page - Analog Devices AD743JR-16-REEL7 Datasheet HTML 8Page - Analog Devices AD743JR-16-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
REV. E
–4–
AD743–Typical Performance Characteristics
20
15
10
05
10
SUPPLY VOLTAGE ( V)
15
20
5
0
RLOAD = 10k
+VIN
–VIN
TPC 1. Input Voltage Swing vs.
Supply Voltage
12
9
6
05
10
SUPPLY VOLTAGE ( V)
15
20
3
0
TPC 4. Quiescent Current vs.
Supply Voltage
300
200
–12
–9
3
6
9
12
–6
COMMON-MODE VOLTAGE (V)
–3
0
100
0
TPC 7. Input Bias Current vs.
Common-Mode Voltage
(@ 25 C, VS = 15 V)
20
15
10
05
10
SUPPLY VOLTAGE ( V)
15
20
50
0
RLOAD = 10k
NEGATIVE
SUPPLY
POSITIVE
SUPPLY
TPC 2. Output Voltage Swing
vs. Supply Voltage
TEMPERATURE ( C)
–60 –40 –20
0
20
40
60
80 100 120 140
10–12
10–11
10–10
10–9
10–8
10–7
10–6
TPC 5. Input Bias Current vs.
Temperature
TEMPERATURE ( C)
–60 –40 –20
0
20
40
60
80 100 120 140
0
10
20
30
40
50
60
70
80
– OUTPUT
CURRENT
+ OUTPUT
CURRENT
TPC 8. Short Circuit Current
Limit vs. Temperature
20
25
30
35
15
10
10
100
1k
LOAD RESISTANCE ( )
10k
5
0
TPC 3. Output Voltage Swing
vs. Load Resistance
1
10
100
200
0.1
10k
100k
1M
FREQUENCY (Hz)
10M
100M
0.01
TPC 6. Output Impedance vs.
Frequency (Closed-Loop Gain = –1)
TEMPERATURE ( C)
–60 –40 –20
0
20
40
60
80 100 120 140
2.0
3.0
4.0
5.0
6.0
7.0
TPC 9. Gain Bandwidth Product
vs. Temperature


Similar Part No. - AD743JR-16-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD743JR-16-REEL7 AD-AD743JR-16-REEL7 Datasheet
268Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. E
AD743JR-16-REEL7 AD-AD743JR-16-REEL7 Datasheet
296Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. E
AD743JR-16-REEL7 AD-AD743JR-16-REEL7 Datasheet
296Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. E
AD743JR-16-REEL7 AD-AD743JR-16-REEL7 Datasheet
230Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. E
AD743JR-16-REEL7 AD-AD743JR-16-REEL7 Datasheet
230Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. E
More results

Similar Description - AD743JR-16-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD743 AD-AD743_03 Datasheet
268Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. E
AD743JR AD-AD743JR Datasheet
296Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. E
AD743 AD-AD743 Datasheet
309Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. C
AD743JRZ-16 AD-AD743JRZ-16 Datasheet
230Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. E
AD743 AD-AD743_15 Datasheet
296Kb / 12P
   Ultralow Noise BiFET Op Amp
Rev. E
AD743JRZ-16 AD-AD743JRZ-16 Datasheet
296Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. E
AD743SQ AD-AD743SQ Datasheet
230Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. E
AD745JR AD-AD745JR Datasheet
343Kb / 12P
   Ultralow Noise, High Speed, BiFET Op Amp
REV. D
AD745SQ AD-AD745SQ Datasheet
343Kb / 12P
   Ultralow Noise, High Speed, BiFET Op Amp
REV. D
AD745KRZ-16 AD-AD745KRZ-16 Datasheet
325Kb / 12P
   Ultralow Noise, High Speed, BiFET Op Amp
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com