Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD745JR-16 Datasheet(PDF) 10 Page - Analog Devices

Part # AD745JR-16
Description  Ultralow Noise, High Speed, BiFET Op Amp
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD745JR-16 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD745JR-16 Datasheet HTML 4Page - Analog Devices AD745JR-16 Datasheet HTML 5Page - Analog Devices AD745JR-16 Datasheet HTML 6Page - Analog Devices AD745JR-16 Datasheet HTML 7Page - Analog Devices AD745JR-16 Datasheet HTML 8Page - Analog Devices AD745JR-16 Datasheet HTML 9Page - Analog Devices AD745JR-16 Datasheet HTML 10Page - Analog Devices AD745JR-16 Datasheet HTML 11Page - Analog Devices AD745JR-16 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
REV. D
AD745
–10–
TWO HIGH PERFORMANCE ACCELEROMETER
AMPLIFIERS
Two of the most popular charge-out transducers are hydrophones
and accelerometers. Precision accelerometers are typically cali-
brated for a charge output (pC/g).* Figures 14 and 15 show two
ways in which to configure the AD745 as a low noise charge
amplifier for use with a wide variety of piezoelectric accelerom-
eters. The input sensitivity of these circuits will be determined
by the value of capacitor C1 and is equal to:
∆V
OUT
=
∆Q
OUT
C1
The ratio of capacitor C1 to the internal capacitance (CT) of the
transducer determines the noise gain of this circuit (1 + CT/C1).
The amplifiers voltage noise will appear at its output amplified
by this amount. The low frequency bandwidth of these circuits
will be dependent on the value of resistor R1. If a “T” network
is used, the effective value is: R1 (1 + R2/R3).
*
pC = Picocoulombs
g = Earth’s Gravitational Constant
R3
1k
R2
9k
R1
110M
(5
22M )
C1
1250pF
B AND K
4370 OR
EQUIVALENT
OUTPUT
0.8mV/pC
AD745
Figure 14. A Basic Accelerometer Circuit
R3
1k
R2
9k
R1
110M
(5
22M )
C1
1250pF
AD745
B AND K
4370 OR
EQUIVALENT
OUTPUT
0.8mV/pC
AD711
C2
2.2 F
R4
18M
R5
18M
C3
2.2 F
Figure 15. An Accelerometer Circuit Employing a DC
Servo Amplifier
A dc servo loop (Figure 15) can be used to assure a dc output
<10 mV, without the need for a large compensating resistor
when dealing with bias currents as large as 100 nA. For optimal
low frequency performance, the time constant of the servo loop
(R4C2 = R5C3) should be:
Time Constant
≥10 R11+
R2
R3


C1
A LOW NOISE HYDROPHONE AMPLIFIER
Hydrophones are usually calibrated in the voltage-out mode.
The circuit of Figures 16 can be used to amplify the output of a
typical hydrophone. If the optional ac coupling capacitor CC is
used, the circuit will have a low frequency cutoff determined by
an RC time constant equal to:
Time Constant
××
10
1
1
2
100
R
CC
πΩ
where the dc gain is 1 and the gain above the low frequency
cutoff (1/(2
π CC(100 Ω))) is equal to (1 + R2/R3). The circuit
of Figure 17 uses a dc servo loop to keep the dc output at 0 V
and to maintain full dynamic range for IB’s up to 100 nA. The
time constant of R7 and C1 should be larger than that of R1
and CT for a smooth low frequency response.
C1*
CC
R3
100
R2
1900
R4*
CT
R1
108
B AND K TYPE 8100 HYDROPHONE
AD745
OUTPUT
INPUT SENSITIVITY = –179dB RE. 1V/mPa**
*OPTIONAL DC BLOCKING CAPACITOR
**OPTIONAL, SEE TEXT
Figure 16. A Low Noise Hydrophone Amplifier
The transducer shown has a source capacitance of 7500 pF. For
smaller transducer capacitances (
≤300 pF), lowest noise can be
achieved by adding a parallel RC network (R4 = R1, C1 = CT)
in series with the inverting input of the AD745.
C1*
R3
100
R2
1900
CT
R4*
108
AD745
OUTPUT
AD711K
R1
108
16M
C2
0.27 F
R5
100k
R4
16M
R6
1M
DC OUTPUT
1mV FOR IB (AD745)
100nA
*OPTIONAL, SEE TEXT
Figure 17. A Hydrophone Amplifier Incorporating a DC
Servo Loop


Similar Part No. - AD745JR-16

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD745JR-16 AD-AD745JR-16 Datasheet
338Kb / 12P
   Ultralow Noise, High Speed, BiFET Op Amp
REV. D
AD745JR-16 AD-AD745JR-16 Datasheet
343Kb / 12P
   Ultralow Noise, High Speed, BiFET Op Amp
REV. D
AD745JR-16 AD-AD745JR-16 Datasheet
343Kb / 12P
   Ultralow Noise, High Speed, BiFET Op Amp
REV. D
AD745JR-16 AD-AD745JR-16 Datasheet
325Kb / 12P
   Ultralow Noise, High Speed, BiFET Op Amp
REV. D
More results

Similar Description - AD745JR-16

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD745JR AD-AD745JR Datasheet
343Kb / 12P
   Ultralow Noise, High Speed, BiFET Op Amp
REV. D
AD745SQ AD-AD745SQ Datasheet
343Kb / 12P
   Ultralow Noise, High Speed, BiFET Op Amp
REV. D
AD745KRZ-16 AD-AD745KRZ-16 Datasheet
325Kb / 12P
   Ultralow Noise, High Speed, BiFET Op Amp
REV. D
AD745 AD-AD745 Datasheet
338Kb / 12P
   Ultralow Noise, High Speed, BiFET Op Amp
REV. D
AD745 AD-AD745_15 Datasheet
343Kb / 12P
   Ultralow Noise, High Speed, BiFET Op Amp
REV. D
AD743 AD-AD743_03 Datasheet
268Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. E
AD743JR AD-AD743JR Datasheet
296Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. E
AD743 AD-AD743 Datasheet
309Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. C
AD743JRZ-16 AD-AD743JRZ-16 Datasheet
230Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. E
AD743 AD-AD743_15 Datasheet
296Kb / 12P
   Ultralow Noise BiFET Op Amp
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com