Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5280BRU20 Datasheet(PDF) 3 Page - Analog Devices

Part # AD5280BRU20
Description  Single/Dual,15 V/5 V,256-Position I2C-Compatible Digital Potentiometer
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5280BRU20 Datasheet(HTML) 3 Page - Analog Devices

  AD5280BRU20 Datasheet HTML 1Page - Analog Devices AD5280BRU20 Datasheet HTML 2Page - Analog Devices AD5280BRU20 Datasheet HTML 3Page - Analog Devices AD5280BRU20 Datasheet HTML 4Page - Analog Devices AD5280BRU20 Datasheet HTML 5Page - Analog Devices AD5280BRU20 Datasheet HTML 6Page - Analog Devices AD5280BRU20 Datasheet HTML 7Page - Analog Devices AD5280BRU20 Datasheet HTML 8Page - Analog Devices AD5280BRU20 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
AD5280/AD5282
Rev. C | Page 3 of
28
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
VDD = +15 V, VSS = 0 V or VDD = +5 V, VSS = −5 V; VLOGIC = 5 V, VA = +VDD, VB = 0 V; −40°C < TA < +85°C, unless otherwise noted.
Table 1.
Parameter
Symbol
Conditions
Min
Typ1
Max
Unit
DC CHARACTERISTICS–RHEOSTAT MODE
Resistor Differential NL2
R-DNL
RWB, VA = NC
−1
±1/4
+1
LSB
Resistor Nonlinearity2
R-INL
RWB, VA = NC
−1
±1/4
+1
LSB
Nominal Resistor Tolerance3
ΔRAB
TA = 25°C
−30
+30
%
Resistance Temperature
Coefficient
(∆RAB/RAB)/∆T x 106
VAB = VDD, wiper = no connect
30
ppm/°C
Wiper Resistance
RW
IW = VDD/R, VDD = 3 V or 5 V
60
150
Ω
DC CHARACTERISTICS–POTENTIOMETER DIVIDER MODE (specifications apply to all VRs)
Resolution
N
8
Bits
Integral Nonlinearity4
INL
−1
±1/4
+1
LSB
Differential Nonlinearity4
DNL
−1
±1/4
+1
LSB
Voltage Divider Temperature
Coefficient
(∆VW/VW)/∆T x 106
Code = 0x80
5
ppm/°C
Full-Scale Error
VWFSE
Code = 0xFF
−2
−1
0
LSB
Zero-Scale Error
VWZSE
Code = 0x00
0
+1
+2
LSB
RESISTOR TERMINALS
Voltage Range5
VA, VB, VW
VSS
VDD
V
Capacitance A, B6
CA, CB
f = 5 MHz, measured to GND,
Code = 0x80
25
pF
Capacitance W6
CW
f = 1 MHz, measured to GND,
Code = 0x80
55
pF
Common-Mode Leakage
ICM
VA = VB = VW
1
nA
Shutdown Current
ISHDN
5
μA
DIGITAL INPUTS AND OUTPUTS
Input Logic High
VIH
0.7 × VL
VL + 0.5
V
Input Logic Low
VIL
0
0.3 × VL
V
Output Logic High (O1, O2)
VIH
4.9
V
Output Logic Low (O1, O2)
VIL
0.4
V
Input Current
IIL
VIN = 0 V or 5 V
±1
μA
Input Capacitance6
CIL
5
pF
POWER SUPPLIES
Logic Supply
VLOGIC
2.7
VDD
V
Power Single-Supply Range
VDD RANGE
VSS = 0 V
4.5
16.5
V
Power Dual-Supply Range
VDD/SS RANGE
±4.5
±5.5
V
Logic Supply Current
ILOGIC
VLOGIC = 5 V
60
μA
Positive Supply Current
IDD
VIH = 5 V or VIL = 0 V
0.1
1
μA
Negative Supply Current
ISS
0.1
1
μA
Power Dissipation7
PDISS
VIH = 5 V or VIL = 0 V, VDD = +5 V, VSS = −5
V
0.2
0.3
mW
Power Supply Sensitivity
PSS
0.002
0.01
%/%
DYNAMIC CHARACTERISTICS6, 8, 9
Bandwidth −3 dB
BW_20K
RAB = 20 kΩ, Code = 0x80
310
kHz
BW_50K
RAB = 50 kΩ, Code = 0x80
150
kHz
BW_200K
RAB = 200 kΩ, Code = 0x80
35
kHz


Similar Part No. - AD5280BRU20

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5280BRU20 AD-AD5280BRU20 Datasheet
156Kb / 10P
   15V, I2C Compatible Digital Potentiometers
REV PrE 12 MAR 02
AD5280BRU200 AD-AD5280BRU200 Datasheet
156Kb / 10P
   15V, I2C Compatible Digital Potentiometers
REV PrE 12 MAR 02
More results

Similar Description - AD5280BRU20

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5280 AD-AD5280_15 Datasheet
964Kb / 28P
   Single/Dual, 15 V/5 V, 256-Position, I2C-Compatible Digital Potentiometer
REV. C
AD5280BRUZ200 AD-AD5280BRUZ200 Datasheet
964Kb / 28P
   Single/Dual, 15 V/짹5 V, 256-Position, I2C-Compatible Digital Potentiometer
REV. C
AD5282 AD-AD5282_15 Datasheet
964Kb / 28P
   Single/Dual, 15 V/5 V, 256-Position, IC-Compatible Digital Potentiometer
REV. C
AD5243 AD-AD5243 Datasheet
1,012Kb / 20P
   Dual 256-Position I2C Compatible Digital Potentiometer
REV. 0
logo
ON Semiconductor
CAT5271 ONSEMI-CAT5271 Datasheet
191Kb / 13P
   Dual 256-Position I2C Compatible Digital Potentiometer
September, 2009 ??Rev. 1
logo
Analog Devices
AD5245BRJ50 AD-AD5245BRJ50 Datasheet
687Kb / 20P
   256-Position I2C-Compatible Digital Potentiometer
REV. B
logo
ON Semiconductor
CAT5171 ONSEMI-CAT5171 Datasheet
171Kb / 12P
   256-Position I2C Compatible Digital Potentiometer
August, 2009 ??Rev. 1
logo
Analog Devices
AD5245BRJ10 AD-AD5245BRJ10 Datasheet
687Kb / 20P
   256-Position I2C-Compatible Digital Potentiometer
REV. B
AD5245 AD-AD5245 Datasheet
995Kb / 16P
   256-Position I2C Compatible Digital Potentiometer
REV. 0
AD5245BRJ5 AD-AD5245BRJ5 Datasheet
687Kb / 20P
   256-Position I2C-Compatible Digital Potentiometer
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com